Part Number Hot Search : 
PP1DM S1201 32HDVA 89HR1KTR B1236A SDS20WM BL2000 MP7610BP
Product Description
Full Text Search
 

To Download EPC3075G-LF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power Transformer
ELECTRONICS INC.
EPC3075G & EPC3075G-LF
* Used in SMPS Forward Topology * Add "-LF" after part number for Lead-Free * UL 1446 Class B Insulation System * UL 94V-0 Recognized Material * High Frequency Transformer * Low Core Loss Material * 2250 Vac Isolation
Primary Specification @ 25C
Inductance (H 25%) @ 100 KHz, 0.1 Vrms 532 Pins 2-3
Leakage Inductance (H Max.)
DCR ( Max.)
Turns Ratio 2%
1.0 Pins 2-3 w/all others shorted
0.070 Pins 2-3
0.118 Pins 1-2
0.023 Pins 5-6
0.014 Pins 6-7
0.047 Pins 9-10
1 : .455 : .136 : .273 : .182 Pins 2-3 : 1-2 : 5-6 : 6-7 : 9-10
Package
1.035 (26.29) .032 (0.81) .197 (5.00) .070 (1.78) 0.865 (21.97) 1 2 .800 Max. (20.32) .591 (15.00) .760 (19.30) Suggested Pad Layout .663 (16.84) 3
Schematic
5 6 7 9 10
.138 (3.51)
.138 (3.51)
.085 (2.16)
.197 (5.00)
.780 (19.80) Marking : PCA EPC3075G(-LF) Date Code .995 Max. (25.27) .430 Max. (10.92)
Notes : 1. Lead Finish 2. Peak Solder Rating 3. Moisture Sensitive Levels (MSL) 4. Weight 5. Packaging Information (Tube)
EPC3075G SnPb 225C 1 (Unlimited, 30C/60%RH) 7.4 grams TBD pcs / tube
EPC3075G-LF Hot Tin Dip (Sn) 245C 1 (Unlimited, 30C/60%RH) 7.4 grams TBD pcs / tube
Leadframe : Matte Tin with Ni Flash Barrier
Unless Otherwise Specified Dimensions are in Inches /mm .010 /.25 PCA ELECTRONICS, INC. 16799 SCHOENBORN ST. NORTH HILLS, CA 91343
Product performance is limited to specified parameters. Data is subject to change without prior notice.
CSC3075G & -LF Rev. 6 7/10/06 FT
TEL: (818) 892-0761 FAX: (818) 894-5791 http://www.pca.com


▲Up To Search▲   

 
Price & Availability of EPC3075G-LF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X