Part Number Hot Search : 
110BC VUO50 DTA144 P4KE2 EDZ30B 6562A 405I31SM 28F008S
Product Description
Full Text Search
 

To Download EPC3024G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Surface Mount Power Transformer
ELECTRONICS INC.
EPC3020G-EPC3027G
Features of the EFD15-6 Series * Low Loss Material ensures operation in High Frequency Switching Converters such as Flyback, Buck, Boost Topology or as Coupled Inductors * UL1446 Class B Insulating System * UL 94V-0 Recognized Material * Very Low Leakage Inductance
Primary Specification
Part Number
Connection
DCR ( Max.) .083 xNs .083 /Np .083 .057xNs .057 /Np .057 .083 xNs .083 /Np .083 .057xNs .057 /Np .057 .083 xNs .083 /Np .083 .057xNs .057 /Np .057 .083 xNs .083 /Np .083 .057xNs .057 /Np .057
Idc (Amps) 2.6 /Ks 2.6 /Kp 1.8 3.6 /Ks 3.6 /Kp 2.17 4.4 /Ks 4.4 /Kp 1.8 5.3 /Ks 5.3 /Kp 2.17 4.4 /Ks 4.4 /Kp 1.8 5.3 /Ks 5.3 /Kp 2.17 4.4 /Ks 4.4 /Kp 1.8 5.3 /Ks 5.3 /Kp 2.17
Inductance (H 20%) @ 0 Adc 23.7 x(Ns) 2 23.7 23.7 11.3 x(Ns) 2 11.3 11.3 12.7 x(Ns) 2 12.7 12.7 6.1 x(Ns) 2 6.1 6.1 10.1 x(Ns) 2 10.1 10.1 4.9 x(Ns) 2 4.9 4.9 7.94 x(Ns) 2 7.94 7.94 3.8 x(Ns) 2 3.8 3.8
Inductance Change @ Idc (Typ.) 28% 28% 6% 26% 26% 4% 6.5% 6.5% 0% 3% 3% 0% 2% 2% 0% 0.5% 0.5% 0% 0% 0% 0% 0% 0% 0%
Vt 1 (V-Sec. Max.) 62.5 xNs 62.5 62.5 43 xNs 43 43 62.5 xNs 62.5 62.5 43 xNs 43 43 62.5 xNs 62.5 62.5 43 xNs 43 43 62.5 xNs 62.5 62.5 43 xNs 43 43
Temp. Rise @ Idc (C Typ.) 20 20 39 24 24 39 39 39 39 39 39 39 39 39 39 39 39 39 39 39 39 39 39 39
EPC3020G EPC3021G EPC3022G EPC3023G EPC3024G EPC3025G EPC3026G EPC3027G
Series Parallel Single Wdg Series Parallel Single Wdg Series Parallel Single Wdg Series Parallel Single Wdg Series Parallel Single Wdg Series Parallel Single Wdg Series Parallel Single Wdg Series Parallel Single Wdg
* Switching Frequency : Up to 1 MHz * Isolation : 500 Vrms *
Package EFD15-6
Pin 1 I.D.
1
Schematic
Notes : 1. Ns = Number of series connections 2. Np = Number of parallel connections 3. Ks = Ns x 6/Ns 4. Kp = 6/Np 1 12 2 11 3 10 1:1:1:1:1:1 4 9 5 8 6 7
.646 Max. (16.40)
12 PCA EPC30XXG D.C. 6 7
.028 (.700)
.098 .492 (2.50) (12.50)
.709 Max. (18.00)
0-8 .072 (1.82) .837 (21.25)
.016 (.400)
.315 Max. (8.00)
.012 (.300)
Unless Otherwise Specified Dimensions are in Inches /mm .010 /.25 PCA ELECTRONICS, INC. 16799 SCHOENBORN ST. NORTH HILLS, CA 91343
Product performance is limited to specified parameters. Data is subject to change without prior notice.
CSC3020G-CSC3027G Rev. 2 12/18/02
TEL: (818) 892-0761 FAX: (818) 894-5791 http://www.pca.com


▲Up To Search▲   

 
Price & Availability of EPC3024G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X