Part Number Hot Search : 
3261I07 CJL818C 3P242L 000A9 FR16JR02 OM5193 IZ1583 MBR1040F
Product Description
Full Text Search
 

To Download EPC3008 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ELECTRONICS, INC.
Forward Transformer EPC3008
* 200 KHz Switching Frequency * * Used in Forward Converter Topology * * Isolation : 500Vrms *
Primary Specifications :
Inductance (H Min.) @ 10 KHz, 0.1 Vrms 408 Pins 4-3, 5-4 --.226 Pins 5-4, 4-3 --.189 Pins 10-2 DCR ( Max.) --.142 Pins 9-2 --1.80 Pins 1-6, 7-1 --0.9 Pins 8-1
Magnetic Design @ V in : 18-36 V, V out, I out see below *
Core Loss (mW) --87 1:0.5 Pins 5-3:5-4 --1:0.391 Pins 5-3:10-2 Turns Ratio Temp. Rise (C Typ.) --1:0.804 Pins 5-3:7-1 --1:0.391 Pins 5-3:8-1 --23 ---
--1:0.283 Pins 5-3:9-2
--1:0.804 Pins 5-3:1-6
A
Schematic Package
6
10 +5 V, 200 mA 2
10
Top PCA EPC3008 D.C.
B
5 reset 4 V in 18-36 3
9 7 1 6
+3.3 V, 1.1 A +12 V, 150 mA
5
1
-12 V, 150 mA
8
-5 V, 100 mA
C E
Dim. A B C D E F G H J M N Q
Dimensions
(Inches) Min. Max. --.560 --.560 --.520 --------------------.100 .130 ------------Nom. ------.400 .039 .100 .400 .024 .115 .039 .100 .400 (Millimeters) Min. Max. Nom. --12.22 ----14.22 ----13.21 ------10.16 ----1.00 ----2.54 ----10.16 ----.600 2.54 3.30 2.92 ----1.00 ----2.54 ----10.16
J F D H(sq.) G
1
5
Bottom
Q
10
6
M
N
PCA ELECTRONICS, INC. 16799 SCHOENBORN ST. NORTH HILLS, CA 91343
CSC3008
Rev. 1 5/30/01
Product performance is limited to specified parameters. Data is subject to change without prior notice.
TEL: (818) 892-0761 FAX: (818) 894-5791 http://www.pca.com


▲Up To Search▲   

 
Price & Availability of EPC3008

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X