Part Number Hot Search : 
SAA7376 HCPL0710 1N962 SNC15168 U225K035 CDLL982B MB89182 SSS5N90A
Product Description
Full Text Search
 

To Download EPC3001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Flyback Transformer
ELECTRONICS INC.
EPC3001
* Gapped Transformer * * 1500 Vrms Isolation * * Switching Frequency : 100 KHz *
Primary Specification
Inductance (H 20%) @ 0 Adc @ 100 KHz, .1 Vrms 47 Pins 1-2 0.075 Pins 1-2 0.650 Pins 5-6 DCR ( Max.)
Magnetic Design @ V out : -67V
Leakage Inductance (H Max.) @ 100 KHz, .1 Vrms .6 Pins 1-2 w/ 5-6 shorted 5% Max Inductance Change @ 1.77 Adc
* I out : .33Adc * V in : -24V * I in : 1.17Adc Core Loss (mW) Turns Ratio Temperature Rise (C Max.)
Inductance Change @ 1.17 Adc
3% Max
145
1:4 Pins 1-2 : Pins 5-6
27
Package
A
6 4 1
PCA EPC3001
Top View
Schematic
6 5
2
B
Pin 1 I.D
D.C.
Pin 3 & 4 not connected
Dimensions
1 3 (Inches) Max. Nom. .768 .758 .441 ------.402 ------.846 .118 .140 --(Millimeters) Min. Max. Nom. --------------19.50 29.85 11.20 ------10.20 ------21.50 3.00 3.55 ---
C E F
G 1 Bottom View
Dim. A B C D E F G
Min. ---------------
H
D
PCA ELECTRONICS, INC. 6799 SCHOENBORN ST. NORTH HILLS, CA 91343
CSC3001
Rev. -
2/14/01
Product performance is limited to specified parameters. Data is subject to change without prior notice.
TEL: (818) 892-0761 FAX: (818) 894-5791 http://www.pca.com


▲Up To Search▲   

 
Price & Availability of EPC3001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X