Part Number Hot Search : 
ESD9B5VD TA5010 E213I NS320 25001 15KP40CA 015L00 PIC16F
Product Description
Full Text Search
 

To Download EPC1091H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ethernet DC/DC Converter EPC1091P & EPC1091H
Features 75 % Typical efficiency at full load Dual, Unregulated Output Input / Output Isolation Input filter to reduce input ripple current Designed for low common mode noise Electrical Specifications
PCA P/N EPC1091P EPC1091H Standard Package E10 E10 Optional Packages E10-G*, F5 E10-G*, F5, E13 *Note : Package with G = Surface Mount Device Input Voltage V 5.0 5.0 Output Voltage V 12 5% 12 5% Output Current mA Max. 100 Max. 100 Max. Output Ripple & Noise @ 20 MHz BW mV p-p 100 Max. 100 Max. Isolation Vrms 500 2000
Pin Connections for E10 N/C 24 N/C 13
Pin Connections for E10-G N/C 24 N/C 13
Pin Connections for E13 Vin+ Vo- Vo RTN Vo+ Vin15 14 13 24 23 22
Pin Connections for F5
1 3 V in+ V in-
10 11 12 3 1 V o- RTN V out+ V in+ V in-
1 1 2 3 10 11 12 V in+ 10 11 12 Vo+ VinV o- RTNV out+ Vin+ Vo- Vo RTN
3 V in-
10 11 12 V o- RTN V o+
PACKAGE E10
PCA EPC1091P Date Code .585 Max. 5V 12V 1.30 Max. .02 Typ. .375 Max .125 Min. .018 Typ. 1.100 .100 Typ. .008 .012 .635 Typ.
PACKAGE E10-G
PCA EPC1091PE10-G .585 Max. Date Code 5V 12V .200 1.30 Max. .35 Max 1.100 .020 Typ. .010 Typ. .050 .100 Typ. .600 .700 Typ.
PACKAGE F5
.34 1.30 Max. PCA EPC1091PF5 Date Code .015 .58 Max. 5V 12V .25 Min. .200 .020 Typ. 1.100 .100 Typ. .009 .013 .08
PACKAGE E13
PCA EPC1091HE13 Date Code .585 Max. 5V 12V
1.300 Max. .020 Typ. .375 Max .125 Min. .018 Typ. 1.100 .100 Typ. .008 .012 .635 Typ.
DSC1091 Rev, 2
6/3/96
QAF-CSO6 Rev. B 9/9/94
Unless Otherwise Noted Dimensions in Inches Tolerances: Fractional = 1/32 .XX = .030 .XXX = .010
ELECTRONICS
INC.
16799 SCHOENBORN ST. NORTH HILLS, CA 91343 TEL: (818) 892-0761 FAX: (818) 894-5791


▲Up To Search▲   

 
Price & Availability of EPC1091H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X