Part Number Hot Search : 
E47N50 BD230 CM7007 8HC90 C3112 U1ZB150 T89C51 CD33X
Product Description
Full Text Search
 

To Download EPC1054H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ethernet DC/DC Converter EPC1054P & EPC1054H
Features 70 % Typical efficiency at full load @ nominial input voltage Regulated Output Enable Low Electrical Specifications
PCA P/N EPC1054P EPC1054H Standard Package E8 E8 Optional Packages E6, E6-G* E6, E7, E6-G* E7-G* Input Voltage V 5.0 10% 5.0 10% Output Output Current Output Ripple & Noise Voltage V mA Max. @ 20 MHz BW mV p-p 9.0 5% 9.0 5% 225 Max. 225 Max. 100 Max. 100 Max. Isolation Vrms 500 2000
Input / Output Isolation Input filter to reduce input ripple current Designed for low common mode noise
Pin Connections for E8
Pin Connections for E6
N/C 13 24 V in23 N/C 13
PACKAGE E8
1.00 White Dot Pin 1 PCA EPC1054P Date Code +5V -9V .600 1.30 Max. .020 Typ. .375 Max .125 Min. .018 Typ. 1.100 .100 Typ. (6 Plcs)
V in24 23
.585 Max.
1 2 3 ENABLE 9 10 V o11 12 1 V in+ 2 3 ENABLE 9 V o12 V o+ V in+ V o+
Pin Connections for E7
V in+ 24 V o- V o+ V in15 14 13
.008 .012 .635 Typ.
1 V in+ 2 ENABLE 10 V o11 12 V o+ V in-
PACKAGE E6
1.00 PCA EPC1054PE6 Date Code +5V -9V .600 1.30 Max. .020 Typ. .375 Max .125 Min. .018 Typ. 1.100 .100 Typ. (3 Plcs) .008 .012 .635 Typ. .300
PACKAGE E7
.900 PCA EPC1054HE7 Date Code +5V -9V .100 Typ. (5 Plcs) .800 1.30 Max. .020 Typ. .375 Max .125 Min. .018 Typ. 1.100 .008 .012 .635 Typ.
.585 Max.
.585 Max.
DSC1054P&H
Rev. B 5/30/96
QAF-CSO6 Rev. B 9/9/94
Unless Otherwise Noted Dimensions in Inches Tolerances: Fractional = 1/32 .XX = .030 .XXX = .010
ELECTRONICS
INC.
16799 SCHOENBORN ST. NORTH HILLS, CA 91343 TEL: (818) 892-0761 FAX: (818) 894-5791


▲Up To Search▲   

 
Price & Availability of EPC1054H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X