Part Number Hot Search : 
7SZ12 16N25 50310 500BP 2SC5415A 5B28D 240000 DM0765
Product Description
Full Text Search
 

To Download EPC1019P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ethernet DC/DC Converter EPC1019P & EPC1019H
Features 70 % Typical efficiency at full load DC - DC Regulated Converter Designed for low common mode noise Input / Output Isolation Input filter to reduce input ripple current Enable pin active high Electrical Specifications for EPC1019P & EPC1019H
Parameters
Input Voltage ( for specified output ) Output Voltage Output Current Output Ripple & Noise @ 20 MHz BW Isolation Part Number EPC1019P Part Number EPC1019H 12 10 % -95% 200 Max. 100 P:P Max
Units
Volts Volts mA mV
Pin Connections
Pins 1&2 V in + ( + 12V )
Pin Connections
Pins 9 & 10 V out ( - 9V )
Pins 23 & 24 V in Pin 22
Pins ( 12V RTN ) 11 & 12 V out + Pin 3 N/C
( - 9V RTN )
Enable Pins 13-16 N/C
500 2000
Vrms Vrms
Package
.600 White Dot Pin 1 PCA EPC1019P Date Code +12V -9V .700
.585 Max.
1.30 Max. .02 Typ.
.375 Max .125 Min. .008 .012 .635 Typ.
.018 Typ.
1.100 .100 Typ. 9 Plcs)
ELECTRONICS EPC1019P 9/91
INC.
16799 SCHOENBORN ST. NORTH HILLS, CA 91343 TEL: (818) 892-0761 FAX: (818) 894-5791 WEB: http://www.pca.com


▲Up To Search▲   

 
Price & Availability of EPC1019P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X