Part Number Hot Search : 
BC847B PJ1509 CLL4614 CLL4614 S78DL33 5KE110 CLL4614 11640
Product Description
Full Text Search
 

To Download EPC1008PE4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ethernet DC/DC Converter
ELECTRONICS INC.
EPC1008PE4
* Designed for Low Common Mode Noise * * Unregulated Output * * 75% Efficiency at Full Load @ Nominial Input Voltage * * Input Filter to Reduce Input Ripple Current * * Input/Output Isolation : 500 Vrms *
Electrical Specifications
Parameters Input Voltage Output Voltage Output Current Output Ripple & Noise @ 20 MHz BW --Min. ----------Typ. 12 9 5% ------Max. ----200 100 --Units Volts Volts mA mV p-p ---
Pin Connections
V in+ 24 N/C 23 & 22 V o- V o+ 15 14 V in13
Package E4
1 V in+
2&3 N/C
10
11
12 V in-
V o- V o+
White Dot Pin 1
PCA EPC1008PE4 Date Code 12V 9V A
Dimensions
B
Dim. (Inches) Min. Max. Nom. Min. (millimeters) Max. Nom.
J
C E H D F G I
A B C D E F G H I J
1.280 .565 ----.125 ----.018 .008 ---
1.300 1.290 32.51 33.02 32.77 .585 .575 14.35 14.86 14.61 .375 ----9.53 ----1.100 ----- 27.94 ----3.18 ------.100 ----2.54 --.635 ----- 16.13 .022 .020 .457 .556 .508 .012 .010 .203 .305 .254 --.020 ----.508
PCA ELECTRONICS, INC. 16799 SCHOENBORN ST. NORTH HILLS, CA 91343
CSC1008PE4
Rev. -
3/20/01
Product performance is limited to specified parameters. Data is subject to change without prior notice.
TEL: (818) 892-0761 FAX: (818) 894-5791 http://www.pca.com


▲Up To Search▲   

 
Price & Availability of EPC1008PE4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X