Part Number Hot Search : 
BU2510 DT74FCT1 FC161 WAB060 R12SD12 2N2854 ADT731 MD1973
Product Description
Full Text Search
 

To Download EPC1000P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ethernet DC/DC Converter EPC1000P
Features 70 % Minimum efficiency at full load Designed for low common mode noise Input filter to reduce input ripple current (Less than 10 mA p-p typical) Fuse Protected Electrical Specifications
Parameters
Input Voltage Output Voltage Output Current Output Ripple & Noise @ 20 MHz BW Input Ripple Current I/O Isolation Part Number EPC1000P
Pulse Width Modulator Circuit (For high efficiency and excellent line and load regulation.) Input / Output Isolation
Min.
4.0 -8.55 0 ----
Typ.
5.0 -9.0 -------
Max.
7.5 -9.45 250 200
Units
Volts Volts mA mV p-p
---500
-------
10 ----
mA p-p Vrms
Package A1
-9V
Pin Connection Diagram
PCA EPC1000P Date Code
+5V
White Dot Pin 1 1.300 Max.
V in4 .530 Max .110 / .140 1.100 .010
1
V o3
.015 .025 Dia. Leads
1 V in+
2
2 V o+
.800 Max.
.600 .010
4 3
DSC1000
Rev.H
4/22/96
QAF-CSO6 Rev. B 9/9/94
Unless Otherwise Noted Dimensions in Inches Tolerances: Fractional = 1/32 .XX = .030 .XXX = .010
ELECTRONICS
INC.
16799 SCHOENBORN ST. NORTH HILLS, CA 91343 TEL: (818) 892-0761 FAX: (818) 894-5791


▲Up To Search▲   

 
Price & Availability of EPC1000P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X