Part Number Hot Search : 
53200 SMBJ75A 1431C SMBJ75A 00SERI S1033 NCV2901 TC153
Product Description
Full Text Search
 

To Download EPB5118G-RC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VDSL Hybrid / Filter Module
ELECTRONICS INC.
EPB5118G & EPB5118G-RC
* * * * * Designed for CO side application Optimized for Long and Short Haul Solutions Add "-RC" after part number for RoHS Compliant Robust construction for IR processes Isolation: 1500 Vrms
Electrical Parameters @ 25C
Cut-off Frequency (MHz) Lower Band BF1 BF2 0.9 4.1 Upper Band 3.4 7.9 Insertion Loss (dB Max.) 1.0-2.5 MHz -2.5 --4.5-6.3 MHz ---2.5 Return Loss (dB Min.) 1.0-2.5 MHz -12 --4.5-6.3 MHz ---12 @ 0.2 MHz -50 -50 Attenuation (dB Min.) @ 3.4 MHz ---20 @ 4.1 MHz -20 --@ 40 MHz -30 -50 Common Mode Rejection (dB Min.) 0.3-100 MHz -40 Crosstalk (dB Min.) 0.1-2.5 MHz -40 4.5-100 MHz -40
Package
1.360 (34.54) .130 (3.30) Pin 1 I.D.
24
Schematic
Chip Side 1 BPF2 40 2 24 270 23 Cable Side 14 (TIP) 100 BPF1 13 (RING)
.100 (2.54)
13
.090 (2.29)
PCA EPB5118G(-RC) Date Code
.740 (18.80)
.900 (22.90)
1
Pad Layout
12
All unused pins-gnded 1.100 (27.94) .010/.015 (.254/.381) .050 (1.27) 0-8 .008/.012 (.203/.305)
.280 (7.11) .016/.022 (.406/.559)
.100 (2.54)
.035 (.889) .860 (21.84)
Notes : 1. Lead Finish 2. Peak Temperature Rating 3. Moisture Sensitive Levels 4. Weight 5. Packaging Information (Tube) (Tape & Reel)
EPB5118G SnPb 225C
(168 Hours, 30C/60%RH)
EPB5118G-RC Hot Tin Dip (Sn) 245C
(72 Hours, 30C/60%RH)
MSL = 3
MSL = 4
4.77 grams 15 pieces/tube TBD pieces/13" reel
4.77 grams 15 pieces/tube TBD pieces/13" reel
Lead Material : Ni Barrier over Cu
Unless Otherwise Specified Dimensions are in Inches /mm .010 /.25 PCA ELECTRONICS, INC. 16799 SCHOENBORN ST. NORTH HILLS, CA 91343
Product performance is limited to specified parameters. Data is subject to change without prior notice.
CSB5118G & -RC Rev. 2 6/7/07 JDG
TEL: (818) 892-0761 FAX: (818) 894-5791 http://www.pca.com


▲Up To Search▲   

 
Price & Availability of EPB5118G-RC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X