Part Number Hot Search : 
VA2ASG 2101A P6KE150A ENL9654 PL001 G2002 2SB1604 TMS77C82
Product Description
Full Text Search
 

To Download ECT10-RC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Miniature 10Base-T Interface Module with Enhanced CMA
ELECTRONICS INC.
ECT10 & ECT10-RC
* Enhanced Common Mode Attenuation * Complies with or exceed IEEE802.3, 10Base-T Requirements * Robust design allows to withstand SMD soldering profiles * Add "-RC" after part number for RoHS Compliant
Electrical Parameters @ 25 C
Cut-off Frequency (MHz) 1.0 MHz Xmit 17 Rcv 17 Insertion Loss (1) (dB Max.) 1-10 MHz Xmit -1.5 Rcv -1.5 @ 20 MHz Xmit -7 Rcv -6 @ 25 MHz Xmit -19 Rcv -14 Attenuation (dB Min.) @ 30 MHz Xmit -32 Rcv -20 @ 40 MHz Xmit -35 Rcv -31
* (1) Referenced to the Output Level Fundamental Frequency @ 5 MHz *
Package
.500 (12.70) .075 (1.90) PCA ECT10(-RC) Date Code .050 (1.27) .075 (1.90) 1 100 .250 (6.35) .460 (11.68) Solder Pad Layout 3 LPF
Schematic
Transmit Channel 16 2 1:1 15 100 14
Pin 1 I.D.
.350 (8.89)
Receive Channel .030 (.762) 6 100 LPF 7 1:1 11 10 100 9
.325 (8.25)
.010/.015 (.254/.381)
0-8
.008/.012 (.203/.305)
8
.016/.022 (.406/.559)
.050 (1.27)
.060/.065 (1.52/1.65) .420 (10.67)
Notes : 1. Lead Finish 2. Peak Temperature Rating 3. Moisture Sensitive Levels 4. Weight (Tube) 5. Packaging Information (*Add "TR" to end of part number, but (Tape & Reel) in front of "-RC"when placing order)
ECT10 SnPb 225C
(168 Hours, 30C/60%RH)
ECT10-RC Hot Tin Dip (Sn) 245C
(72 Hours, 30C/60%RH)
MSL = 3
MSL = 4
0.84 grams 39 pieces/tube 600 pieces/13" reel
(*ECT10TR)
0.84 grams 39 pieces/tube 600 pieces/13" reel
(*ECT10TR-RC)
Hot tin dipped over Matte Tin with Ni Barrier
Unless Otherwise Specified Dimensions are in Inches /mm .010 /.25 PCA ELECTRONICS, INC. 16799 SCHOENBORN ST. NORTH HILLS, CA 91343
Product performance is limited to specified parameters. Data is subject to change without prior notice.
CSECT10 & -RC Rev. C2 6/26/06 JGD
TEL: (818) 892-0761 FAX: (818) 894-5791 http://www.pca.com


▲Up To Search▲   

 
Price & Availability of ECT10-RC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X