Part Number Hot Search : 
MG200 MG200 SNC12060 MBR164 DG413DY HWD82 SC413 S1M8831A
Product Description
Full Text Search
 

To Download DUR07C2-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Part Number:
www.SunLED.com
DUR07C2-1
7mm (0.28") DUAL DIGIT NUMERIC DISPLAY
PRELIMINARY SPEC
Features
0.28 INCH DIGIT HEIGHT. LOW CURRENT OPERATION. EXCELLENT CHARACTER APPEARANCE. EASY MOUNTING ON P.C. BOARDS OR SOCKETS. I.C. COMPATIBLE. TWO DIGIT PACKAGE SIMPLIFIES ALIGNMENTS & ASSEMBLY. MECHANICALLY RUGGED. STANDARD: GRAY FACE, WHITE SEGMENT.
RoHS COMPLIANT.
Operating Characteristics (TA=25C) Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3.Specifications are subject to change without notice. Absolute Maximum Ratings (TA=25C) Reverse Voltage Forward Current Forward Current (Peak) 1/10 Duty Cycle 0.1ms Pulse Width Power Dissipation Operating Temperature Storage Temperature Lead Solder Temperature [2mm Below Package Base] Part Number Emitting Color VR IF iFS PT TA Tstg UR (GaAsP/ GaP) 5 30 160 75 -40 ~ +85 -40 ~ +85 Unit V mA mA mW C Forward Voltage (Typ.) (IF=10mA) Forward Voltage (Max.) (IF=10mA) Reverse Current (Max.) (VR=5V) Wavelength Of Peak Emission (Typ.) (IF=10mA) Wavelength Of Dominant Emission (Typ.) (IF=10mA) Spectral Line Full Width At Half-Maximum (Typ.) (IF=10mA) Capacitance (Typ.) (VF=0V, f=1MHz) VF VF IR
UR (GaAsP/GaP) 1.9 2.5 10
Unit V V uA
P
627
nm
D
625
nm
45
nm
C
15
pF
260C For 3~5 Seconds Luminous Intensity (IF=10mA) ucd min. typ. 3490 V2 627 Common Cathode, Rt. Hand Decimal Checked : Shin Chi P.1/4 Wavelength nm P
Emitting Material
Description
DUR07C2-1
Red
GaAsP/GaP
800
Published Date : MAR 04, 2008
Drawing No : SDSA4541
Part Number:
www.SunLED.com
DUR07C2-1
7mm (0.28") DUAL DIGIT NUMERIC DISPLAY
UR
Published Date : MAR 04, 2008
Drawing No : SDSA4541
V2
Checked : Shin Chi
P.2/4
Part Number:
www.SunLED.com
DUR07C2-1
7mm (0.28") DUAL DIGIT NUMERIC DISPLAY
Remarks: If special sorting is required (e.g. binning based on forward voltage, Luminous intensity / luminous flux, or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous intensity / luminous flux: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters.
Published Date : MAR 04, 2008
Drawing No : SDSA4541
V2
Checked : Shin Chi
P.3/4
Part Number:
www.SunLED.com
DUR07C2-1
7mm (0.28") DUAL DIGIT NUMERIC DISPLAY
PACKING & LABEL SPECIFICATIONS
DUR07C2-1
Published Date : MAR 04, 2008
Drawing No : SDSA4541
V2
Checked : Shin Chi
P.4/4


▲Up To Search▲   

 
Price & Availability of DUR07C2-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X