Part Number Hot Search : 
C144EF DF08S AD517L 32300 2N4985 X1624 GP30M GP30M
Product Description
Full Text Search
 

To Download DS28EA00U Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Rev 2; 4/09
1-Wire Digital Thermometer with Sequence Detect and PIO
General Description
The DS28EA00 is a digital thermometer with 9-bit (0.5C) to 12-bit (1/16C) resolution and alarm function with nonvolatile (NV), user-programmable upper and lower trigger points. Each DS28EA00 has its own unique 64-bit registration number that is factory programmed into the chip. Data is transferred serially through the 1-Wire(R) protocol, which requires only one data line and a ground reference for communication. The improved 1-Wire front-end with hysteresis and glitch filter enables the DS28EA00 to perform reliably in large 1-Wire networks. Unlike other 1-Wire thermometers, the DS28EA00 has two additional pins to implement a sequence-detect function. This feature allows the user to discover the registration numbers according to the physical device location in a chain, e.g., to measure the temperature in a storage tower at different height. If the sequence-detect function is not needed, these pins can be used as general-purpose input or output. The DS28EA00 can derive the power for its operation directly from the data line ("parasite power"), eliminating the need for an external power supply.
Features
Digital Thermometer Measures Temperatures from -40C to +85C Thermometer Resolution is User Selectable from 9 to 12 Bits Unique 1-Wire Interface Requires Only One Port Pin for Communication Each Device Has a Unique 64-Bit, FactoryLasered Registration Number Multidrop Capability Simplifies Distributed Temperature-Sensing Applications Improved 1-Wire Interface with Hysteresis and Glitch Filter User-Definable NV Alarm Threshold Settings/User Bytes Alarm Search Command to Quickly Identify Devices Whose Temperature is Outside of Programmed Limits Standard and Overdrive 1-Wire Speed Two General-Purpose Programmable IO (PIO) Pins Chain Function Sharing the PIO Pins to Detect Physical Sequence of Devices in Network Operating Range: +3.0V to +5.5V, -40C to +85C Can Be Powered from Data Line 8-Pin SOP Package
Pin Configuration appears at end of data sheet.
DS28EA00
Applications
Data Communication Equipment Process Temperature Monitoring HVAC Systems
Ordering Information
PART DS28EA00U+ DS28EA00U+T&R TEMP RANGE -40C to +85C -40C to +85C PIN-PACKAGE 8 SOP 8 SOP
+Denotes a lead(Pb)-free/RoHS-compliant package. T&R = Tape and reel.
Typical Operating Circuit
VDD 1-Wire MASTER PX. Y #1 VDD IO DS28EA00 MICROCONTROLLER PIOB GND PIOA PIOB GND PIOA PIOB GND PIOA IO DS28EA00 #2 VDD IO DS28EA00 #3 VDD
NOTE: SCHEMATIC SHOWS PIO PINS WIRED FOR SEQUENCE-DETECT FUNCTION.
1-Wire is a registered trademark of Maxim Integrated Products, Inc.
________________________________________________________________ Maxim Integrated Products 1
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642, or visit Maxim's website at www.maxim-ic.com.
1-Wire Digital Thermometer with Sequence Detect and PIO DS28EA00
ABSOLUTE MAXIMUM RATINGS
IO Voltage Range to GND ........................................-0.5V to +6V IO Sink Current....................................................................20mA Maximum PIOA or PIOB Pin Current...................................20mA Maximum Current Through GND Pin ..................................40mA Operating Temperature Range ...........................-40C to +85C Junction Temperature ......................................................+150C Storage Temperature Range .............................-55C to +125C Soldering Temperature...........................Refer to the IPC/JEDEC J-STD-020 Specification.
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
(TA = -40C to +85C.) (Note 1)
PARAMETER POWER SUPPLY Supply Voltage Supply Current (Note 3) Standby Current IO PIN: GENERAL DATA 1-Wire Pullup Voltage (Note 2) 1-Wire Pullup Resistance Input Capacitance Input Load Current High-to-Low Switching Threshold Input Low Voltage (Notes 2, 8) Low-to-High Switching Threshold (Notes 3, 6, 9) Switching Hysteresis (Notes 3, 6, 10) Output Low Voltage (Note 11) Recovery Time (Notes 2, 12) VPUP RPUP CIO IL VTL VIL VTH VHY VOL Local power Parasite power (Notes 2, 4) (Notes 3, 5) IO pin at VPUP (Notes 3, 6, 7) Parasite powered VDD powered (Note 3) Parasite power Parasite power At 4mA Standard speed, RPUP = 2.2k Overdrive speed, RPUP = 2.2k Overdrive speed, directly prior to reset pulse; RPUP = 2.2k Standard speed Overdrive speed Standard speed Overdrive speed Standard speed Overdrive speed 5 2 5 0.5 65 8 480 48 640 80 5.0 s s s 1.0 0.21 0.1 0.46 3.0 3.0 0.3 VDD 5.5 2.2 1000 1.5 VPUP 1.9V 0.5 0.7 VPUP 1.1V 1.7 0.4 V k pF A V V V V V VDD IDD IDDS (Note 2) VDD = +5.5V VDD = +5.5V 3.0 5.5 1.5 1.5 V mA A SYMBOL CONDITIONS MIN TYP MAX UNITS
tREC
Rising-Edge Hold-Off Time (Notes 3, 13) Time-Slot Duration (Notes 2, 14)
tREH t SLOT
Not applicable (0)
IO PIN: 1-Wire RESET, PRESENCE-DETECT CYCLE Reset Low Time (Note 2) tRSTL s
2
_______________________________________________________________________________________
1-Wire Digital Thermometer with Sequence Detect and PIO
ELECTRICAL CHARACTERISTICS (continued)
(TA = -40C to +85C.) (Note 1)
PARAMETER Presence-Detect High Time Presence-Detect Fall Time (Notes 3, 15) Presence-Detect Low Time Presence-Detect Sample Time (Notes 2, 16) IO PIN: 1-Wire WRITE Write-Zero Low Time (Notes 2, 17) Write-One Low Time (Notes 2, 17) IO PIN: 1-Wire READ Read Low Time (Notes 2, 18) Read Sample Time (Notes 2, 18) PIO PINS Input Low Voltage Input High Voltage (Note 2) Input Load Current (Note 19) Output Low Voltage (Note 11) Chain-On Pullup Impedance EEPROM Programming Current Programming Time Write/Erase Cycles (Endurance) (Notes 22, 23) Data Retention (Notes 24, 25) TEMPERATURE CONVERTER Conversion Current ICONV (Notes 3, 20) 12-bit resolution (1/16C) Conversion Time (Note 26) tCONV 11-bit resolution (1/8C) 10-bit resolution (1/4C) 9-bit resolution (1/2C) Conversion Error Converter Drift
D
DS28EA00
SYMBOL t PDH tFPD t PDL tMSP
CONDITIONS Standard speed Overdrive speed Standard speed Overdrive speed Standard speed Overdrive speed Standard speed Overdrive speed Standard speed Overdrive speed Standard speed Overdrive speed Standard speed Overdrive speed Standard speed Overdrive speed (Note 2) VX = Max(VPUP, VDD) Pin at GND At 4mA (Note 3) (Notes 3, 20) (Note 21) At +25C -40C to +85C At +85C (worst case)
MIN 15 2 1.125 0 60 8 68.1 7.3 60 6 5 1 5 1 tRL + tRL +
TYP
MAX 60 6 8.1 1.3 240 24 75 10 120 16 15 2 15 215 2 0.3
UNITS s s s s
tW0L tW1L
s s
tRL tMSR
s s
VILP VIHP ILP VOLP RCO I PROG t PROG NCY tDR
V V A
VX - 1.6 -1.1 0.4 20 40 60 1.5 10 200,000 50,000 10 1.5 750 375 187.5 93.75 -0.5 -0.5 -0.2 +0.5 +2.0 +0.2
V k mA ms -- Years mA
ms
-10C to +85C Below -10C (Note 3) (Note 27)
C C
_______________________________________________________________________________________
3
1-Wire Digital Thermometer with Sequence Detect and PIO DS28EA00
ELECTRICAL CHARACTERISTICS (continued)
(TA = -40C to +85C.) (Note 1) Note 1: Note 2: Note 3: Note 4: Specifications at TA = -40C are guaranteed by design and not production tested. System requirement. Guaranteed by design, characterization, and/or simulation only. Not production tested. Maximum allowable pullup resistance is a function of the number of 1-Wire devices in the system and 1-Wire recovery times. The specified value here applies to parasitically powered systems with only one device and with the minimum 1-Wire recovery times. For more heavily loaded systems, local power or an active pullup such as that found in the DS2482-x00, DS2480B, or DS2490 may be required. If longer tREC is used, higher RPUP values may be tolerable. Value is 25pF maximum with local power. Maximum value represents the internal parasite capacitance when VPUP is first applied. If RPUP = 2.2k, 2.5s after VPUP has been applied, the parasite capacitance does not affect normal communications. VTL, VTH, and VHY are a function of the internal supply voltage, which is a function VDD, VPUP, RPUP, 1-Wire timing, and capacitive loading on IO. Lower VDD, VPUP, higher RPUP, shorter tREC, and heavier capacitive loading all lead to lower values of VTL, VTH, and VHY. Voltage below which, during a falling edge on IO, a logic 0 is detected. The voltage on IO must be less than or equal to VILMAX at all times when the master drives the line to a logic 0. Voltage above which, during a rising edge on IO, a logic 1 is detected. After VTH is crossed during a rising edge on IO, the voltage on IO must drop by at least VHY to be detected as logic 0. The I-V characteristic is linear for voltages less than +1V. Applies to a single parasitically powered DS28EA00 attached to a 1-Wire line. These values also apply to networks of multiple DS28EA00 with local supply. The earliest recognition of a negative edge is possible at tREH after VTH has been reached on the preceding rising edge. Defines maximum possible bit rate. Equal to 1/(tW0LMIN + tRECMIN). Interval during the negative edge on IO at the beginning of a presence-detect pulse between the time at which the voltage is 80% of VPUP and the time at which the voltage is 20% of VPUP. Interval after tRSTL during which a bus master is guaranteed to sample a logic 0 on IO if there is a DS28EA00 present. Minimum limit is tPDHMAX + tFPDMAX; the maximum limit is tPDHMIN + tPDLMIN. in Figure 13 represents the time required for the pullup circuitry to pull the voltage on IO up from VIL to VTH. The actual maximum duration for the master to pull the line low is tW1LMAX + tF - and tW0LMAX + tF - , respectively. in Figure 13 represents the time required for the pullup circuitry to pull the voltage on IO up from VIL to the input-high threshold of the bus master. The actual maximum duration for the master to pull the line low is tRLMAX + tF. This load current is caused by the internal weak pullup, which asserts a logic 1 to the PIOB and PIOA pins. The logical state of PIOB must not change during the execution of the Conditional Read ROM command. Current drawn from IO during EEPROM programming or temperature conversion interval in parasite-powered mode. The pullup circuit on IO during the programming or temperature conversion interval should be such that the voltage at IO is greater than or equal to VPUPMIN. If VPUP in the system is close to VPUPMIN, then a low-impedance bypass of RPUP, which can be activated during programming or temperature conversions, may need to be added. The bypass must be activated within 10s from the beginning of the tPROG or tCONV interval, respectively. The tPROG interval begins tREHMAX after the trailing rising edge on IO for the last time slot of the command byte for a valid Copy Scratchpad sequence. Interval ends once the device's self-timed EEPROM programming cycle is complete and the current drawn by the device has returned from IPROG to IL (parasite power) or IDDS (local power). Write-cycle endurance is degraded as TA increases. Not 100% production tested. Guaranteed by reliability monitor sampling. Data retention is degraded as TA increases. Guaranteed by 100% production test at elevated temperature for a shorter time; equivalence of this production test to data sheet limit at operating temperature range is established by reliability testing. The tCONV interval begins tREHMAX after the trailing rising edge on IO for the last time slot of the command byte for a valid convert temperature sequence. The interval ends once the device's self-timed temperature conversion cycle is complete and the current drawn by the device has returned from ICONV to IL (parasite power) or IDDS (local power). Drift data is preliminary and based on a 1000-hour stress test performed on another device with comparable design and fabricated in the same manufacturing process. This test was performed at greater than +85C with VDD = +5.5V. Confirmed thermal drift results for this device are pending the completion of a new 1000-hour stress test.
Note 5: Note 6:
Note 7: Note 8: Note 9: Note 10: Note 11: Note 12: Note 13: Note 14: Note 15: Note 16: Note 17: Note 18: Note 19: Note 20:
Note 21:
Note 22: Note 23: Note 24: Note 25: Note 26:
Note 27:
4
_______________________________________________________________________________________
1-Wire Digital Thermometer with Sequence Detect and PIO
Pin Description
PIN 1 2, 3, 5 4 6 NAME IO N.C. GND FUNCTION 1-Wire Bus Interface and Parasitic Power Supply. Open-drain pin that requires external pullup resistor. No Connection Ground Supply
DS28EA00
Open-Drain PIOA Channel and Chain Output. For sequence detection, PIOA must be connected to PIOA (DONE) PIOB of the next device in the chain; leave open or connect to GND for the last device in the chain. PIOB (EN) VDD Open-Drain PIOB Channel and Chain Input. For sequence detection, PIOB of the first device in the chain must be connected to GND. Power Supply. Must be connected to GND for operation in parasite-power mode.
7 8
Detailed Description
The Block Diagram shows the relationships between the major function blocks of the DS28EA00. The device has three main data components: 64-bit registration number, 64-bit scratchpad, and alarm and configuration registers. The 1-Wire ROM function control unit processes the ROM function commands that allow the device to function in a networked environment. The device function control unit implements the device-specific control functions, such as read/write, temperature conversion, setting the chain state for sequence detection, and PIO access. The cyclic redundancy check (CRC) generator assists the master verifying data integrity when reading temperatures and memory data. In the sequence-detect process, PIOB functions as an input, while PIOA provides the connection to the next device. The power-supply sensor allows the master to remotely read whether the DS28EA00 has local power available. Figure 1 shows the hierarchical structure of the 1-Wire protocol. The bus master must first provide one of the eight ROM function commands: Read ROM, Match ROM, Search ROM, Conditional (Alarm) Search ROM, Conditional Read ROM, Skip ROM, Overdrive-Skip ROM, Overdrive-Match ROM. Upon completion of an overdrive ROM command executed at standard speed, the device enters overdrive mode, where all subsequent communication occurs at
a higher speed. The protocol required for these ROM function commands is described in Figure 11. After a ROM function command is successfully executed, the device-specific control functions become accessible and the master can provide any one of the nine available commands. The protocol for these control function commands is described in Figure 9. All data is read and written least significant (LS) bit first.
64-Bit Registration Number
Each DS28EA00 contains a unique registration number that is 64 bits long. The first 8 bits are a 1-Wire family code. The next 48 bits are a unique serial number. The last 8 bits are a CRC of the first 56 bits (see Figure 2 for details). The 1-Wire CRC is generated using a polynomial generator consisting of a shift register and XOR gates as shown in Figure 3. The polynomial is X8 + X5 + X4 + 1. Additional information about the 1-Wire CRC is available in Application Note 27: Understanding and Using Cyclic Redundancy Checks with Maxim iButton(R) Products. The shift register bits are initialized to 0. Then starting with the least significant bit of the family code, one bit at a time is shifted in. After the eighth bit of the family code has been entered, then the 48-bit serial number is entered. After the last byte of the serial number has been entered, the shift register contains the CRC value. Shifting in the 8 bits of CRC returns the shift register to all 0s.
iButton is a registered trademark of Maxim Integrated Products, Inc.
_______________________________________________________________________________________ 5
1-Wire Digital Thermometer with Sequence Detect and PIO DS28EA00
Block Diagram
INTERNAL VDD DS28EA00 VDD POWER-SUPPLY SENSOR 1-Wire ROM FUNCTION CONTROL 64-BIT REGISTRATION NUMBER PIOB (EN) DEVICE FUNCTION CONTROL PIOA (DONE) (ON)
IO
RCO
8-BIT CRC GENERATOR ALARM AND CONFIGURATION REGISTERS
64-BIT SCRATCHPAD
TEMPERATURE SENSOR
DS28EA00 COMMAND LEVEL: AVAILABLE COMMANDS: READ ROM MATCH ROM SEARCH ROM CONDITIONAL SEARCH ROM CONDITIONAL READ ROM SKIP ROM OVERDRIVE-SKIP ROM OVERDRIVE-MATCH ROM DATA FIELD AFFECTED: 64-BIT ROM 64-BIT ROM 64-BIT ROM 64-BIT ROM, TEMPERATURE ALARM REGISTERS, SCRATCHPAD 64-BIT ROM, PIOB PIN STATE, CHAIN STATE (NONE) 64-BIT ROM, OD-FLAG 64-BIT ROM, OD-FLAG
1-Wire ROM FUNCTION COMMANDS (SEE FIGURE 11)
DS28EA00-SPECIFIC CONTROL FUNCTION COMMANDS (SEE FIGURE 9)
WRITE SCRATCHPAD READ SCRATCHPAD COPY SCRATCHPAD CONVERT TEMPERATURE READ POWER MODE RECALL EEPROM PIO ACCESS READ PIO ACCESS WRITE CHAIN
SCRATCHPAD SCRATCHPAD TEMPERATURE ALARM AND CONFIGURATION REGISTERS SCRATCHPAD, TEMPERATURE ALARM REGISTERS VDD PIN VOLTAGE SCRATCHPAD, TEMPERATURE ALARM, AND CONFIGURATION REGISTERS PIO PINS PIO PINS CHAIN STATE, PIOA PIN STATE
Figure 1. Hierarchical Structure for 1-Wire Protocol
6 _______________________________________________________________________________________
1-Wire Digital Thermometer with Sequence Detect and PIO DS28EA00
MSB 8-BIT CRC CODE MSB LSB MSB 48-BIT SERIAL NUMBER LSB MSB 8-BIT FAMILY CODE (42h) LSB LSB
Figure 2. 64-Bit Registration Number
POLYNOMIAL = X8 + X5 + X4 + 1
1ST STAGE X0 X1
2ND STAGE X2
3RD STAGE X3
4TH STAGE X4
5TH STAGE X5
6TH STAGE X6
7TH STAGE X7
8TH STAGE X8
INPUT DATA
Figure 3. 1-Wire CRC Generator
Memory Description
The memory map of the DS28EA00 is shown in Figure 4. It consists of an 8-byte scratchpad and 3 bytes of backup EEPROM. The first 2 bytes form the Temperature Readout register, which is updated after a temperature conversion and is read only. The next 3 bytes are userwritable; they contain the Temperature High (TH) and the Temperature Low (TL) Alarm register and a Configuration register. The remaining 3 bytes are "reserved." They
power up with constant data and cannot be written by the user. The TH, TL, and Configuration register data in the scratchpad control the resolution of a temperature conversion and decide whether a temperature is considered as "alarming." TH, TL, and Configuration can be copied to the EEPROM to become nonvolatile. The scratchpad is automatically loaded with EEPROM data when the DS28EA00 powers up.
BYTE ADDRESS 0 1 2 3 4 5 6 7
SCRATCHPAD (POWER-UP STATE) TEMPERATURE LSB (50h) TEMPERATURE MSB (05h) TH REGISTER OR USER BYTE 1* TL REGISTER OR USER BYTE 2* CONFIGURATION REGISTER* RESERVED (FFh) RESERVED (0Ch) RESERVED (10h)
BACKUP EEPROM N/A N/A TH REGISTER OR USER BYTE 1 TL REGISTER OR USER BYTE 2 CONFIGURATION REGISTER N/A N/A N/A
*POWER-UP STATE DEPENDS ON VALUE(S) STORED IN EEPROM.
Figure 4. Memory Map
_______________________________________________________________________________________ 7
1-Wire Digital Thermometer with Sequence Detect and PIO DS28EA00
Register Detailed Descriptions
Temperature Readout Register Bitmap
ADDRRESS 0h 1h BIT 7 23 S BIT 6 22 S BIT 5 21 S BIT 4 20 S BIT 3 2-1 S BIT 2 2-2 26 BIT 1 2-3 25 BIT 0 2-4 24 LS BYTE MS BYTE
Temperature Alarm Registers Bitmap
ADDRRESS 2h 3h BIT 7 S S BIT 6 26 26 BIT 5 25 25 BIT 4 24 24 BIT 3 23 23 BIT 2 22 22 BIT 1 21 21 BIT 0 20 20 HIGH ALARM (TH) LOW ALARM (TL)
Table 1. Temperature/Data Relationship
TEMPERATURE (C) +85* +25.0625 +10.125 +0.5 0 -0.5 -10.125 -25.0625 -40 DIGITAL OUTPUT (BINARY) 0000 0101 0101 0000 0000 0001 1001 0001 0000 0000 1010 0010 0000 0000 0000 1000 0000 0000 0000 0000 1111 1111 1111 1000 1111 1111 0101 1110 1111 1110 0110 1111 1111 1101 1000 0000 DIGITAL OUTPUT (HEX) 0550h 0191h 00A2h 0008h 0000h FFF8h FF5Eh FE6Fh FD80h
*The power-on reset value of the Temperature Readout register is +85C.
The temperature reading is in C using a 16-bit signextended two's complement format. Table 1 shows examples of temperature and the corresponding data for 12-bit resolution. With two's complement, the sign bit(s) is set if the value is negative. If the device is configured for 12-bit resolution, all bits in the LS byte are valid; for a reduced resolution, bit 0 (11-bit mode), bits 0 to 1 (10-bit mode), and bits 0 to 2 (9-bit mode) are undefined. The result of a temperature conversion is automatically compared to the values in the alarm registers to determine whether an alarm condition exists. Alarm thresh-
olds are represented as two's complement number. With 8 bits available for sign and value, alarm thresholds can be set in increments of 1C. An alarm condition exists if a temperature conversion results in a value that is either higher than or equal to the value stored in the TH register or lower than or equal to the value stored in the TL register. If a temperature alarm condition exists, the device responds to the Conditional Search ROM command. The alarm condition is cleared if a subsequent temperature conversion results in a temperature reading within the boundaries defined by the data in the TH and TL registers.
8
_______________________________________________________________________________________
1-Wire Digital Thermometer with Sequence Detect and PIO
Configuration Register
ADDRRESS 4h BIT 7 0 BIT 6 R1 BIT 5 R0 BIT 4 1 BIT 3 1 BIT 2 1 BIT 1 1 BIT 0 1
DS28EA00
The functional assignments of the individual bits are explained in the table below. Bits [4:0] and bit 7 have
BIT DESCRIPTION BIT(S)
no function and cannot be changed by the user. As a factory default, the device operates in 12-bit resolution.
DEFINITION
R1, R0: Temperature Converter Resolution
[6:5]
These bits control the resolution of the temperature converter. The codes are as follows: R1 R0 0 0 9 bits 0 1 10 bits 1 0 11 bits 1 1 12 bits
PIO Structure
Each PIO consists of an open-drain pulldown transistor and an input path to read the pin state. The transistor is controlled by the PIO output latch, as shown in Figure 5. The device function control unit connects the PIO pins logically to the 1-Wire interface. PIOA has a pullup path to internal VDD to facilitate the sequence-detect function (see the Block Diagram) in conjunction with the Chain command; PIOB is truly an open-drain structure. The power-on default state of the PIO output transistors is off; high-impedance, on-chip resistors (not shown in Figure 5) pull the PIO pins to internal VDD.
PIO PIN STATE PIO OUTPUT LATCH STATE PIO DATA PIO CLOCK CLOCK D Q Q PIO PIN
PIO OUTPUT LATCH
Figure 5. PIO Simplified Logic Diagram
Chain Function
The chain function is a feature that allows the 1-Wire master to discover the physical sequence of devices that are wired as a linear network (chain). This is particularly convenient for devices that are installed at equal spacing along a long cable (e.g., to measure temperatures at different locations inside a storage tower or tank). Without chain function, the master needs a lookup table to correlate the registration number to the physical location. The chain function requires two pins: an input (EN) to enable a device to respond during the discovery and an output (DONE) to inform the next device in the chain that the discovery of its neighbor is done. The two gen-
eral-purpose ports of the DS28EA00 are reused for the chain function. PIOB functions as an EN input and PIOA generates the DONE signal, which is connected to the EN input of the next device, as shown in the Typical Operating Circuit. The EN input of the first device in the chain needs to be hardwired to GND or logic 0 must be applied for the duration of the sequence discovery process. Besides the two pins, the sequence discovery relies on the Conditional Read ROM command. For the chain function and normal PIO operation to coexist, the DS28EA00 distinguishes three chain states: OFF, ON, and DONE. The transition from one chain state to another is controlled through the Chain command. Table 2 summarizes the chain states and the specific behavior of the PIO pins.
Table 2. Chain States
CHAIN STATE OFF (Default) ON DONE DEVICE BEHAVIOR PIOB (EN) PIO (High Impedance) EN Input No Function Pullup On Pulldown On (DONE Logic 0) PIOA (DONE) PIO (High Impedance) CONDITIONAL READ ROM Not Recognized Recognized if EN is 0 Not Recognized
_______________________________________________________________________________________
9
1-Wire Digital Thermometer with Sequence Detect and PIO
The power-on default chain state is OFF, where PIOA and PIOB are solely controlled through the PIO Access Read and Write commands. In the chain ON state, PIOA is pulled high to the device's internal VDD supply through an approximately 40k resistor, applying a logic 1 to the PIOB (EN) pin of the next device. Only in the ON state does a DS28EA00 respond to the Conditional Read ROM command, provided its EN is at logic 0. After a device's ROM registration number is read, it is put into the chain DONE state, which enables the next device in the chain to respond to the Conditional Read ROM command. At the beginning of the sequence discovery process, all devices are put into the chain ON state. As the discovery progresses, one device after another is transitioned into the DONE state until all devices are identified. Finally, all devices are put into the chain OFF state, which releases the PIO pins and restores their poweron default state.
DS28EA00
used with the ROM registration number. The CRC is transmitted in its true (noninverted) form. The master can issue a reset to terminate the reading early if only part of the scratchpad data is needed.
Copy Scratchpad [48H]
This command copies the contents of the scratchpad byte addresses 2 to 4 (TH, TL, and Configuration registers) to the backup EEPROM. If the device has no VDD power, the master must enable a strong pullup on the 1-Wire bus for the duration of tPROGMAX within 10s after this command is issued. If the device is powered through the VDD pin, the master can generate read time slots to monitor the copy process. Copy is completed when the master reads 1 bits instead of 0 bits.
Convert Temperature [44h]
This command initiates a temperature conversion. Following the conversion, the resulting thermal data is found in the Temperature Readout register in the scratchpad and the DS28EA00 returns to its low-power idle state. If the device has no VDD power, the master must enable a strong pullup on the 1-Wire bus for the duration of the applicable resolution-dependent tCONVMAX within 10s after this command is issued. If the device is powered through the VDD pin, the master can generate read time slots to monitor the conversion process. The conversion is completed when the master reads 1 bits instead of 0 bits.
Control Function Commands
Figure 9 shows the protocols necessary for measuring temperatures, accessing the memory and PIO pins, and changing the chain state. Examples on how to use these and other functions are included at the end of this document. The communication between master and DS28EA00 takes place either at standard speed (default, OD = 0) or at overdrive speed (OD = 1). If not explicitly set into the overdrive mode after power-up, the DS28EA00 communicates at standard speed.
Read Power Mode [B4h]
For Copy Scratchpad and Convert Temperature, the master needs to know whether the DS28EA00 has VDD power available. The Read Power Mode command is implemented to provide the master with this information. After the command code, master issues read time slots. If the master reads 1s, the device is powered through the VDD pin. If the device is powered through the 1-Wire line, the master read 0s. The power-supply sensor samples the state of the VDD pin for every time slot that the master generates after the command code.
Write Scratchpad [4Eh]
This command allows the master to write 3 bytes of data to the scratchpad of the DS28EA00. The first data byte is associated with the TH register (byte address 2), the second byte is associated with the TL register (byte address 3), and the third byte is associated with the Configuration register (byte address 4). Data must be transmitted least significant bit first. All 3 bytes must be written before the master issues a reset, or the data can be corrupted.
Recall EEPROM [B8h]
This command recalls the TH and TL alarm trigger values and configuration data from backup EEPROM into their respective locations in the scratchpad. After having transmitted the command code, the master can issue read time slots to monitor the completion of the recall process. Recall is completed when the master reads 1 bits instead of 0 bits. The recall occurs automatically at power-up, not requiring any activity by the master.
Read Scratchpad [BEh]
This command allows the master to read the contents of the scratchpad. The data transfer starts with the least significant bit of the Temperature Readout register at byte address 0 and continues through the remaining 7 bytes of the scratchpad. If the master continues reading, it gets a ninth byte, which is an 8-bit CRC of all the data in the scratchpad. This CRC is generated by the DS28EA00 and uses the same polynomial function as is
10
______________________________________________________________________________________
1-Wire Digital Thermometer with Sequence Detect and PIO
PIO Status Bit Assignment
BIT 7 BIT 6 BIT 5 BIT 4 BIT 3 PIOB OUTPUT LATCH STATE BIT 2 PIOB PIN STATE BIT 1 PIOA OUTPUT LATCH STATE BIT 0 PIOA PIN STATE
DS28EA00
COMPLEMENT OF B3 TO B0
PIO Output Data Bit Assignment
BIT 7 X BIT 6 X BIT 5 X BIT 4 X BIT 3 X BIT 2 X BIT 1 PIOB BIT 0 PIOA
PIO Access Read [F5h]
This command reads the PIO logical status and reports it together with the state of the PIO output latch in an endless loop. A PIO Access Read can be terminated at any time with a 1-Wire reset. PIO Access Read can be executed in the Chain ON and Chain DONE state. While the device is in the Chain ON or Chain DONE state, the PIO output latch states always read out as 1s; the PIO pin state may not be reported correctly. The state of both PIO channels is sampled at the same time. The first sampling occurs during the last (most significant) bit of the command code F5h. The PIO status is then reported to the bus master. While the master receives the last (most significant) bit of the PIO status byte, the next sampling occurs and so on until the master generates a 1-Wire reset. The sampling occurs with a delay of tREH + x from the rising edge of the MS bit of the previous byte, as shown in Figure 6. The value of "x" is approximately 0.2s.
PIO Access Write [A5h]
The PIO Access Write command writes to the PIO output latches, which control the pulldown transistors of the PIO channels. In an endless loop, this command first writes new data to the PIO and then reads back the PIO status. This implicit read-after-write can be used by the master for status verification. A PIO Access Write can be terminated at any time with a 1-Wire reset. The PIO Access Write command is ignored by the device while in Chain ON or Chain DONE state. After the command code, the master transmits a PIO output data byte that determines the new state of the PIO output transistors. The first (least significant) bit is associated to PIOA; the next bit affects PIOB. The other 6 bits of the new state byte do not have corresponding PIO pins. These bits should always be transmitted as 1s. To switch the output transistor on, the corresponding bit value is 0. To switch the output transistor off (non-conducting), the bit must be 1. This way the bit transmitted
MOST SIGNIFICANT 2 BITS OF PREVIOUS BYTE* VTH IO
LEAST SIGNIFICANT 2 BITS OF PIO STATUS BYTE
tREH + X
SAMPLING POINT** *THE "PREVIOUS BYTE" COULD BE THE COMMAND CODE OR THE DATA BYTE RESULTING FROM THE PREVIOUS PIO SAMPLE. **THE SAMPLE POINT TIMING ALSO APPLIES TO THE PIO ACCESS WRITE COMMAND, WITH THE "PREVIOUS BYTE" BEING THE WRITE CONFIRMATION BYTE (AAh).
Figure 6. PIO Access Read Timing Diagram
______________________________________________________________________________________
11
1-Wire Digital Thermometer with Sequence Detect and PIO DS28EA00
MOST SIGNIFICANT 2 BITS OF INVERTED PIO OUTPUT DATA BYTE LEAST SIGNIFICANT 2 BITS OF CONFIRMATION BYTE (AAh)
IO VTH
tREH + X
PIO
Figure 7. PIO Access Write Timing Diagram
as the new PIO output state arrives in its true form at the PIO pin. To protect the transmission against data errors, the master must repeat the PIO output data byte in its inverted form. Only if the transmission was error-free can the PIO status change. The actual PIO transition to the new state occurs with a delay of tREH + x from the rising edge of the MS bit of the inverted PIO byte, as shown in Figure 7. The value of "x" is approximately 0.2s. To inform the master about the successful communication of the PIO byte, the DS28EA00 transmits a confirmation byte with the data pattern AAh. While the MS bit of the confirmation byte is transmitted, the DS28EA00 samples the state of the PIO pins, as shown in Figure 6, and sends it to the master. The master can either continue writing more data to the PIO or issue a 1-Wire reset to end the command.
POWER-ON RESET (POR) CHAIN ON
OFF CHAIN DONE CHAIN OFF OR POR CHAIN DONE
ON CHAIN ON
DONE
THESE TRANSITIONS ARE PERMISSIBLE, BUT DO NOT OCCUR DURING NORMAL OPERATION.
Chain [99h]
This command allows the master to put the DS28EA00 into one of the three chain states, as shown in Figure 8. The device powers up in the chain OFF state. To transition a DS28EA00 from one state to another, the master must send a suitable chain control byte after the chain command code. Only the codes 3Ch, 5Ah, and 96h (true form) are valid, assigned to OFF, ON, and DONE,
Figure 8. Chain State Transition Diagram
in this sequence. This control byte is first transmitted in its true form and then in its inverted form. If the chain state change was successful, the master receives AAh confirmation bytes. If the change was not successful (control byte transmission error, invalid control byte), the master reads 00h bytes instead.
12
______________________________________________________________________________________
1-Wire Digital Thermometer with Sequence Detect and PIO DS28EA00
BUS MASTER Tx CONTROL FUNCTION COMMAND FROM ROM FUNCTIONS FLOWCHART (FIGURE 11)
4Eh WRITE SCRATCHPAD? Y DS28EA00 SETS BYTE ADDRESS = 2
N
BEh READ SCRATCHPAD? Y DS28EA00 SETS BYTE ADDRESS = 0
N
48h COPY SCRATCHPAD? Y
N
TO FIGURE 9b
MASTER DECISION. THE MASTER NEEDS TO KNOW WHETHER VDD POWER IS AVAILABLE. N
Y
VDD POWERED?
MASTER Tx DATA BYTE TO SCRATCHPAD
MASTER Rx BYTE FROM SCRATCHPAD
DS28EA00 STARTS COPY TO EEPROM
MASTER ACTIVATES STRONG PULLUP FOR tPROG
MASTER Tx RESET? N
Y
MASTER Tx RESET? N
Y
COPY COMPLETED? N MASTER Rx "0"s
Y
DS28EA00 COPIES SCRATCHPAD DATA TO EEPROM
MASTER DEACTIVATES STRONG PULLUP
BYTE ADDRESS = 4? N DS28EA00 INCREMENTS BYTE ADDRESS
Y
BYTE ADDRESS = 7? N DS28EA00 INCREMENTS BYTE ADDRESS
Y
MASTER Rx 8-BIT CRC OF DATA
N
MASTER Tx RESET? Y
MASTER Tx RESET? N MASTER Rx "1"s
Y
MASTER Tx RESET? N MASTER Rx "1"s
Y
FROM FIGURE 9b TO ROM FUNCTIONS FLOWCHART (FIGURE 11)
Figure 9a. Control Function Flowchart
______________________________________________________________________________________ 13
1-Wire Digital Thermometer with Sequence Detect and PIO DS28EA00
FROM FIGURE 9a MASTER DECISION. THE MASTER NEEDS TO KNOW WHETHER VDD POWER IS AVAILABLE. Y
44h CONVERT TEMPERATURE Y
N
B4h READ POWER MODE? Y
N
TO FIGURE 9c
VDD POWERED?
N
Y
VDD POWERED?
N
DS28EA00 STARTS TEMPERATURE CONVERSION
MASTER DEACTIVATES STRONG PULLUP FOR tCONV
MASTER Rx "1"s
MASTER Rx "0"s
CONVERSION COMPLETED? N MASTER Rx "0"s
Y
DS28EA00 CONVERTS TEMPERATURE
MASTER DEACTIVATES STRONG PULLUP
MASTER Tx RESET? N MASTER Rx "1"s
Y
MASTER Tx RESET? N
Y
TO FIGURE 9a
FROM FIGURE 9c
Figure 9b. Control Function Flowchart
14 ______________________________________________________________________________________
1-Wire Digital Thermometer with Sequence Detect and PIO DS28EA00
FROM FIGURE 9b
B8h RECALL EEPROM? Y DS28EA00 STARTS RECALL EEPROM TO SCRATCHPAD
N
F5h PIO ACCESS READ? Y
N
A5h PIO ACCESS WRITE? Y BUS MASTER Tx NEW PIO OUTPUT DATA BYTE
N
TO FIGURE 9d
RECALL COMPLETED? N MASTER Rx "0"s
Y
BUS MASTER Tx INVERTED NEW PIO OUTPUT DATA BYTE
DS28EA00 SAMPLES PIO PIN
*
TRANSMISSION OK? Y DS28EA00 UPDATES PIO N
*
MASTER Rx "1"s BUS MASTER Rx CONFIRMATION AAh BUS MASTER Rx PIO PIN STATUS DS28EA00 SAMPLES PIO PIN BUS MASTER Rx "1"s
*
MASTER Tx RESET? N
BUS MASTER Rx PIO PIN STATUS
Y
MASTER Tx RESET? N MASTER Rx "1"s
Y
MASTER Tx RESET? Y
N
N
MASTER Tx RESET? Y
TO FIGURE 9b *SEE THE COMMAND DESCRIPTION FOR THE EXACT TIMING OF THE PIO PIN SAMPLING AND UPDATING.
FROM FIGURE 9d
Figure 9c. Control Function Flowchart
______________________________________________________________________________________ 15
1-Wire Digital Thermometer with Sequence Detect and PIO DS28EA00
FROM FIGURE 9c
99h CHAIN COMMAND? Y MASTER Tx CHAIN CONTROL BYTE
N
MASTER Tx RESET? N ERROR DEFINED AS: REPEATED CONTROL BYTE NOT EQUAL TO INVERTED CONTROL BYTE Y MASTER Rx "1"s
Y
MASTER Tx INVERTED CHAIN CONTROL BYTE
TRANSMISSION ERROR? N
CONTROL BYTE VALID? VALID CHAIN CONTROL BYTE CODES: 3Ch OFF 5Ah ON 96h DONE Y
N
DS28EA00 UPDATES CHAIN STATE
MASTER Rx CONFIRMATION CODE AAh
MASTER Rx INVERTED CHAIN CONTROL BYTE
MASTER Rx ERROR CODE 00h
N
MASTER Tx RESET? Y
N
MASTER Tx RESET? Y
N
MASTER Tx RESET? Y
TO FIGURE 9c
Figure 9d. Control Function Flowchart
16 ______________________________________________________________________________________
1-Wire Digital Thermometer with Sequence Detect and PIO
1-Wire Bus System
The 1-Wire bus is a system that has a single bus master and one or more slaves. In all instances the DS28EA00 is a slave device. The bus master is typically a microcontroller. The discussion of this bus system is broken down into three topics: hardware configuration, transaction sequence, and 1-Wire signaling (signal types and timing). The 1-Wire protocol defines bus transactions in terms of the bus state during specific time slots, which are initiated on the falling edge of sync pulses from the bus master. 1-Wire physical interface enhancement to improve noise immunity. The value of the pullup resistor primarily depends on the network size and load conditions. The DS28EA00 requires a pullup resistor of 2.2k (max) at any speed. The idle state for the 1-Wire bus is high. If for any reason a transaction needs to be suspended, the bus must be left in the idle state if the transaction is to resume. If this does not occur and the bus is left low for more than 16s (overdrive speed) or more than 120s (standard speed), one or more devices on the bus could be reset.
DS28EA00
Hardware Configuration
The 1-Wire bus has only a single line by definition; it is important that each device on the bus be able to drive it at the appropriate time. To facilitate this, each device attached to the 1-Wire bus must have open-drain or three-state outputs. The 1-Wire port of the DS28EA00 is open drain with an internal circuit equivalent to that shown in Figure 10. A multidrop bus consists of a 1-Wire bus with multiple slaves attached. The DS28EA00 supports both a standard and overdrive communication speed of 15.3kbps (max) and 125kbps (max), respectively. Note that legacy 1-Wire products support a standard communication speed of 16.3kbps and overdrive of 142kbps. The slightly reduced rates for the DS28EA00 are a result of additional recovery times, which in turn are driven by a
Transaction Sequence
The protocol for accessing the DS28EA00 through the 1-Wire port is as follows: * Initialization * ROM Function Command * Control Function Command * Transaction/Data
Initialization
All transactions on the 1-Wire bus begin with an initialization sequence. The initialization sequence consists of a reset pulse transmitted by the bus master followed by presence pulse(s) transmitted by the slave(s). The presence pulse lets the bus master know that the DS28EA00 is on the bus and is ready to operate. For more details, see the 1-Wire Signaling section.
VPUP BUS MASTER RPUP Rx DATA Rx DS28EA00 1-Wire PORT
Tx
Rx = RECEIVE Tx = TRANSMIT OPEN-DRAIN PORT PIN
IL
Tx
100 MOSFET
Figure 10. Hardware Configuration
______________________________________________________________________________________
17
1-Wire Digital Thermometer with Sequence Detect and PIO DS28EA00
1-Wire ROM Function Commands
Once the bus master has detected a presence, it can issue one of the eight ROM function commands that the DS28EA00 supports. All ROM function commands are 8 bits long. A list of these commands follows (refer to the flowchart in Figure 11). master knows that slave devices exist with both states of the bit. By choosing which state to write, the bus master branches in the ROM code tree. After one complete pass, the bus master knows the registration number of a single device. Additional passes identify the registration numbers of the remaining devices. Refer to Application Note 187: 1-Wire Search Algorithm for a detailed discussion, including an example. The Search ROM command does not reveal any information about the location of a device in a network. If multiple DS28EA00 are wired as a linear network ("chain"), the device location can be detected using Conditional Read ROM in conjunction with the Chain function.
Read ROM [33h]
This command allows the bus master to read the DS28EA00's 8-bit family code, unique 48-bit serial number, and 8-bit CRC. This command can only be used if there is a single slave on the bus. If more than one slave is present on the bus, a data collision occurs when all slaves try to transmit at the same time (open drain produces a wired-AND result). The resultant family code and 48-bit serial number result in a mismatch of the CRC.
Conditional Search ROM [ECh]
The Conditional Search ROM command operates similarly to the Search ROM command except that only those devices which fulfill certain conditions, participate in the search. This function provides an efficient means for the bus master to identify devices on a multidrop system that have to signal an important event. After each pass of the conditional search that successfully determined the 64-bit ROM code for a specific device on the multidrop bus, that particular device can be individually accessed as if a Match ROM had been issued, since all other devices have dropped out of the search process and are waiting for a reset pulse. The DS28EA00 responds to the conditional search ROM command if a temperature alarm condition exists. For more details see the Temperature Alarm Registers section.
Match ROM [55h]
The Match ROM command, followed by a 64-bit ROM sequence, allows the bus master to address a specific DS28EA00 on a multidrop bus. Only the DS28EA00 that exactly matches the 64-bit ROM sequence responds to the following Control Function command. All other slaves wait for a reset pulse. This command can be used with a single device or multiple devices on the bus.
Search ROM [F0h]
When a system is initially brought up, the bus master might not know the number of devices on the 1-Wire bus or their registration numbers. By taking advantage of the wired-AND property of the bus, the master can use a process of elimination to identify the registration numbers of all slave devices. For each bit of the registration number, starting with the least significant bit, the bus master issues a triplet of time slots. On the first slot, each slave device participating in the search outputs the true value of its registration number bit. On the second slot, each slave device participating in the search outputs the complemented value of its registration number bit. On the third slot, the master writes the true value of the bit to be selected. All slave devices that do not match the bit written by the master stop participating in the search. If both of the read bits are zero, the
Conditional Read ROM [0Fh]
This command is used in conjunction with the Chain function to detect the physical sequence of devices in a linear network (chain). A DS28EA00 responds to Conditional Read ROM if two conditions are met: a) the device is in chain ON state, and b) the EN input (PIOB) is at logic 0. This condition is met by exactly one device during the sequence discovery process. Upon receiving the Conditional Read ROM command, this particular device transmits its 64-bit registration number. A device in chain ON state, but with a logic 1 level at EN does not respond to Conditional Read ROM. See the Sequence Discovery Procedure section for more details on the use of Conditional Read ROM and the Chain commands.
18
______________________________________________________________________________________
1-Wire Digital Thermometer with Sequence Detect and PIO
Skip ROM [CCh]
This command can save time in a single-drop bus system by allowing the bus master to access the control functions without providing the 64-bit ROM code. If more than one slave is present on the bus and, for example, a read command is issued following the Skip ROM command, data collision occurs on the bus as multiple slaves transmit simultaneously (open-drain pulldowns produce a wired-AND result). issued followed by a Match ROM or Search ROM command sequence. This speeds up the time for the search process. If more than one slave supporting overdrive is present on the bus and the Overdrive-Skip ROM command is followed by a Read command, data collision occurs on the bus as multiple slaves transmit simultaneously (open-drain pulldowns produce a wiredAND result).
DS28EA00
Overdrive-Match ROM [69h]
The Overdrive-Match ROM command followed by a 64-bit ROM sequence transmitted at overdrive speed allows the bus master to address a specific DS28EA00 on a multidrop bus and to simultaneously set it in overdrive mode. Only the DS28EA00 that exactly matches the 64-bit ROM sequence responds to the subsequent control function command. Slaves already in overdrive mode from a previous Overdrive-Skip ROM or successful Overdrive-Match ROM command remain in overdrive mode. All overdrive-capable slaves return to standard speed at the next reset pulse of minimum 480s duration. The Overdrive-Match ROM command can be used with a single device or multiple devices on the bus.
Overdrive-Skip ROM [3Ch]
On a single-drop bus this command can save time by allowing the bus master to access the control functions without providing the 64-bit ROM code. Unlike the normal Skip ROM command, the Overdrive-Skip ROM sets the DS28EA00 in the overdrive mode (OD = 1). All communication following this command has to occur at overdrive speed until a reset pulse of minimum 480s duration resets all devices on the bus to standard speed (OD = 0). When issued on a multidrop bus, this command sets all overdrive-supporting devices into overdrive mode. To subsequently address a specific overdrive-supporting device, a reset pulse at overdrive speed has to be
______________________________________________________________________________________
19
1-Wire Digital Thermometer with Sequence Detect and PIO DS28EA00
BUS MASTER Tx RESET PULSE FROM CONTROL FUNCTIONS FLOWCHART (FIGURE 9) OD RESET PULSE? FROM FIGURE 11b
N
OD = 0
Y BUS MASTER Tx ROM FUNCTION COMMAND DS28EA00 Tx PRESENCE PULSE
33h READ ROM COMMAND? Y
N
55h MATCH ROM COMMAND? Y
N
F0h SEARCH ROM COMMAND? Y
N
ECh CONDITIONAL SEARCH COMMAND? Y
N
TO FIGURE 11b
N
TEMPERATURE ALARM? Y
DS28EA00 Tx FAMILY CODE (1 BYTE)
DS28EA00 Tx BIT 0 MASTER Tx BIT 0 DS28EA00 Tx BIT 0 MASTER Tx BIT 0
DS28EA00 Tx BIT 0 DS28EA00 Tx BIT 0 MASTER Tx BIT 0
BIT 0 MATCH?
N
N
BIT 0 MATCH?
N
BIT 0 MATCH?
Y DS28EA00 Tx SERIAL NUMBER (6 BYTES)
Y DS28EA00 Tx BIT 1
Y DS28EA00 Tx BIT 1 DS28EA00 Tx BIT 1 MASTER Tx BIT 1
MASTER Tx BIT 1
DS28EA00 Tx BIT 1 MASTER Tx BIT 1
BIT 1 MATCH?
N
N
BIT 1 MATCH? Y DS28EA00 Tx BIT 63
N
BIT 1 MATCH? Y DS28EA00 Tx BIT 63 DS28EA00 Tx BIT 63 MASTER Tx BIT 63
Y
DS28EA00 Tx CRC BYTE
MASTER Tx BIT 63
DS28EA00 Tx BIT 63 MASTER Tx BIT 63
BIT 63 MATCH?
N
N
BIT 63 MATCH?
N
BIT 63 MATCH? TO FIGURE 11b
Y
Y
Y
FROM FIGURE 11b TO CONTROL FUNCTIONS FLOWCHART (FIGURE 9)
Figure 11a. ROM Functions Flowchart
20 ______________________________________________________________________________________
1-Wire Digital Thermometer with Sequence Detect and PIO DS28EA00
TO FIGURE 11a
FROM FIGURE 11a
0Fh CONDITIONAL READ ROM? Y
N
CCh SKIP ROM COMMAND? Y
N
3Ch OVERDRIVESKIP ROM? Y OD = 1
N
69h OVERDRIVEMATCH ROM? Y OD = 1
N
CHAIN = ON?
N
Y MASTER Tx BIT 0 EN = LOW? N MASTER Tx RESET? N BIT 0 MATCH? DS28EA00 Tx FAMILY CODE (1 BYTE) Y
Y
N
*
OD = 0
Y
DS28EA00 Tx SERIAL NUMBER (6 BYTES)
MASTER Tx BIT 1
DS28EA00 Tx CRC BYTE
MASTER Tx RESET? N
Y
BIT 1 MATCH?
N
*
OD = 0
Y
MASTER Tx BIT 63
BIT 63 MATCH?
N
*
OD = 0
FROM FIGURE 11a
Y
TO FIGURE 11a
*THE OD FLAG REMAINS AT 1 IF THE DEVICE WAS ALREADY AT OVERDRIVE SPEED BEFORE THE OVERDRIVE-MATCH ROM COMMAND WAS ISSUED.
Figure 11b. ROM Functions Flowchart
______________________________________________________________________________________ 21
1-Wire Digital Thermometer with Sequence Detect and PIO DS28EA00
1-Wire Signaling
The DS28EA00 requires strict protocols to ensure data integrity. The protocol consists of four types of signaling on one line: reset sequence with reset pulse and presence pulse, write-zero, write-one, and read-data. Except for the presence pulse, the bus master initiates all falling edges. The DS28EA00 can communicate at two different speeds, standard speed and overdrive speed. If not explicitly set into the overdrive mode, the DS28EA00 communicates at standard speed. While in overdrive mode the fast timing applies to all waveforms. To get from idle to active, the voltage on the 1-Wire line needs to fall from VPUP below the threshold VTL. To get from active to idle, the voltage needs to rise from VILMAX past the threshold VTH. The time it takes for the voltage to make this rise is seen in Figure 12 as "" and its duration depends on the pullup resistor (RPUP) used and the capacitance of the 1-Wire network attached. The voltage VILMAX is relevant for the DS28EA00 when determining a logical level, not triggering any events. Figure 12 shows the initialization sequence required to begin any communication with the DS28EA00. A reset pulse followed by a presence pulse indicates the DS28EA00 is ready to receive data, given the correct ROM and control function command. If the bus master uses slew-rate control on the falling edge, it must pull down the line for tRSTL + tF to compensate for the edge. A tRSTL duration of 480s or longer exits the overdrive mode, returning the device to standard speed. If the DS28EA00 is in overdrive mode and tRSTL is no longer than 80s, the device remains in overdrive mode. If the device is in overdrive mode and tRSTL is between 80s and 480s, the device resets, but the communication speed is undetermined. After the bus master has released the line, it goes into receive mode. Now the 1-Wire bus is pulled to VPUP through the pullup resistor, or in the case of a DS2482x00 or DS2480B driver, by active circuitry. When the threshold VTH is crossed, the DS28EA00 waits for tPDH and then transmits a presence pulse by pulling the line low for tPDL. To detect a presence pulse, the master must test the logical state of the 1-Wire line at tMSP. The tRSTH window must be at least the sum of tPDHMAX, t PDLMAX , and t RECMIN . Immediately after t RSTH is expired, the DS28EA00 is ready for data communication. In a mixed population network, tRSTH should be extended to minimum 480s at standard speed and 48s at overdrive speed to accommodate other 1-Wire devices.
Read/Write Time Slots
Data communication with the DS28EA00 takes place in time slots, which carry a single bit each. Write time slots transport data from bus master to slave. Read time slots transfer data from slave to master. Figure 13 illustrates the definitions of the write and read time slots. All communication begins with the master pulling the data line low. As the voltage on the 1-Wire line falls below the threshold VTL, the DS28EA00 starts its internal timing generator that determines when the data line is sampled during a write time slot and how long data is valid during a read time slot.
MASTER Tx "RESET PULSE" VPUP VIHMASTER VTH VTL VILMAX 0V tRSTL tF tMSP
MASTER Rx "PRESENCE PULSE"
tPDH
tPDL tRSTH
tREC
RESISTOR
MASTER
DS28EA00
Figure 12. Initialization Procedure "Reset and Presence Pulses"
22
______________________________________________________________________________________
1-Wire Digital Thermometer with Sequence Detect and PIO DS28EA00
WRITE-ONE TIME SLOT tW1L VPUP VIHMASTER VTH VTL VILMAX 0V tF
tSLOT RESISTOR MASTER
WRITE-ZERO TIME SLOT tW0L VPUP VIHMASTER VTH VTL VILMAX 0V tF tSLOT RESISTOR MASTER
tREC
READ-DATA TIME SLOT tMSR tRL VPUP VIHMASTER VTH VTL VILMAX 0V tF
MASTER SAMPLING WINDOW tSLOT RESISTOR MASTER DS28EA00
tREC
Figure 13. Read/Write Timing Diagram
______________________________________________________________________________________
23
1-Wire Digital Thermometer with Sequence Detect and PIO
Master-to-Slave For a write-one time slot, the voltage on the data line must have crossed the VTH threshold before the writeone low time tW1LMAX is expired. For a write-zero time slot, the voltage on the data line must stay below the VTH threshold until the write-zero low time tW0LMIN is expired. For the most reliable communication, the voltage on the data line should not exceed VILMAX during the entire tW0L or tW1L window. After the VTH threshold has been crossed, the DS28EA00 needs a recovery time tREC before it is ready for the next time slot. Slave-to-Master A read-data time slot begins like a write-one time slot. The voltage on the data line must remain below VTL until the read low time tRL is expired. During the tRL window, when responding with a 0, the DS28EA00 starts pulling the data line low; its internal timing generator determines when this pulldown ends and the voltage starts rising again. When responding with a 1, the DS28EA00 does not hold the data line low at all, and the voltage starts rising as soon as tRL is over. The sum of tRL + (rise time) on one side and the internal timing generator of the DS28EA00 on the other side define the master sampling window (t MSRMIN to tMSRMAX) in which the master must perform a read from the data line. For the most reliable communication, tRL should be as short as permissible, and the master should read close to but no later than tMSRMAX. After reading from the data line, the master must wait until tSLOT is expired. This guarantees sufficient recovery time tREC for the DS28EA00 to get ready for the next time slot. Note that tREC specified herein applies only to a single DS28EA00 attached to a 1-Wire line. For multidevice configurations, tREC needs to be extended to accommodate the additional 1-Wire device input capacitance. Alternatively, an interface that performs active pullup during the 1-Wire recovery time such as the DS2482-x00 or DS2480B 1-Wire line drivers can be used.
DS28EA00
device to lose synchronization with the master and, consequently, result in a search ROM command coming to a dead end or cause a device-specific function command to abort. For better performance in network applications, the DS28EA00 uses a new 1-Wire frontend, which makes it less sensitive to noise and also reduces the magnitude of noise injected by the slave device itself. The 1-Wire front-end of the DS28EA00 differs from traditional slave devices in four characteristics: 1) The falling edge of the presence pulse has a controlled slew rate. This provides a better match to the line impedance than a digitally switched transistor, converting the high-frequency ringing known from traditional devices into a smoother low-bandwidth transition. The slew-rate control is specified by the parameter tFPD, which has different values for standard and overdrive speed. 2) There is additional lowpass filtering in the circuit that detects the falling edge at the beginning of a time slot. This reduces the sensitivity to high-frequency noise. This additional filtering does not apply at overdrive speed. 3) There is a hysteresis at the low-to-high switching threshold VTH. If a negative glitch crosses VTH but does not go below VTH - VHY, it is not recognized (Figure 14, Case A). The hysteresis is effective at any 1-Wire speed. 4) There is a time window specified by the rising edge hold-off time t REH during which glitches are ignored, even if they extend below V TH - V HY threshold (Figure 14, Case B, tGL < tREH). Deep voltage droops or glitches that appear late after crossing the VTH threshold and extend beyond the tREH window cannot be filtered out and are taken as the beginning of a new time slot (Figure 14, Case C, tGL tREH). Devices that have the parameters VHY and tREH specified in their electrical characteristics use the improved 1-Wire front-end.
Improved Network Behavior (Switchpoint Hysteresis)
In a 1-Wire environment, line termination is possible only during transients controlled by the bus master (1-Wire driver). 1-Wire networks, therefore, are susceptible to noise of various origins. Depending on the physical size and topology of the network, reflections from end points and branch points can add up, or cancel each other to some extent. Such reflections are visible as glitches or ringing on the 1-Wire communication line. Noise coupled onto the 1-Wire line from external sources can also result in signal glitching. A glitch during the rising edge of a time slot can cause a slave
24
Sequence Discovery Procedure
Precondition: The PIOB pin (EN) of the first device in the chain is at logic 0. The PIOA pin (DONE) of the first device connects to the PIOB of the second device in the chain, etc., as shown in Figure 15. The 1-Wire master detects the physical sequence of the devices in the chain by performing the following procedure. Starting Condition: The master issues a Skip ROM command followed by a Chain ON command, which puts all devices in the chain ON state. The pullup
______________________________________________________________________________________
1-Wire Digital Thermometer with Sequence Detect and PIO DS28EA00
tREH VPUP VTH tREH
VHY CASE A CASE B tGL tGL CASE C
0V
Figure 14. Noise Suppression Scheme
through RCO of the PIOA pin charges the PIOA/PIOB connections to logic 1 level at all devices except for the first device in the chain. If a local VDD supply is not available, the master needs to activate a low-impedance bypass to the 1-Wire pullup resistor immediately after the inverted chain control byte until the PIOA/PIOB connections have reached a voltage equivalent to the logic 1 level. First Cycle: The master sends a Conditional Read ROM command, which causes the first device in the chain to respond with its 64-bit registration number. The master memorizes the registration number and the fact that this is the first device in the chain. Next, the master transmits a Chain DONE command. Through the PIOA pin of the just discovered device, this asserts logic 0 at the PIOB pin of the second device in the chain and also prevents the just discovered device from responding again. Second Cycle: The master sends a Conditional Read ROM command. Since the second DS28EA00 is the
only device in the chain with a low level at PIOB, it responds with its registration number. The master stores the registration number with the sequence number of 2. The first device cannot respond since it is in chain DONE state. Next, the master transmits a Chain DONE command. Additional Cycles: To identify the registration numbers of the remaining devices and their physical sequence, the master repeats the steps of Conditional Read ROM and Chain DONE. If there is no response to Conditional Read ROM, all devices in the chain are identified. Ending Condition: At the end of the discovery process all devices in the chain are in the chain DONE state. The master should end the sequence discovery by issuing a Skip ROM command followed by a Chain OFF command. This puts all the devices into the chain OFF state and transfers control of the PIOB and PIOA pins to the PIO Access Read and Write function commands.
VDD 1-Wire MASTER PX. Y #1 VDD IO DS28EA00 MICROCONTROLLER PIOB GND PIOA PIOB PIOA GND PIOB PIOA GND IO DS28EA00 #2 VDD IO DS28EA00 #3 VDD
*
*
*CAPACITANCE OF THE CABLING BETWEEN ADJACENT DEVICES IN THE CHAIN.
Figure 15. DS28AE00 Wired for Sequence Discovery ("Chain Function")
______________________________________________________________________________________
25
1-Wire Digital Thermometer with Sequence Detect and PIO DS28EA00
Command-Specific 1-Wire Communication Protocol--Legend
SYMBOL RST PD SELECT SKIPR CDRR WSP RSP CPSP CTEMP RPM RCLE PIOR PIOW CHAIN CRC 00 Loop FF Loop AA Loop xx Loop CONVERSION PROGRAMMING 1-Wire reset pulse generated by master 1-Wire presence pulse generated by slave Command and data to satisfy the ROM function protocol ROM function command: "Skip ROM" ROM function command: "Conditional Read ROM" Command: "Write Scratchpad" Command: "Read Scratchpad" Command: "Copy Scratchpad" Command: "Convert Temperature" Command: "Read Power Mode" Command: "Recall EEPROM" Command: "PIO Access Read" Command: "PIO Access Write" Command : "Chain" Transfer of n bytes Transfer of a CRC byte Transfer of a specific byte value "xx" (hexadecimal notation) Indefinite loop where the master reads 00 bytes Indefinite loop where the master reads FF bytes Indefinite loop where the master reads AA bytes Indefinite loop where the slave transmits the inverted invalid control byte A temperature conversion takes place; activity on the 1-Wire bus is permitted only with local VDD supply Data transfer to backup EEPROM; activity on the 1-Wire bus is permitted only with local VDD supply DESCRIPTION
Command-Specific 1-Wire Communication Protocol--Color Codes
Master-to-Slave Slave-to-Master Programming Conversion
26
______________________________________________________________________________________
1-Wire Digital Thermometer with Sequence Detect and PIO
1-Wire Communication Examples
Write Scratchpad
RST PD SELECT WSP <3 Bytes> RST PD
DS28EA00
Read Scratchpad
RST PD SELECT RSP <8 Bytes> CRC FF Loop
Copy Scratchpad (Parasite Powered)
RST PD SELECT CPS Wait tPROGMAX FF Loop During the wait, the master should activate a low-impedance bypass to the 1-Wire pullup resistor.
Copy Scratchpad (Local VDD Powered)
RST PD SELECT CPS <00h> FF Loop The master reads 00h bytes until the write cycle is completed.
Convert Temperature (Parasite Powered)
RST PD SELECT CTEMP Wait tCONVMAX FF Loop During the wait, the master should activate a low-impedance bypass to the 1-Wire pullup resistor.
Convert Temperature (Local VDD Powered)
RST PD SELECT CTEMP <00h> FF Loop The master reads 00h bytes until the conversion is completed.
Read Power Mode (Parasite Powered)
RST PD SELECT RPM <00h>
Read Power Mode (Local VDD Powered)
RST PD SELECT RPM
Recall EEPROM
RST PD SELECT RCLE <00h> FF Loop The master reads 00h bytes until the recall is completed.
PIO Access Read
RST PD SELECT PIOR See the command description for behavior if the device is in chain ON or chain DONE state.
Continues until master sends reset pulse.
PIO Access Write (Success)
RST PD SELECT PIOW
Loop until master sends reset pulse.
______________________________________________________________________________________
27
1-Wire Digital Thermometer with Sequence Detect and PIO DS28EA00
1-Wire Communication Examples (continued)
PIO Access Write (Invalid Data Byte)
RST PD SELECT PIOW FF Loop
The PIO Access Write command is ignored by the device while in chain ON or chain DONE state.
Change Chain State (Success)
RST PD SELECT CHAIN AA Loop
Change Chain State (Transmission Error)
RST PD SELECT CHAIN 00 Loop
Change Chain State (Invalid Control Byte)
RST PD SELECT CHAIN xx Loop
Sequence Discovery Example
RST PD RST PD RST PD RST PD RST PD SKIPR CHAIN <5Ah> CDRR CDRR CDRR SKIPR Wait for chain to charge Put all devices into chain ON state. Identify the first device and put it into chain DONE state. Identify the next device and put it into chain DONE state. Repeat this sequence until no device responds.
CHAIN <96h> <69h> CHAIN <96h> <69h> <8 Bytes FFh> No response: all devices have been discovered
Chain <3Ch>
Put all devices into chain OFF state.
For the sequence discovery to function properly, the logic state at PIOB (EN) must not change during the transmission of the Conditional Read ROM command code, and, if the device responds, must stay at logic 0 until the entire 64-bit registration number is transmitted.
Pin Configuration
IO N.C. N.C. GND 1 2 3 4 DS28EA00 + 8 7 6 5 VDD PIOB PIOA N.C.
Package Information
For the latest package outline information and land patterns, go to www.maxim-ic.com/packages. PACKAGE TYPE 8 SOP PACKAGE CODE U8+1 DOCUMENT NO. 21-0036
SOP
28
______________________________________________________________________________________
1-Wire Digital Thermometer with Sequence Detect and PIO
Revision History
REVISION NUMBER 0 1 2 REVISION DATE 1/07 6/07 4/09 Initial release. Changed the storage temperature range in the Absolute Maximum Ratings section from -40C to +85C to -55C to +125C. Created newer template-style data sheet. DESCRIPTION PAGES CHANGED -- 2 All
DS28EA00
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 ____________________ 29
(c) 2009 Maxim Integrated Products Maxim is a registered trademark of Maxim Integrated Products, Inc.


▲Up To Search▲   

 
Price & Availability of DS28EA00U

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X