Part Number Hot Search : 
90N04 2SC3198O HT45F4N 2SK868 SMB13 NDT451 ARSL256 XMXXX
Product Description
Full Text Search
 

To Download DCR2005BD10K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RESISTORS
Cost effective
CARBON FILM DCR
SECTION 1
High stock levels Zero-ohm link available
The DCR range is available in power ratings from 1/6W to 2W. All product is taped, with special taping forms available as an option. All product is manufactured to specifications ELA RS196A, JLS-C-6402 and IEC-115. Typical applications will range from consumer products to computing and automotive uses. All DCR's are recognisable by their pale beige colour, and easily readable EIA colour coding. Operating Temperature -55C to 155C
OUTLINE DRAWING
D
d
H
L
H

Normal DCR12 DCR25 DCR50 DCR100 DCR200
Small size L oD DCR25SS 3.3+0.4 1.8+0.3 DCR50SS 6.3+0.5 2.3+0.3 DCR100SS 9.0+0.5 3.2+0.5 DCR200SS 11.5+1.0 4.5+0.5 15.5+1.0 5.0+0.5
H 28+2.0 28+2.0 26+2.0 35+2.0 32+2.0
od 0.5+0.05 0.6+0.05 0.6+0.05 0.8+0.05 0.8+0.05
SECTION 4
RANGE
Type DCR12 DCR25 DCR25SS DCR50 DCR50SS DCR100 DCR100SS DCR200 DCR200SS Power/W 0.166 0.33 0.25 0.5 0.5 1 1 2 2 Max. Working Voltage/V 150 250 200 350 300 500 400 500 500 Max. Overload Voltage 300 500 400 700 600 1000 800 1000 1000 Range 1-10M E24 1-10M E24 1-10M E24 1-10M E24 1-10M E24 1-10M E24 1-10M E24 1-10M E24 1-10M E24
ORDERING INFORMATION DCR 25
Type 12 = 0.166W 25 = 0.33W 25SS = 0.25W 50 = 0.50W 50SS = 0.50W 100 = 1W 100SS = 1W 200SS = 2W 200 = 2W
5
Tolerance 5%
T
Taping T = Tape & Ammo BD = Tape/Reel
10K
Value in ohms
*
* Parts also available with 26mm width taping - add PT26 to end of part number Weldable type with copper lead wire
available to special order Taping specification available on page 134. DCR 50 becoming obsolete - 50 SST.
126
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758
CARBON FILM DCR
SPECIFICATION
PERFORMANCE TEST ShortTimeOverload DielectricWithstandingVoltage TemperatureCoefficientofResistance InsulationResistance Solderability ResistancetoSolvent TerminalStrength PulseOverload LoadLifeinHumidity LoadLife TemperatureCycling ResistancetoSolderingHeat TEST METHOD JIS-C-52025.5 JIS-C-52025.7 JIS-C-52025.2 JIS-C-52025.6 JIS-C-52026.5 JIS-C-52026.9 Trichloroethanefor1Min.withUltrasonic DirectLoadfor10Sec.inTheDirectionofTerminalLeads JIS-C-52025.8 4TimesRCWV10000Cycles(1Sec.on,25Sec.off) 402C,90~95%RHatRCWVfor1000hrs. JIS-C-52027.9 (1.5Hrs.on,0.5Hrs.off) JIS-C-52027.10 70CatRCWVfor1000Hrs.(1.5Hrs.on,0.5Hrsoff) JIS-C-52027.4 -55CRoomTemp.155CRoomTemp.for5Cycles JIS-C-52026.4 350C10Cfor30.5seconds 2.5TimesRCWVfor5seconds inV-Blockfor60seconds -55Cto155C inV-Block 260Cfor5Seconds APPRAISE (0.75%+0.05) byType byType >1000M 95%Min.Coverage NoDeteriorationof coatings&markings >2.5kg(24.5N) (1%+0.05) (3%+0.05) (3%+0.05) (1%+0.05) (1%+0.05)
*RatedContinuousWorkingVoltage(RCWV)=PowerRatingxResistanceValue
TEMPERATURE COEFFICIENT
0 100 200 300 400 500 600 700 800 10 100 1k 10k 100k 1M 10M
POWER DE-RATING
100 Percent Rated Load 80
CURRENT NOISE
10 3.0 V/V 1.0 0.3 0.1
60 40 20 0 0 20 40 70 100 120 140 155 Ambient Temperature / C 180
0.03
100
1k 10k 100k 1M Nominal Resistance /
10M
127
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758
SECTION 4


▲Up To Search▲   

 
Price & Availability of DCR2005BD10K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X