Part Number Hot Search : 
VCO55CL U2702A 0TA17 03N60C3 03N60C3 PE7113 XN1000 1N4946
Product Description
Full Text Search
 

To Download CTDD1207MF-1209S-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DC/DC Converters
ctparts.com
SPECIFICATIONS
CTDD1207MF-S Series
Fixed Input Isolated & Unregulated 1W Output, Single Output
Part Number CTDD1207MF-0303S-1 CTDD1207MF-0305S-1 CTDD1207MF-0503S-1 CTDD1207MF-0505S-1 CTDD1207MF-0509S-1 CTDD1207MF-0512S-1 CTDD1207MF-0515S-1
Vin Nom. 3.3VDC 3.3VDC 5VDC 5VDC 5VDC 5VDC 5VDC 12VDC 12VDC 12VDC 12VDC 12VDC 24VDC
Input Range 3.0~3.6 3.0~3.6 4.5~5.5VDC 4.5-5.5VDC 4.5-5.5VDC 4.5-5.5VDC 4.5-5.5VDC 10.8~13.2VDC 10.8-13.2VDC 10.8-13.2VDC 10.8-13.2VDC 10.8-13.2VDC 21.6~26.4VDC
Vout 3.3VDC 5VDC 3.3VDC 5VDC 9VDC 12VDC 15VDC 3.3VDC 5VDC 9VDC 12VDC 15VDC 12VDC
Iout Max. (mA) 300 200 300 200 111 84 67 300 200 111 84 67 84
Iout Min. (mA) 30 20 30 20 23 17 13 30 20 23 17 13 8
Effi(Typ.) 70% 71% 70% 71% 75% 77% 78% 75% 67% 73% 74% 75% 83%
Not shown at actual size.
Compliant
RoHS
CTDD1207MF-1203S-1 CTDD1207MF-1205S-1 CTDD1207MF-1209S-1 CTDD1207MF-1212S-1 CTDD1207MF-1215S-1 CTDD1207MF-2412S-1
ISOLATION SPECIFICATIONS
Item Isolation Voltage Isolation Resistance Test Condition Tested for 1 minute Test at 500VDC MIN 1000 1000 TYP MAX Units VDC M
OUTPUT SPECIFICATIONS FEATURES
Efficiency: To 83% Temperature Range: -40C to 85C Isolation: 1KVDC Package: UL94-V0 Miscellaneous: Single Output Voltage. No heatsink required. High Power Density. No external components required. Industry standard pinout. Small footprint. Custom service available. Samples available.
Item Output Power Line regulation Load regulation For Vin change of 1% 10% to 100% load (5V output) 10% to 100% load (9V output) 10% to 100% load (12V output) 10% to 100% load (15V output) Output voltage accuracy Temperature drift Output ripple Switching frequency See tolerance envelope graph 100% full load 20MHz Bandwidth Full load, nominal input 80 75 100 0.03 150 200 %/C mVp-p KHz 12.8 8.3 6.8 6.3 Test Condition MIN 0.1 TYP MAX 1 1.2 15 9.0 7.5 7.0 Units W % % % % %
CHARACTERISTICS
Short Circuit Protection: 1 second Temperature Rise at Full Load: 25C Max. 15C Typ. Cooling: Free air convection Operating Temperature Range: -40C to +85C Storage Temperature Range: -55C to +125C Lead Temperature: 300C Storage Humidity Range: < 95% Case Material: Plastic (UL94-V0) MTBF: >1,000,000 hours Miscellaneous: RoHS Compliant.
Note: 1. All specifications measured at TA=25C, humidity<75%, nominal input voltage and rated output load unless otherwise specified.
TYPICAL CHARACTERISTICS
Tolerance Envelope Graph
Temperature Derating Graph
Typic a
l Load
Line
+2.5% -2.5% -7.5%
Output Power(%)
Output Voltage(%)
+10% +5% Nominal Voltage
120 100 80 60
10%
50%
100%
40 20 0 -40
Safe Operating Area
0
40
80
120
Output Current(%)
Ambient Temperature(C)
03.17.06
Technologies
Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids 800-684-5322 Inside US 949-453-1811 Outside US
Copyright (c) 2006 by CT Magnetics, DBA Central Technologies. All rights reserved. CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
DC/DC Converters
ctparts.com
CTDD1207MF-S Series
Fixed Input Isolated & Unregulated 1W Output, Single Output OUTLINE DIMENSIONS & RECOMMENDED FOOTPRINT DETAILS
12.7 7.62 6.70
Detail A 11.2 Max. 7.50 Top View Front View 7.0 2.54 0.5 1.85Max.
0.3
Detail A
0.50 6.25 6.00 4.13 Side View 5.00 1.50 1.20
2.54
0.25
Note: All pins on a 2.54mm pitch; all pin diameters are 0.50mm; all dimensions in mm
PIN CONNECTIONS
8 Pin 1 2 3 4 Function GND Vin NC 0V 1
7
6
5 Pin 5 6 7 8 Function +Vo NC NC NC
2
3
4
03.17.06
Technologies
Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids 800-684-5322 Inside US 949-453-1811 Outside US
Copyright (c) 2006 by CT Magnetics, DBA Central Technologies. All rights reserved. CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL


▲Up To Search▲   

 
Price & Availability of CTDD1207MF-1209S-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X