|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
w ency eries Ne qu r S re plie F ti ul M CrysTeK PoCKeT Passive Doubler Part Number: CPPD-2-4 Input Freq. Range 2.0-4.0 GHz Features: Input Drive Level: +10dBm to +20dBm Conversion Loss: 13dB typical Isolation (Fo, 3Fo, 4Fo): 33dB typical Small In-Line SMA Package Input Frequency Range 2.0 to 4.0 GHz Output Frequency Range 4.0 to 8.0 GHz Actual Size Maximum Ratings: +27dBm Operating Temp.: -40C to 85C Storage Temp.: -55C to 100C Crystek's new line of frequency doublers are designed in a rugged SMA housing. The CPPD-2-4 will accept an input frequency from 2.0 to 4.0 GHz and multiply by a factor of two to achieve output frequencies from 4.0 to 8.0 GHz. Designed for Test Equipment and General Lab Use. Rev.: A Date: 09-09-08 CrysTeK PoCKeT Passive Doubler 1.312 (33.34) 0.612 (15.54) Signal Out SMA Male Signal In SMA Female 0.435 (11.05) x2 Rev.: A Date: 09-09-08 |
Price & Availability of CPPD-2-4 |