Part Number Hot Search : 
MIRO39A6 EDZ10B 1L323229 AD8801 5690F5 FX003QZS 100AXC CD8427CS
Product Description
Full Text Search
 

To Download CHS1210 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SRT Resistor Technology
High-Value Chip Resistors Type: CHS Sizes: 0402, 0603, 0805, 1206, 1210, 2512, 4020
Features: * * * * * * * High Value Chip Resistors in Thickfilm Low temperature and voltage dependency Untrimmed for higher Working Voltage up to 6000 V Suitable for high vacuum applicatons - no organics Contact areas PtAg for soldering and conductive glueing High temperature application possible (up to 300C) non-magnetic
Dimensions:
Size 0402 0603 0805 1206 1210 2512 4020 L 1.04 0.05 1.50 +0.15/-0.05 2.00 +0.15/-0.05 3.20 +0.15/-0.05 3.20 +0.15/-0.05 6.30 +0.15/-0.05 10.20 +0.15/-0.05 B 0.50 0.05 0.80 +0.15/-0.05 1.25 +0.15/-0.05 1.50 +0.2/-0.05 2.50 +0.2/-0.05 3.50 +0.2/-0.05 5.10 +0.2/-0.05 D 0.30
+0.15/-0.05
C 0.1 +0.1/-0.05 0.2 +0.2/-0.1 0.3 +0.2/-0.1 0.3 +0.2/-0.1 0.8 0.2 0.9 0.2 0.9 0.2
C L D B
0.40 +0.15/-0.05 0.40 +0.15/-0.05 0.40 +0.15/-0.05 0.50 +0.15/-0.05 0.60 +0.15/-0.05 0.60 +0.15/-0.05
L = Length, B = Width, D = Thickness, C = Width of wrap around (in mm)
Packaging:
Bulk in plastic bags - minimum quantity 100 pieces per value Blistertape acc. to IEC 60286-3 - minimum 1000 pieces per value Reel diameter 180 mm or 330 mm
Ordering Data:
Type - value - tolerance - TCR - packaging Example: CHS 4020 10G 10% TCR 100 Tape 180 mm Untrimmed parts are indicated by the extension "NA" in the order code: Type - value - tolerance - NA - TCR - packaging Example: CHS 4020 10G 10% NA TCR 100 Tape 180 mm If no requirements for TCR and taping are given, the standard value (highest value in table) will be supplied and packaging is bulk. Standard measuring voltage is 10V, required different voltages are to specify explicitly.
Issue 07-2008 SRT Resistor Technology GmbH Ostlandstr. 31 D-90556 Cadolzburg Germany Fon: Fax: E-mail: Internet: +49 (0)9103 / 7952-0 +49 (0)9103 / 5128 info@srt-restech.de www.srt-restech.de
SRT Resistor Technology
High-Value Chip Resistors Type: CHS Sizes: 0402, 0603, 0805, 1206, 1210, 2512, 4020
Technical data - depending on size:
Size
Power rating P70 (mW) (P155 = 0 mW) Max. Working Voltage U_, Ueff (V) trimmed untrimmed (Tol. > 5%)
0402
50
0603
100
0805
125
1206
250
1210
350
2512
1000
1)
4020
1500
1)
30 100
75 220
100 300
200 600
300 900
1000 2000
4000 6000
Ranges/Tolerances/ TCR2)/VCR
10M - 100M
5/10/20% TC50/100 <500 ppm/V 5/10/20% TC100/250 <1000 ppm/V 5/10/20% TC250/500 <1000 ppm/V 10/20/30% TC1000/2000 <2000 ppm/V 1/5/10/20% TC50/100 <250 ppm/V 2/5/10/20% TC100/250 <500 ppm/V 5/10/20% TC250/500 <500 ppm/V 5/10/20/30% TC500/1000 <2000 ppm/V 10/20/30% TC1000/2000 <10000 ppm/V 10/20/30% TC3000 <15000 ppm/V 0.5/1/5/10/20% TC50/100 <100 ppm/V 2/5/10/20% TC100/250 <250 ppm/V 5/10/20% TC250/500 <250 ppm/V 5/10/20% TC500/1000 <1000 ppm/V 10/20/30% TC1000/2000 <5000 ppm/V 10/20/30% TC3000 <10000 ppm/V 0.5/1/5/10/20% TC25/50/100 <100 ppm/V 2/5/10/20% TC50/100/250 <100 ppm/V 5/10/20% TC100/250 <250 ppm/V 5/10/20% TC500/1000 <1000 ppm/V 10/20/30% TC1000/2000 <2000 ppm/V 10/20/30% TC3000 <5000 ppm/V 0.5/1/5/10/20% TC25/50/100 <50 ppm/V 2/5/10/20% TC50/100/250 <100 ppm/V 5/10/20% TC100/250 <100 ppm/V 5/10/20% TC250/500 <500 ppm/V 5/10/20% TC500/1000 <1000 ppm/V 10/20/30% TC1000/2000 <2000 ppm/V 0.5/.../20% TC25/50/100 <10 ppm/V 1/5/10/20% TC25/50/100 <25 ppm/V 1/5/10/20% TC100/250 <25 ppm/V 2/5/10/20% TC250/500 <100 ppm/V 5/10/20% TC250/500 <250 ppm/V 10/20/30% TC500/1000 <500 ppm/V 0.25/.../10% TC25/50/100 <5 ppm/V 0.5/.../20% TC25/50/100 <10 ppm/V 1/5/10/20% TC25/50/100 <10 ppm/V 2/5/10/20% TC50/100 <25 ppm/V 5/10/20/30% TC100/250 <100 ppm/V 10/20/30% TC250/500 <250 ppm/V
>100M - 500M
>500M - 1G
>1G - 10G
>10G - 100G
>100G - 1T
1) 2)
At continuous power dissipation the dimensions of solder-pads have to secure sufficient heat-conduction TC25/50: Temperature range +25C...+85C Lower values of tolerance, TCR and VCR on request and agreement
Technical data - general:
Temperature range Climatic category acc. to DIN EN 60068-1 Solderability acc DIN EN 60068-2-58 (lead-free and lead-containing) Maximum soldering temperature acc. DIN EN 60068-2-58
3)
-55C ... +155C 55/155/56 250C, 3s 260C, 10s
Extended temperature range up to 300C possible- see datasheet: High temperature chip resistors
Long term stability Storage 125C/1000h Maximum Voltage/1000h
3)
<1G <1% <0.5%
<10G <2% <1%
10G <5% <2%
Up to 6 months after shipment; longer at storage in Nitrogen Data not specified according EN 140401-802 (CECC 40401-802)
Issue 07-2008 SRT Resistor Technology GmbH Ostlandstr. 31 D-90556 Cadolzburg Germany Fon: Fax: E-mail: Internet: +49 (0)9103 / 7952-0 +49 (0)9103 / 5128 info@srt-restech.de www.srt-restech.de


▲Up To Search▲   

 
Price & Availability of CHS1210

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X