Part Number Hot Search : 
VC125A 103EDT SIHF9520 E002607 BZX84C10 L2012 14124 TC2263
Product Description
Full Text Search
 

To Download CHS1210 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RIEDON
High Resistance Thick Film Chip Resistors
Type CHS
High Value Thick Film Resistance Element Resistance From 10MW to 1TW Tolerances to 1% TCRs to 25 ppm/C Available Trimmed and Untrimmed Sizes; 0402, 0603, 0805, 1206, 1210, 2512, 4020 Riedon's new precision chip resistors use thick film resistance layers, and PtAg contact areas for soldering or conductive glueing. This ensures a highly stable and reliable resistor. Standard measureing voltage is 10V.
SPECIFICATIONS
CHS Size Power Rating (mW)
(1)
0402 50 30 (90)
0603 75 75 (200)
0805 125 100 (300)
1206 250 200 (600)
1210 350
2512 600
4020 800
Working Voltage Trimmed (Untrimmed) Resistance 10M - 100M >100M - 1G >1G - 10G >10G - 100G >100G - 1T Tolerance (%) * 0.5% to 20% 1% to 20% 2% to 30% 5% to 30% 5% to 30%
300 (900) 1000(2000) 4000(6000)
TCRs Available ( ppm/C ) VCR ( %/ V ) 100, 250
<0.2%/ V
100, 250
<0.1%/ V
50, 100
<0.05%/ V
50, 100
<0.05%/ V
50, 100
<0.02%/ V
50, 100
<0.02%/ V
25, 50, 100
<0.01%/V
250, 500
<0.5%/ V
250, 500
<0.2%/ V
250, 500
<0.15%/ V
100, 250
<0.1%/ V
100, 250
<0.05%/ V
100, 250 25, 50, 100
<0.02%/ V <0.01%/V
1000,2000
<1%/ V
500,1000
<0.5%/ V
500,1000
<0.5%/ V
500,1000
<0.2%/ V
250, 500
<0.1%/ V
250, 500
<0.05%/ V
50, 100
<0.02%/V
-
500,1000
<1%/ V
500,1000
<1%/ V
500,1000
<0.5%/ V
250, 500
<0.2%/ V
250, 500
<0.1%/ V
100, 250
<0.05%/V
-
1000,2000 1000,2000 500,1000
<2%/ V <1%/ V <0.5%/ V
500,1000
<0.2%/ V
250, 500
<0.1%/V
* Not All Tolerances available in all package size & ohmic value combinations - Consult Factory
(1) mW @ 70C, 0mW @ 125C
Temperature Range Climatic Category Solderability Max. Soldering Temperature -
-55C to 125C 55/125/56 235C, 5 Seconds 260C, 10 Seconds
(626) 284-9901 Fax: (626) 284-1704
Riedon Inc.
REV 10/02
300 Cypress Avenue
Alhambra CA 91801 www.riedon.com
RIEDON
Long Term Stability Storage 125C / 1000h Maximum Voltage / 1000h
High Resistance Thick Film Chip Resistors
Type CHS
< 100MW <1% <0.5%
100MW - < 1GW <2% <1%
1GW <5% <2%
DIMENSIONS
C
B
L
D
Size CHS0402 CHS0603 CHS0805 CHS1206 CHS1210 CHS2512 CHS4020
L 1.04 0.05 1.5 2.0 3.2 3.2 6.3 10.2
+0.15 -0.05 +0.15 -0.05 +0.15 -0.05 +0.15 -0.05 +0.15 -0.05 +0.15 -0.05
B 0.5 0.05 0.8 1.2 1.5 2.5 3.5 5.1
+0.15 - 0.05 +0.15 - 0.05 +0.15 - 0.05 +0.20 - 0.05 +0.20 - 0.05 +0.20 - 0.05
D 0.3 0.05 0.4 0.4 0.4 0.5 0.6 0.6
+0.15 - 0.05 +0.15 - 0.05 +0.15 - 0.05 +0.15 - 0.05 +0.15 - 0.05 +0.15 - 0.05
C 0.1 0.2 0.3 0.3
+0.1 - 0.05 +0.2 - 0.1 +0.2 - 0.1 +0.2 - 0.1
0.8 0.2 0.9 0.2 1.0 0.2 Units: mm per CECC40400
Packaging: Bulk or Tape & Reel per IEC 286-3 / EIA 481-1-A
Tape width 8mm, Reel diameter 180 or 330mm Minimum quantity Bulk, 100 pieces per value Minimum quantity Tape & Reel, 1000 pieces per value
Ordering information: Type/Size - Resistance - Tolerance - TCR - Packaging ( if not Bulk )
( Note: if no TCR is specified, the highest value will be supplied )
Example: CHS2512 - 10G - 10 - 250 - Tape
Riedon Inc.
REV 10/02
300 Cypress Avenue
Alhambra CA 91801 www.riedon.com
(626) 284-9901
Fax: (626) 284-1704


▲Up To Search▲   

 
Price & Availability of CHS1210

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X