|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
BLF4G22-130; BLF4G22LS-130 UHF power LDMOS transistor Rev. 01 -- 3 July 2007 Product data sheet 1. Product profile 1.1 General description 130 W LDMOS power transistor for base station applications at frequencies from 2000 MHz to 2200 MHz. Table 1. Typical performance Tcase = 25 C in a common source class-AB test circuit. Mode of operation 2-carrier W-CDMA[1] [1] f (MHz) f1 = 2135; f2 = 2145 VDS (V) 28 PL(AV) (W) 33 Gp (dB) 13.5 D (%) 26 IMD3 (dBc) -37 ACPR (dBc) -41 10 MHz carrier spacing PAR 7 dB at 0.01 % probability on CCDF, 3GPP test model 1, 1 - 64 DPCH. CAUTION This device is sensitive to ElectroStatic Discharge (ESD). Therefore care should be taken during transport and handling. 1.2 Features I Typical 2-carrier W-CDMA performance at a supply voltage of 28 V and an IDq of 1150 mA: N Average output power = 33 W N Power gain = 13.8 dB N Efficiency = 26 % N ACPR = -41 dBc N IMD3 = -37 dBc I Easy power control I Integrated ESD protection I Excellent ruggedness (> 10 : 1 VSWR at 130 W (CW)) I High efficiency I High peak power capability (> 190 W) I Excellent thermal stability I Designed for broadband operation (2000 MHz to 2200 MHz) I Internally matched for ease of use NXP Semiconductors BLF4G22-130; BLF4G22LS-130 UHF power LDMOS transistor 1.3 Applications I RF power amplifiers for W-CDMA base stations and multi carrier applications in the 2000 MHz to 2200 MHz frequency range. 2. Pinning information Table 2. Pin 1 2 3 Pinning Description drain gate source [1] Simplified outline Symbol BLF4G22-130 (SOT502A) 1 3 2 2 3 sym112 1 BLF4G22LS-130 (SOT502B) 1 2 3 drain gate source [1] 1 3 2 2 1 3 sym112 [1] Connected to flange 3. Ordering information Table 3. Ordering information Package Name BLF4G22-130 Description flanged LDMOST ceramic package; 2 mounting holes; 2 leads earless flanged LDMOST ceramic package; 2 leads Version SOT502A SOT502B Type number BLF4G22LS-130 - 4. Limiting values Table 4. Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). Symbol VDS VGS ID Tstg Tj Parameter drain-source voltage gate-source voltage drain current storage temperature junction temperature Conditions Min -0.5 -65 Max 65 +15 15 +150 200 Unit V V A C C BLF4G22-130_4G22LS-130_1 (c) NXP B.V. 2007. All rights reserved. Product data sheet Rev. 01 -- 3 July 2007 2 of 13 NXP Semiconductors BLF4G22-130; BLF4G22LS-130 UHF power LDMOS transistor 5. Thermal characteristics Table 5: Symbol Rth(j-case) Thermal characteristics Parameter Conditions Type BLF4G22-130 BLF4G22LS-130 Typ 0.56 0.50 Max 0.65 0.59 Unit K/W K/W thermal resistance from Tcase = 80 C; junction to case PL = 33 W 6. Characteristics Table 6. Characteristics Tj = 25 C unless otherwise specified Symbol Parameter V(BR)DSS drain-source breakdown voltage VGS(th) IDSS IDSX IGSS gfs RDS(on) Crs gate-source threshold voltage drain leakage current drain cut-off current gate leakage current forward transconductance drain-source on-state resistance feedback capacitance Conditions VGS = 0 V; ID = 2.1 mA VDS = 10 V; ID = 230 mA VGS = 0 V; VDS = 28 V VGS = VGS(th) + 6 V; VDS = 10 V VGS = +15 V; VDS = 0 V VDS = 10 V; ID = 12.8 A VGS = VGS(th) + 6 V; ID = 7.7 A VGS = 0 V; VDS = 28 V; f = 1 MHz Min 65 2.5 35 Typ 3.1 44 11 0.07 3.4 Max Unit 3.5 5 420 V V A A nA S pF 7. Application information Table 7. Application information Mode of operation: 2-carrier W-CDMA, PAR 7 dB at 0.01 % probability on CCDF, 3GPP test model 1, 1-64 DPCH; f1 = 2112.5 MHz; f2 = 2122.5 MHz; f3 = 2157.5 MHz; f4 = 2167.5 MHz. Symbol Parameter Gp RLin D IMD3 ACPR power gain input return loss drain efficiency third order intermodulation distortion adjacent channel power ratio Conditions PL(AV) = 33 W PL(AV) = 33 W PL(AV) = 33 W PL(AV) = 33 W PL(AV) = 33 W Min 12.5 -9 24 Typ 13.5 -15 26 -37 -41 Max Unit -34 -39 dB dB % dBc dBc 7.1 Ruggedness in class-AB operation The BLF4G22-130 and the BLF4G22LS-130 are capable of withstanding a load mismatch corresponding to VSWR = 10 : 1 through all phases under the following conditions: VDS = 28 V; IDq = 1150 mA; PL = 130 W (CW). BLF4G22-130_4G22LS-130_1 (c) NXP B.V. 2007. All rights reserved. Product data sheet Rev. 01 -- 3 July 2007 3 of 13 NXP Semiconductors BLF4G22-130; BLF4G22LS-130 UHF power LDMOS transistor 40 Gp (dB) 30 D 20 Gp 001aag620 40 D (%) 30 -15 IMD3 ACPR (dBc) -25 001aag621 20 -35 IMD3 ACPR 10 10 -45 0 0 10 20 30 40 50 PL(AV) (W) 0 -55 0 10 20 30 40 50 PL(AV) (W) VDS = 28 V; IDq = 900 mA; Tcase = 25 C; f = 1990 MHz. VDS = 28 V; IDq = 900 mA; Tcase = 25 C; f = 1990 MHz. Fig 1. 2-Carrier W-CDMA power gain and drain efficiency as functions of average load power; typical values Fig 2. 2-Carrier W-CDMA IMD3 and ACPR as functions of average load power; typical values Table 8. Typical impedance VDS = 28 V; IDq = 1150 mA; PL(AV) = 33 W; Tcase = 25 C. f MHz 2110 2140 2170 ZS 1.9 - j2.8 1.8 - j2.7 1.7 - j2.6 ZL 1.7 - j1.8 1.6 - j1.6 1.5 - j1.4 BLF4G22-130_4G22LS-130_1 (c) NXP B.V. 2007. All rights reserved. Product data sheet Rev. 01 -- 3 July 2007 4 of 13 NXP Semiconductors BLF4G22-130; BLF4G22LS-130 UHF power LDMOS transistor 16 Gp (dB) 14 (5) (4) (3) (2) (1) 001aag622 -20 IMD3 (dBc) -30 (5) 001aag623 -40 (4) (3) (2) -50 12 -60 (1) 10 1 10 102 PL(PEP) (W) 103 -70 1 10 102 PL(PEP) (W) 103 (1) IDq = 850 mA (2) IDq = 975 mA (3) IDq = 1150 mA (4) IDq = 1350 mA (5) IDq = 1550 mA VDS = 28 V; f1 = 2140.0 MHz; f2 = 2140.1 MHz. (1) IDq = 850 mA (2) IDq = 975 mA (3) IDq = 1150 mA (4) IDq = 1350 mA (5) IDq = 1550 mA VDS = 28 V; f1 = 2140.0 MHz; f2 = 2140.1 MHz. Fig 3. Two-tone power gain as a function of peak envelope load power; typical values Fig 4. Third order intermodulation distortion as a function of peak envelope load power; typical values 1011 t50% x IDS2 (h x A2) 1010 001aag625 15 Gp (dB) (1) 001aag624 13 (2) 109 108 11 107 9 0 80 160 PL (W) 240 106 80 120 160 200 Tj (C) 240 ton = 8 s; toff = 1 ms. (1) PL(1dB) = 174 W (= 52.4 dBm) (2) PL(3db) = 209 W (= 53.2 dBm) Fig 5. Pulsed peak power capability; typical values Fig 6. Time in hours to 50 % cumulative failure (t50%) due to electromigration as function of junction temperature BLF4G22-130_4G22LS-130_1 (c) NXP B.V. 2007. All rights reserved. Product data sheet Rev. 01 -- 3 July 2007 5 of 13 xxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx x xxxxxxxxxxxxxx xxxxxxxxxx xxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxx xx xxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxx xxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxx xxxxxxxxxxxxxx xxxxxx xx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxx xxxxx x x Product data sheet Rev. 01 -- 3 July 2007 (c) NXP B.V. 2007. All rights reserved. BLF4G22-130_4G22LS-130_1 8. Test information NXP Semiconductors C1 C12 C13 VGG R1 VDD C11 C2 C14 C3 C4 L7 L14 C5 C6 C8 C9 C10 C15 BLF4G22-130; BLF4G22LS-130 L6 DUT C7 L1 L2 L3 L4 L5 L8 L10 C16 L11 L12 L13 L9 UHF power LDMOS transistor 001aac275 See Table 9 for list of components. Fig 7. Schematic test circuit for operation at 2.14 GHz 6 of 13 xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx Product data sheet Rev. 01 -- 3 July 2007 (c) NXP B.V. 2007. All rights reserved. BLF4G22-130_4G22LS-130_1 NXP Semiconductors 50 mm C1 C13 VGG R1 C12 C11 C2 C3 C5 75 mm C4 L7 L14 C8 C9 C10 C6 C14 C15 BLF4G22-130; BLF4G22LS-130 L6 C7 L1 L2 L3 L4 L5 L8 L9 L10 C16 L11 L12 L13 UHF power LDMOS transistor 001aac276 The components are situated on a double copper-clad Taconic RF35 Printed-Circuit Board (PCB) (r = 3.5); thickness = 0.76 mm. The other side is unetched and serves as a ground plane. See Table 9 for list of components. Fig 8. Component layout for 2.14 GHz test circuit 7 of 13 NXP Semiconductors BLF4G22-130; BLF4G22LS-130 UHF power LDMOS transistor Table 9. List of components (see Figure 7 and Figure 8) Description tantalum capacitor multilayer ceramic chip capacitor multilayer ceramic chip capacitor multilayer ceramic chip capacitor multilayer ceramic chip capacitor multilayer ceramic chip capacitor multilayer ceramic chip capacitor electrolytic capacitor tantalum capacitor multilayer ceramic chip capacitor stripline stripline stripline stripline stripline stripline stripline stripline stripline stripline stripline stripline stripline stripline SMD resistor Value 10 F; 35 V 4.7 F; 25 V 8.2 pF 1.5 F; 50 V 0.6 pF 4.7 pF 220 nF; 50 V 220 F; 63 V 4.7 F; 50 V 7.5 pF Z0 = 50 Z0 = 50 Z0 = 24 Z0 = 15 Z0 = 9.5 Z0 = 60 Z0 = 60 Z0 = 8.2 Z0 = 5.5 Z0 = 50 Z0 = 50 Z0 = 34 Z0 = 50 Z0 = 43 4.7 ; 0.1 W [1] [3] [3] [3] [3] [3] [3] [3] [3] [3] [3] [3] [3] [3] [3] [1] [2] [2] Component C1, C2, C11 C3 C4, C10 C5, C8, C14, C15 C6 C7 C9 C12 C13 C16 L1 L2 L3 L4 L5 L6 L7 L8 L9 L10 L11 L12 L13 L14 R1 [1] [2] [3] Remarks ATC180R (W x L) 32.3 mm x 1.7 mm (W x L) 2.2 mm x 1.7 mm (W x L) 2.3 mm x 4.8 mm (W x L) 2.4 mm x 8 mm (W x L) 9.3 mm x 14 mm (W x L) 4 mm x 1.2 mm (W x L) 14.5 mm x 1.2 mm (W x L) 9.3 mm x 16.8 mm (W x L) 3 mm x 25.8 mm (W x L) 11 mm x 1.7 mm (W x L) 9.5 mm x 1.7 mm (W x L) 3 mm x 3 mm (W x L) 12.7 mm x 1.7 mm (W x L) 13.5 mm x 2.1 mm American Technical Ceramics type 100A or capacitor of same quality. American Technical Ceramics type 100B or capacitor of same quality. Striplines are on a double copper-clad Taconic RF35 Printed-Circuit Board (PCB) (r = 3.5); thickness = 0.76 mm. BLF4G22-130_4G22LS-130_1 (c) NXP B.V. 2007. All rights reserved. Product data sheet Rev. 01 -- 3 July 2007 8 of 13 NXP Semiconductors BLF4G22-130; BLF4G22LS-130 UHF power LDMOS transistor 9. Package outline Flanged LDMOST ceramic package; 2 mounting holes; 2 leads SOT502A D A 3 D1 F U1 q C B c 1 L H U2 p w1 M A M B M E1 E A 2 b w2 M C M Q 0 5 scale 10 mm DIMENSIONS (millimetre dimensions are derived from the original inch dimensions) UNIT mm inches A 4.72 3.43 0.186 0.135 b 12.83 12.57 c 0.15 0.08 D D1 E 9.50 9.30 E1 9.53 9.25 F 1.14 0.89 H 19.94 18.92 L 5.33 4.32 p 3.38 3.12 Q 1.70 1.45 q 27.94 U1 34.16 33.91 1.345 1.335 U2 9.91 9.65 0.390 0.380 w1 0.25 0.01 w2 0.51 0.02 20.02 19.96 19.61 19.66 0.788 0.786 0.772 0.774 0.505 0.006 0.495 0.003 0.374 0.375 0.366 0.364 0.045 0.785 0.035 0.745 0.210 0.133 0.170 0.123 0.067 1.100 0.057 OUTLINE VERSION SOT502A REFERENCES IEC JEDEC JEITA EUROPEAN PROJECTION ISSUE DATE 99-12-28 03-01-10 Fig 9. Package outline SOT502A BLF4G22-130_4G22LS-130_1 (c) NXP B.V. 2007. All rights reserved. Product data sheet Rev. 01 -- 3 July 2007 9 of 13 NXP Semiconductors BLF4G22-130; BLF4G22LS-130 UHF power LDMOS transistor Earless flanged LDMOST ceramic package; 2 leads SOT502B D A F 3 D1 D U1 c L 1 H U2 E1 E 2 b w2 M D M Q 0 5 scale 10 mm DIMENSIONS (millimetre dimensions are derived from the original inch dimensions) UNIT mm inches A 4.72 3.43 0.186 0.135 b 12.83 12.57 c 0.15 0.08 D D1 E 9.50 9.30 E1 9.53 9.25 F 1.14 0.89 H 19.94 18.92 L 5.33 4.32 0.210 0.170 Q 1.70 1.45 U1 20.70 20.45 U2 9.91 9.65 w2 0.25 20.02 19.96 19.61 19.66 0.788 0.786 0.772 0.774 0.505 0.006 0.495 0.003 0.374 0.375 0.366 0.364 0.045 0.785 0.035 0.745 0.067 0.815 0.057 0.805 0.390 0.010 0.380 OUTLINE VERSION SOT502B REFERENCES IEC JEDEC JEITA EUROPEAN PROJECTION ISSUE DATE 03-01-10 07-05-09 Fig 10. Package outline SOT502B BLF4G22-130_4G22LS-130_1 (c) NXP B.V. 2007. All rights reserved. Product data sheet Rev. 01 -- 3 July 2007 10 of 13 NXP Semiconductors BLF4G22-130; BLF4G22LS-130 UHF power LDMOS transistor 10. Abbreviations Table 10. Acronym 3GPP ACPR CCDF CW DPCH EDGE EVM GSM LDMOS LDMOST PAR RF VSWR W-CDMA Abbreviations Description Third Generation Partnership Project Adjacent Channel Power Ratio Complementary Cumulative Distribution Function Continuous Wave Dedicated Physical CHannel Enhanced Data rates for GSM Evolution Error Vector Magnitude Global System for Mobile communications Laterally Diffused Metal Oxide Semiconductor Laterally Diffused Metal-Oxide Semiconductor Transistor Peak-to-Average power Ratio Radio Frequency Voltage Standing Wave Ratio Wideband Code Division Multiple Access 11. Revision history Table 11. Revision history Release date 20070703 Data sheet status Product data sheet Change notice Supersedes Document ID BLF4G22-130_4G22LS-130_1 BLF4G22-130_4G22LS-130_1 (c) NXP B.V. 2007. All rights reserved. Product data sheet Rev. 01 -- 3 July 2007 11 of 13 NXP Semiconductors BLF4G22-130; BLF4G22LS-130 UHF power LDMOS transistor 12. Legal information 12.1 Data sheet status Document status[1][2] Objective [short] data sheet Preliminary [short] data sheet Product [short] data sheet [1] [2] [3] Product status[3] Development Qualification Production Definition This document contains data from the objective specification for product development. This document contains data from the preliminary specification. This document contains the product specification. Please consult the most recently issued document before initiating or completing a design. The term `short data sheet' is explained in section "Definitions". The product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple devices. The latest product status information is available on the Internet at URL http://www.nxp.com. 12.2 Definitions Draft -- The document is a draft version only. The content is still under internal review and subject to formal approval, which may result in modifications or additions. NXP Semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall have no liability for the consequences of use of such information. Short data sheet -- A short data sheet is an extract from a full data sheet with the same product type number(s) and title. A short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. For detailed and full information see the relevant full data sheet, which is available on request via the local NXP Semiconductors sales office. In case of any inconsistency or conflict with the short data sheet, the full data sheet shall prevail. malfunction of a NXP Semiconductors product can reasonably be expected to result in personal injury, death or severe property or environmental damage. NXP Semiconductors accepts no liability for inclusion and/or use of NXP Semiconductors products in such equipment or applications and therefore such inclusion and/or use is at the customer's own risk. Applications -- Applications that are described herein for any of these products are for illustrative purposes only. NXP Semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. Limiting values -- Stress above one or more limiting values (as defined in the Absolute Maximum Ratings System of IEC 60134) may cause permanent damage to the device. Limiting values are stress ratings only and operation of the device at these or any other conditions above those given in the Characteristics sections of this document is not implied. Exposure to limiting values for extended periods may affect device reliability. Terms and conditions of sale -- NXP Semiconductors products are sold subject to the general terms and conditions of commercial sale, as published at http://www.nxp.com/profile/terms, including those pertaining to warranty, intellectual property rights infringement and limitation of liability, unless explicitly otherwise agreed to in writing by NXP Semiconductors. In case of any inconsistency or conflict between information in this document and such terms and conditions, the latter will prevail. No offer to sell or license -- Nothing in this document may be interpreted or construed as an offer to sell products that is open for acceptance or the grant, conveyance or implication of any license under any copyrights, patents or other industrial or intellectual property rights. 12.3 Disclaimers General -- Information in this document is believed to be accurate and reliable. However, NXP Semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such information. Right to make changes -- NXP Semiconductors reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. This document supersedes and replaces all information supplied prior to the publication hereof. Suitability for use -- NXP Semiconductors products are not designed, authorized or warranted to be suitable for use in medical, military, aircraft, space or life support equipment, nor in applications where failure or 12.4 Trademarks Notice: All referenced brands, product names, service names and trademarks are the property of their respective owners. 13. Contact information For additional information, please visit: http://www.nxp.com For sales office addresses, send an email to: salesaddresses@nxp.com BLF4G22-130_4G22LS-130_1 (c) NXP B.V. 2007. All rights reserved. Product data sheet Rev. 01 -- 3 July 2007 12 of 13 NXP Semiconductors BLF4G22-130; BLF4G22LS-130 UHF power LDMOS transistor 14. Contents 1 1.1 1.2 1.3 2 3 4 5 6 7 7.1 8 9 10 11 12 12.1 12.2 12.3 12.4 13 14 Product profile . . . . . . . . . . . . . . . . . . . . . . . . . . 1 General description. . . . . . . . . . . . . . . . . . . . . . 1 Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Applications . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 Pinning information . . . . . . . . . . . . . . . . . . . . . . 2 Ordering information . . . . . . . . . . . . . . . . . . . . . 2 Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 2 Thermal characteristics. . . . . . . . . . . . . . . . . . . 3 Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . 3 Application information. . . . . . . . . . . . . . . . . . . 3 Ruggedness in class-AB operation. . . . . . . . . . 3 Test information . . . . . . . . . . . . . . . . . . . . . . . . . 6 Package outline . . . . . . . . . . . . . . . . . . . . . . . . . 9 Abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . . 11 Revision history . . . . . . . . . . . . . . . . . . . . . . . . 11 Legal information. . . . . . . . . . . . . . . . . . . . . . . 12 Data sheet status . . . . . . . . . . . . . . . . . . . . . . 12 Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 Trademarks . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 Contact information. . . . . . . . . . . . . . . . . . . . . 12 Contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13 Please be aware that important notices concerning this document and the product(s) described herein, have been included in section `Legal information'. (c) NXP B.V. 2007. All rights reserved. For more information, please visit: http://www.nxp.com For sales office addresses, please send an email to: salesaddresses@nxp.com Date of release: 3 July 2007 Document identifier: BLF4G22-130_4G22LS-130_1 |
Price & Availability of BLF4G22-130 |