Part Number Hot Search : 
1N5392G SDA20000 NM3SOL3R 35MB20A NTE489 5KE130 SC425 EN7379A
Product Description
Full Text Search
 

To Download BD809 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
DESCRIPTION *With TO-220C package *Complement to type BD810 *DC current gain : hFE = 30 (Min) @ IC = 2.0 Adc APPLICATIONS *Designed for use in high power audio amplifiers utilizing complementary or quasi complementary circuits.
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter DESCRIPTION
BD809
Absolute maximum ratings (Ta=25 )
SYMBOL VCBO VCEO VEBO IC IB PD Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Base current Total power dissipation Junction temperature Storage temperature TC=25 CONDITIONS Open emitter Open base Open collector VALUE 80 80 5 10 6 90 150 -55~150 UNIT V V V A A W
THERMAL CHARACTERISTICS
SYMBOL Rth j-c PARAMETER Thermal resistance junction to case MAX 1.39 UNIT /W
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
BD809
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter sustaining voltage Collector-emitter saturation voltage Base-emitter voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain Transition frequency CONDITIONS IC=0.1A; IB=0 IC=3 A;IB=0.3 A IC=4A ; VCE=2V VCB=80V; IE=0 VEB=5V; IC=0 IC=2A ; VCE=2V IC=4A ; VCE=2V IC=1A ; VCE=10V;f=1.0MHz 30 15 1.5 MHz MIN 80 1.1 1.6 1.0 2.0 TYP. MAX UNIT V V V mA mA
SYMBOL VCEO(SUS) VCEsat VBE ICBO IEBO hFE-1 hFE-2 fT
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
BD809
Fig.2 Outline dimensions (unindicated tolerance:0.10 mm)
3


▲Up To Search▲   

 
Price & Availability of BD809

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X