Part Number Hot Search : 
PIC30F 4435D SK125 A54E3 S2510 V131DB40 C877280B C2111
Product Description
Full Text Search
 

To Download B44066R7415E230 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Film capacitors - Power Factor Correction
Key components - PF controller
Series/Type: Ordering code: Date: Version:
BR7000 B44066R7415E230 March 2009 1
Content of header bars 1 and 2 of data sheet will be automatically entered in headers and footers! Please fill in the table and then change the color to "white". This ensures that the table disappears (invisible) for the customer PDF. Don't change formatting when entering or pasting text in the table and don't add any cell or line in and to it!
Identification/Classification 1 (header 1 + top left bar): Identification/Classification 2 (header 2 + bottom left header bar): Ordering code: (top right header bar) Series/Type: (top right header bar) Preliminary data (optional): (if necessary) Department: Date: Version: Film capacitors - Power Factor Correction Key components - PF controller B44066R7415E230 BR7000 Preliminary data FK PC PM PFC March 2009 1
(c) EPCOS AG 2009. Reproduction, publication and dissemination of this publication, enclosures hereto and the information contained therein without EPCOS' prior express consent is prohibited
Film capacitors - Power Factor Correction Key components - PF controller
Preliminary data Characteristics Three phase measuring and controlling Switching relays customizable for three phase or single phase compensation Mixed three and single phase compensation Usage as power factor controller and/or as measuring device Intelligent control Menu driven handling (several plain languages) Optimized navigation in the menus by ESCAPE (ESC) button HELP-button for interactive help text (related to the particular menu) Measurement and display
B44066R7415E230 BR7000
3-phase measurement of all relevant grid parameters (voltage, current, reactive power, active power, apparent power, frequency, harmonics up to the 31st order, temperature) Display and storage of maximum values, switching operations and operation time Display of date, time, operation Display of harmonics as THD value or for every harmonic as bar graph Oscilloscope mode for graphical display of a complete oscillation incl. harmonics Display of measured values freely programmable (display-editor) Changeover font size: big font (max. 3 measured values in the display) Operation Graphic display 128 x 64 dots with max. 8 lines User interface plain language; several languages Self explanatory and optimized menu navigation Modes of operation Automatic initialization Display and automatic operation (normal control) Manual operation Test run Service operation Expert mode
FK PC PM PFC Please read Cautions and warnings and Important notes at the end of this document. Page 2 of 7
March 2009
Film capacitors - Power Factor Correction Key components - PF controller
Preliminary data Controlling
B44066R7415E230 BR7000
Simple controlling 3-phase (3-phase capacitors), max. 15 switching outputs. For 3-phasemeasurement: controlling is done either according to the worst cos or average value. For singlephase-measurement: 2 current inputs are additionally available for measured capacitor bank currents Single phase controlling: max. 5 switching outputs for each phase (3 * 5 switching outputs); each phase is controlled separately. Single phase capacitors are switched to neutral. Mixed controlling: e.g. 3 * 3 single phase capacitors per phase (L-N) for balancing and additional 6 outputs for normal 3-phase-capacitors. Separate controlling of single phase capacitors L-L (without neutral) Error messages Over voltage/under voltage/no voltage Over current Over/under compensated Harmonics (THD exceeded) Over temperature C-defect Warning switching operations Internal alert message with time stamp 1 alarm relay 1 relay freely programmable 1 relay for fan control Inputs Operating voltage input: 3 measuring voltage inputs: 3 current inputs: 1 external input Outputs 3 * 5 relay outputs (contact NO) as switching outputs 3 relay outputs (contact NO) for message/alarm/fan 2 independent isolated interfaces RS485 110 ... 230 V AC 15 % 30 ... 440 V AC (L-N) / 690 V AC (L-L) X:1A / X:5A
FK PC PM PFC Please read Cautions and warnings and Important notes at the end of this document. Page 3 of 7
March 2009
Film capacitors - Power Factor Correction Key components - PF controller
Preliminary data Interfaces 2 independent, isolated RS485 interfaces Usage As interface for PC for usage with Windows-Software BR7000-soft
B44066R7415E230 BR7000
As system interface for coupling with other controllers or enlargement with system accessories As interface for customer specific usage Specialities Time controlled functions possible by internal timer (e.g. time controlled target cos ) Internal second parameter set available Oscilloscope mode for graphical display of current and voltage - individual phases selectable Display of harmonics as bar graph (fourier transformation) Quick programming Accessory: BR software for PC Connection to RS485-bus Administration of several PF-controller possible Convenient analysis of recorded values Direct connection to USB-port of PC via USB-adapter Windows XP upwards BR software for PC
Device settings and visualization PF controller BR7000 Display and recording of grid parameters
FK PC PM PFC Please read Cautions and warnings and Important notes at the end of this document. Page 4 of 7
March 2009
Film capacitors - Power Factor Correction Key components - PF controller
Preliminary data Technical data Type Operating voltage Measuring voltage (3-phase) Measuring current (3-phase) Power consumption Sensiblity Switching outputs Relay outputs for capacitor branches Alarm relay Message relay programmable Relay for panel fan Switching power of relays Number of active outputs Operation and display Menu languages Number of control series Freely editable control series Controlling Modes of operation
B44066R7415E230 BR7000
BR7000 110 ... 230 V AC 15%, 50/60 Hz 3 * 30 ... 440 V AC (L-N), 50/60 Hz 3 * X: 5A / X:1A selectable < 3 VA (with 15 relays activated) 50 mA / 10 mA 15 relays, freely programmable for switching of 1or 3-phase capacitors 1 1 1 250 V AC, 1000 W programmable illuminated full graphic display 128 x 64 dots D / E / ES / F / RU / TR 20 1 via Editor reach controlling of each phase (L-N ) and ( L-L) 1- phase: up to 3 * 5 single phase capacitors 3- phase: up to 15 three-phase capacitors mixed Mode: for balancing and compensation series switching, circular switching, self-optimized intelligent switching mode 4-quadrant operation possible possible 0.3 ind ... 0.3 cap adjustable 0.3 ind ... 0.3 cap adjustable selectable from 1 sec to 20 min selectable from 1 sec to 20 min selectable from 1 sec to 20 min yes yes programmable standard
Control principle
Automatic initialization Measuring of current inside the capacitor target cos 2nd target cos (result driven) Switch on time Switch off time Discharge time Internal clock/several timers Manual operation Fixed steps /skip steps Zero voltage release
FK PC PM PFC Please read Cautions and warnings and Important notes at the end of this document. Page 5 of 7
March 2009
Film capacitors - Power Factor Correction Key components - PF controller
Preliminary data Display/Display functions Display of grid parameters As real value/in %/as bar graph Large display of 3 grid parameters Oscilloscope mode Precision Integrated auxiliary function Storage function Storage of maximum values Storage of minimum values Storage of switching operations Storage of operation time Error storage Temperature monitoring Temperature measuring range Interface Grid measuring-, analysis- and parameterization software External input 2. target cos Casing Weight Operating ambient temperature Protection class accord. DIN 40 050 Safety standards Interference resistance EMV resistance
B44066R7415E230 BR7000
3- phase cos , V, I, f, Q, P, S, Q, THD-V, THD-I selection in display Editor available current/voltage: 1% active, reactive, apparent power: 2% context depending, plain text voltage, current, active, reactive and apparent power, temperature, THD-V, THD-I, voltage each output, separately re-settable each capacitor, separately re-settable error register in plain text with time stamp automatic switching off of steps -30 ... 100 C 2 independent isolated interfaces RS485 (MODBUS RTU, system interface) for PC, included in the extend of delivery 230 V AC, isolated via external input or event driven panel-mounted instrument DIN 43 700, 144 x 144 x 60 mm 1 kg -20 ... +60 C front: IP54, rear: IP20 IEC 61010-1:2001, EN61010-1:2001 EN50082-1:1995 IEC61000-4-2:8kV IEC61000-4-4:4kV
FK PC PM PFC Please read Cautions and warnings and Important notes at the end of this document. Page 6 of 7
March 2009
Important notes
The following applies to all products named in this publication: 1. Some parts of this publication contain statements about the suitability of our products for certain areas of application. These statements are based on our knowledge of typical requirements that are often placed on our products in the areas of application concerned. We nevertheless expressly point out that such statements cannot be regarded as binding statements about the suitability of our products for a particular customer application. As a rule, EPCOS is either unfamiliar with individual customer applications or less familiar with them than the customers themselves. For these reasons, it is always ultimately incumbent on the customer to check and decide whether an EPCOS product with the properties described in the product specification is suitable for use in a particular customer application. 2. We also point out that in individual cases, a malfunction of electronic components or failure before the end of their usual service life cannot be completely ruled out in the current state of the art, even if they are operated as specified. In customer applications requiring a very high level of operational safety and especially in customer applications in which the malfunction or failure of an electronic component could endanger human life or health (e.g. in accident prevention or life-saving systems), it must therefore be ensured by means of suitable design of the customer application or other action taken by the customer (e.g. installation of protective circuitry or redundancy) that no injury or damage is sustained by third parties in the event of malfunction or failure of an electronic component. 3. The warnings, cautions and product-specific notes must be observed. 4. In order to satisfy certain technical requirements, some of the products described in this publication may contain substances subject to restrictions in certain jurisdictions (e.g. because they are classed as hazardous). Useful information on this will be found in our Material Data Sheets on the Internet (www.epcos.com/material). Should you have any more detailed questions, please contact our sales offices. 5. We constantly strive to improve our products. Consequently, the products described in this publication may change from time to time. The same is true of the corresponding product specifications. Please check therefore to what extent product descriptions and specifications contained in this publication are still applicable before or when you place an order. We also reserve the right to discontinue production and delivery of products. Consequently, we cannot guarantee that all products named in this publication will always be available. The aforementioned does not apply in the case of individual agreements deviating from the foregoing for customer-specific products. 6. Unless otherwise agreed in individual contracts, all orders are subject to the current version of the "General Terms of Delivery for Products and Services in the Electrical Industry" published by the German Electrical and Electronics Industry Association (ZVEI). 7. The trade names EPCOS, BAOKE, Alu-X, CeraDiode, CSMP, CSSP, CTVS, DSSP, MiniBlue, MKK, MLSC, MotorCap, PCC, PhaseCap, PhaseCube, PhaseMod, SIFERRIT, SIFI, SIKOREL, SilverCap, SIMDAD, SIMID, SineFormer, SIOV, SIP5D, SIP5K, ThermoFuse, WindCap are trademarks registered or pending in Europe and in other countries. Further information will be found on the Internet at www.epcos.com/trademarks.
Page 7 of 7


▲Up To Search▲   

 
Price & Availability of B44066R7415E230

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X