Part Number Hot Search : 
1216402 CPC5604 4840S N101C MPC8247 CYM1471 CPB1621 5GAT15
Product Description
Full Text Search
 

To Download ADC1412D105HNC1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ADC1412D065/080/105/125
Dual 14-bit ADC 65, 80, 105 or 125 Msps CMOS or LVDS DDR digital outputs
Rev. 02 -- 4 June 2009 Objective data sheet
1. General description
The ADC1412D is a dual channel 14-bit Analog-to-Digital Converter (ADC) optimized for high dynamic performances and low power consumption at sample rates up to 125 Msps. Pipelined architecture and output error correction ensure the ADC1412D is accurate enough to guarantee zero missing codes over the entire operating range. Supplied from a single 3 V source, it can handle output logic levels from 1.8 V to 3.3 V in CMOS mode, thanks to a separate digital output supply. It supports the LVDS (Low Voltage Differential Signalling) DDR (Double Data Rate) output standard. An integrated SPI (Serial Peripheral Interface) allows the user to easily configure the ADC. The device also includes a programmable gain amplifier with a flexible input voltage range. With excellent dynamic performance from the baseband to input frequencies of 170 MHz or more, the ADC1412D is ideal for use in communications, imaging and medical applications.
1.5
005aaa040
1.5
005aaa041
0 dB
005aaa042
1
1 -40
0.5
0.5
0
0 -80
-0.5
-0.5
-1
-1 -120
-1.5 0 4000 8000 12000 16000
-1.5 0 4000 8000 12000 16000
0
10
20
30 f (MHz)
40
Fig 1.
Integral Non-Linearity (INL)
Fig 2.
Differential Non-Linearity (DNL)
Fig 3.
Output spectrum: -1 dBFS, 80 Msps, fi = 4.43 MHz
2. Features
I I I I I I SNR, 73 dB SFDR, 90 dBc Sample rate up to 125 Msps Dual-channel14-bit pipelined ADC core Single 3 V supply Flexible input voltage range: 1 V to 2 V (p-p) with 6 dB programmable fine gain I CMOS or LVDS DDR digital outputs I INL 1 LSB, DNL 0.5 LSB (typical) I I I I I I Input bandwidth, 650 MHz Power dissipation, 775 mW at 80 Msps SPI Interface Duty cycle stabilizer Fast OTR detection Offset binary, 2's complement, gray code I Power-down and Sleep modes I HVQFN64 package
NXP Semiconductors
ADC1412D065/080/105/125
Dual 14-bit ADC 65, 80, 105 or 125 Msps
3. Applications
I Wireless and wired broadband communications I Spectral analysis I Portable instrumentation I Ultrasound equipment I Imaging systems
4. Ordering information
Table 1. Ordering information fs (Msps) Package Name ADC1412D125HN/C1 125 ADC1412D105HN/C1 105 ADC1412D080HN/C1 80 ADC1412D065HN/C1 65 Description Version SOT804-3 SOT804-3 SOT804-3 SOT804-3 HVQFN64 plastic thermal enhanced very thin quad flat package; no leads; 64 terminals; body 9 x 9 x 0.85 mm HVQFN64 plastic thermal enhanced very thin quad flat package; no leads; 64 terminals; body 9 x 9 x 0.85 mm HVQFN64 plastic thermal enhanced very thin quad flat package; no leads; 64 terminals; body 9 x 9 x 0.85 mm HVQFN64 plastic thermal enhanced very thin quad flat package; no leads; 64 terminals; body 9 x 9 x 0.85 mm Type number
ADC1412D065_080_105_125_2
(c) NXP B.V. 2009. All rights reserved.
Objective data sheet
Rev. 02 -- 4 June 2009
2 of 37
NXP Semiconductors
ADC1412D065/080/105/125
Dual 14-bit ADC 65, 80, 105 or 125 Msps
5. Block diagram
SCLK/DFS SDIO/ODS
ADC1412D
ERROR CORRECTION AND DIGITAL PROCESSING PGA SPI INTERFACE
CSB
OTRA
INAP T/H INPUT STAGE INAM ADC CORE 14-BIT PIPELINED OUTPUT DRIVERS
CMOS: DA13 to DA0 or LVDS/DDR: DA13P, DA13M to DA0P, DA0M CMOS: DAV or LVDS/DDR: DAVP DAVM CMOS: DB13 to DB0 or LVDS/DDR: DB13P, DB13M to DB0P, DB0M OTRB
CLKP CLKM
CLOCK INPUT STAGE AND DUTY CYCLE CONTROL
INBP T/H INPUT STAGE INBM ADC CORE 14-BIT PIPELINED OUTPUT DRIVERS
PGA ERROR CORRECTION AND DIGITAL PROCESSING SYSTEM REFERENCE AND POWER MANAGEMENT CTRL
AGND
OGND
VDDO
REFBT
REFBB
VCMA
REFAT
SENSE
REFAB
VCMB
VDDA
VREF
005aaa096
Fig 4. Block diagram
ADC1412D065_080_105_125_2
(c) NXP B.V. 2009. All rights reserved.
Objective data sheet
Rev. 02 -- 4 June 2009
3 of 37
NXP Semiconductors
ADC1412D065/080/105/125
Dual 14-bit ADC 65, 80, 105 or 125 Msps
6. Pinning information
6.1 CMOS outputs selected
6.1.1 Pinning
62 SENSE
50 VDDO
terminal 1 index area INAP INAM AGND VCMA REFAT REFAB AGND CLKP CLKM 1 2 3 4 5 6 7 8 9
49 VDDO 48 DA5 47 DA4 46 DA3 45 DA2 44 DA1 43 DA0 42 DAV 41 n.c. 40 DB0 39 DB1 38 DB2 37 DB3 36 DB4 35 DB5 34 DB6 33 DB7 VDDO 32
005aaa097
59 OTRA
64 VDDA
61 VDDA
60 DECA
63 VREF
58 DA13
57 DA12
56 DA11
55 DA10
54 DA9
53 DA8 DB10 28
52 DA7 DB9 29
ADC1412D HVQFN64
AGND 10 REFBB 11 REFBT 12 VCMB 13 AGND 14 INBM 15 INBP 16 VDDA 17 VDDA 18 SCLK/DFS 19 SDIO/ODS 20 CSB 21 CTRL 22 DECB 23 OTRB 24 DB13 25 DB12 26 DB11 27 DB8 30 VDDO 31
Transparent top view
Fig 5.
Pin configuration with CMOS digital outputs selected
6.1.2 Pin description
Table 2. Symbol INAP INAM AGND VCMA REFAT REFAB AGND CLKP CLKM AGND REFBB REFBT
ADC1412D065_080_105_125_2
Pin description (CMOS digital outputs) Pin 1 2 3 4 5 6 7 8 9 10 11 12 Type [1] I I G O O O G I I G O O Description analog input; channel A complementary analog input; channel A analog ground common-mode output voltage; channel A top reference; channel A bottom reference; channel A analog ground clock input complementary clock input analog ground bottom reference; channel B top reference; channel B
(c) NXP B.V. 2009. All rights reserved.
Objective data sheet
Rev. 02 -- 4 June 2009
51 DA6
4 of 37
NXP Semiconductors
ADC1412D065/080/105/125
Dual 14-bit ADC 65, 80, 105 or 125 Msps
Pin description (CMOS digital outputs) Pin 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 Type [1] O G I I P P I I/O I I O O O O O O O O P P O O O O O O O O O O O O O O O P P O O O O O O Description common-mode output voltage; channel B analog ground complementary analog input; channel B analog input; channel B analog power supply analog power supply SPI clock / data format select SPI data IO / output data standard SPI chip select control mode select regulator decoupling node; channel B out of range; channel B data output bit 13 (MSB); channel B data output bit 12; channel B data output bit 11; channel B data output bit 10; channel B data output bit 9; channel B data output bit 8; channel B output power supply output power supply data output bit 7; channel B data output bit 6; channel B data output bit 5; channel B data output bit 4; channel B data output bit 3; channel B data output bit 2; channel B data output bit 1; channel B data output bit 0 (LSB); channel B data valid output clock data output bit 0 (LSB); channel A data output bit 1; channel A data output bit 2; channel A data output bit 3; channel A data output bit 4; channel A data output bit 5; channel A output power supply output power supply data output bit 6; channel A data output bit 7; channel A data output bit 8; channel A data output bit 9; channel A data output bit 10; channel A data output bit 11; channel A
(c) NXP B.V. 2009. All rights reserved.
Table 2. Symbol VCMB AGND INBM INBP VDDA VDDA SCLK/DFS SDIO/ODS CS CTRL DECB OTRB DB13 DB12 DB11 DB10 DB9 DB8 VDDO VDDO DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 n.c. DAV DA0 DA1 DA2 DA3 DA4 DA5 VDDO VDDO DA6 DA7 DA8 DA9 DA10 DA11
ADC1412D065_080_105_125_2
Objective data sheet
Rev. 02 -- 4 June 2009
5 of 37
NXP Semiconductors
ADC1412D065/080/105/125
Dual 14-bit ADC 65, 80, 105 or 125 Msps
Pin description (CMOS digital outputs) Pin 57 58 59 60 61 62 63 64 Type [1] O O O O P I I/O P Description data output bit 12; channel A data output bit 13 (MSB); channel A out of range; channel A regulator decoupling node; channel A analog power supply reference programming pin voltage reference input/output analog power supply
Table 2. Symbol DA12 DA13 OTRA DECA VDDA SENSE VREF VDDA
[1]
P: power supply; G: ground; I: input; O: output; I/O: input/output.
6.2 LVDS/DDR outputs selected
6.2.1 Pinning
58 DA12_DA13_M 56 DA10_DA11_M 57 DA12_DA13_P 55 DA10_DA11_P
54 DA8_DA9_M
52 DA6_DA7_M
53 DA8_DA9_P
51 DA6_DA7_P
62 SENSE
50 VDDO
terminal 1 index area INAP INAM AGND VCMA REFAT REFAB AGND CLKP CLKM 1 2 3 4 5 6 7 8 9
49 VDDO 48 DA4_DA5_M 47 DA4_DA5_P 46 DA2_DA3_M 45 DA2_DA3_P 44 DA0_DA1_ M 43 DA0_DA1_P 42 DAVP 41 DAVM 40 DB0_DB1_P 39 DB0_DB1_M 38 DB2_DB3_P 37 DB2_DB3_M 36 DB4_DB5_P 35 DB4_DB5_M 34 DB6_DB7_P 33 DB6_DB7_M VDDO 32
005aaa098
59 OTRA CTRL 22
64 VDDA
61 VDDA
60 DECA CSB 21
63 VREF
ADC1412D HVQFN64
AGND 10 REFBB 11 REFBT 12 VCMB 13 AGND 14 INBM 15 INBP 16 VDDA 17 VDDA 18 SCLK/DFS 19 SDIO/ODS 20 DECB 23 OTRB 24 DB12_DB13_M 25 DB12_DB13_P 26 DB10_DB11_M 27 DB10_DB11_P 28 DB8_DB9_M 29 DB8_DB9_P 30 VDDO 31
Transparent top view
Fig 6.
Pin configuration with LVDS/DDR digital outputs selected
ADC1412D065_080_105_125_2
(c) NXP B.V. 2009. All rights reserved.
Objective data sheet
Rev. 02 -- 4 June 2009
6 of 37
NXP Semiconductors
ADC1412D065/080/105/125
Dual 14-bit ADC 65, 80, 105 or 125 Msps
6.2.2 Pin description
Table 3. Symbol Pin description (LVDS/DDR) digital outputs) [1] Pin Type [2] O O O O O O O O O O O O O O O O O O O O O O O O O O O O O O Description differential output data DB12 and DB13 multiplexed, complement differential output data DB12 and DB13 multiplexed, true differential output data DB10 and DB11 multiplexed, complement differential output data DB10 and DB11 multiplexed, true differential output data DB8 and DB9 multiplexed, complement differential output data DB8 and DB9 multiplexed, true differential output data DB6 and DB7 multiplexed, complement differential output data DB6 and DB7 multiplexed, true differential output data DB4 and DB5 multiplexed, complement differential output data DB4 and DB5 multiplexed, true differential output data DB2 and DB3 multiplexed, complement differential output data DB2 and DB3 multiplexed, true differential output data DB0 and DB1 multiplexed, complement differential output data DB0 and DB1 multiplexed, true data valid output clock, complement data valid output clock, true differential output data DA0 and DA1 multiplexed, true differential output data DA0 and DA1 multiplexed, complement differential output data DA2 and DA3 multiplexed, true differential output data DA2 and DA3 multiplexed, complement differential output data DA4 and DA5 multiplexed, true differential output data DA4 and DA5 multiplexed, complement differential output data DA6 and DA7 multiplexed, true differential output data DA6 and DA7 multiplexed, complement differential output data DA8 and DA9 multiplexed, true differential output data DA8 and DA9 multiplexed, complement differential output data DA10 and DA11 multiplexed, true differential output data DA10 and DA11 multiplexed, complement differential output data DA12 and DA13 multiplexed, true differential output data DA12 and DA13 multiplexed, complement
DB12_DB13_M 25 DB12_DB13_P 26 DB10_DB11_M 27 DB10_DB11_P 28 DB8_DB9_M DB8_DB9_P DB6_DB7_M DB6_DB7_P DB4_DB5_M DB4_DB5_P DB2_DB3_M DB2_DB3_P DB0_DB1_M DB0_DB1_P DAVM DAVP DA0_DA1_P DA0_DA1_M DA2_DA3_P DA2_DA3_M DA4_DA5_P DA4_DA5_M DA6_DA7_P DA6_DA7_M DA8_DA9_P DA8_DA9_M DA10_DA11_P 29 30 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 51 52 53 54 55
DA10_DA11_M 56 DA12_DA13_P 57
DA12_DA13_M 58
[1] [2]
Pins 1 to 24, pin 59 to 64 and pins 31, 32, 49 and 50 are the same for both CMOS and LVDS DDR outputs (see Table 2). P: power supply; G: ground; I: input; O: output; I/O: input/output.
ADC1412D065_080_105_125_2
(c) NXP B.V. 2009. All rights reserved.
Objective data sheet
Rev. 02 -- 4 June 2009
7 of 37
NXP Semiconductors
ADC1412D065/080/105/125
Dual 14-bit ADC 65, 80, 105 or 125 Msps
7. Limiting values
Table 4. Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). Symbol VDDA VDDO VCC Tstg Tamb Tj Parameter analog supply voltage output supply voltage supply voltage difference storage temperature ambient temperature junction temperature VDDA - VDDO Conditions Min -55 -40 Max +125 +85 Unit V V V C C C
8. Thermal characteristics
Table 5. Symbol Rth(j-a) Rth(j-c)
[1]
Thermal characteristics Parameter thermal resistance from junction to ambient thermal resistance from junction to case Conditions
[1] [1]
Typ
Unit K/W K/W
In compliance with JEDEC test board, in free air.
9. Static characteristics
Table 6. Static characteristics Typical values measured at VDDA = 3 V, VDDO = 1.8 V, Tamb = 25 C and CL = 5 pF; min and max values are across the full temperature range Tamb = -40 C to +85 C at VDDA = 3 V, VDDO = 1.8 V; VINAP - VINAM = -1 dBFS; VINBP - VINBM = -1 dBFS; internal reference mode; applied to CMOS and LVDS interface; unless otherwise specified. Symbol Supplies VDDA VDDO IDDA IDDO analog supply voltage output supply voltage analog supply current output supply current CMOS mode LVDS DDR mode fclk = 125 Msps; fi =70 MHz CMOS mode; fclk = 125 Msps; fi =70 MHz LVDS DDR mode: fclk = 125 Msps; fi =70 MHz P power dissipation ADC1412D125 ADC1412D105 ADC1412D080 ADC1412D065 Power-down mode Sleep mode 2.85 1.65 2.85 3.0 1.8 3.0 370 40 90 1100 975 775 670 3.4 3.6 3.6 V V V mA mA mA mW mW mW mW mW mW Parameter Conditions Min Typ Max Unit
ADC1412D065_080_105_125_2
(c) NXP B.V. 2009. All rights reserved.
Objective data sheet
Rev. 02 -- 4 June 2009
8 of 37
NXP Semiconductors
ADC1412D065/080/105/125
Dual 14-bit ADC 65, 80, 105 or 125 Msps
Table 6. Static characteristics ...continued Typical values measured at VDDA = 3 V, VDDO = 1.8 V, Tamb = 25 C and CL = 5 pF; min and max values are across the full temperature range Tamb = -40 C to +85 C at VDDA = 3 V, VDDO = 1.8 V; VINAP - VINAM = -1 dBFS; VINBP - VINBM = -1 dBFS; internal reference mode; applied to CMOS and LVDS interface; unless otherwise specified. Symbol Parameter Conditions Min Typ Max Unit Clock inputs: pins CLKP and CLKM AC coupled; LVPECL, LVDS and sine wave Vi(clk)dif LVCMOS VI VIL input voltage LOW-level input voltage LOW-medium level medium-HIGH level VIH IIL IIH VIL VIH IIL IIH CI HIGH-level input voltage LOW-level input current HIGH-level input current LOW-level input voltage HIGH-level input voltage LOW-level input current HIGH-level input current input capacitance 0.3VDDA -10 0 0.7VDDA -10 -50 0 0.3VDDA 0.6VDDA VDDA 4 0.7VDDA V +10 V A A V V Logic Input: pin CTRL differential clock input voltage peak-to-peak 0.2 0.8 V
Serial Peripheral Interface: pins CS, SDIO/ODS, SCLK/DFS 0.3VDDA V VDDA +10 +50 V A A pF
Digital Outputs: CMOS mode - pins DA13 to DA0, DB13 to DB0, OTRA, OTRB AND DAV Output levels, VDDO=3 V VOL VOH IOL IOH CO VOL VOH LOW-level output voltage HIGH-level output voltage LOW-level output current HIGH-level output current output capacitance LOW-level output voltage HIGH-level output voltage IOL = IOH = 3-state; output level = 0 V 3-state; output level = VDDA high impedance; OE = HIGH IOL = IOH = OGND 0.8VDDO OGND 0.8VDDO 3 0.2VDDO V VDDO V A A pF
Output levels, VDDO=1.8 V 0.2VDDO V VDDO V
Digital Outputs, LVDS DDR mode - pins DA13P/DA13M to DA0P/DA0M, DB13P/DB13M to DB0P/DBOM, DAVP and DAVM Output levels, VDDO = 3 V only, RL = 100 VO(offset) VO(dif) CO II RI output offset voltage differential output voltage output capacitance Input current Input resistance output buffer current set to 3.5 mA output buffer current set to 3.5 mA -5 1.2 350 +5 V mV pF A
Analog inputs: pins INAP, INAM, INBP and INBM
ADC1412D065_080_105_125_2
(c) NXP B.V. 2009. All rights reserved.
Objective data sheet
Rev. 02 -- 4 June 2009
9 of 37
NXP Semiconductors
ADC1412D065/080/105/125
Dual 14-bit ADC 65, 80, 105 or 125 Msps
Table 6. Static characteristics ...continued Typical values measured at VDDA = 3 V, VDDO = 1.8 V, Tamb = 25 C and CL = 5 pF; min and max values are across the full temperature range Tamb = -40 C to +85 C at VDDA = 3 V, VDDO = 1.8 V; VINAP - VINAM = -1 dBFS; VINBP - VINBM = -1 dBFS; internal reference mode; applied to CMOS and LVDS interface; unless otherwise specified. Symbol CI VI(cm) Bi VI(dif) VO(cm) IO(cm) VVREF Accuracy INL DNL Eoffset EG MG(CTC) Supply PSRR power supply rejection ratio 100 mV (p-p) on VDDA 35 dBc integral non-linearity differential non-linearity offset error gain error channel-to-channel gain matching guaranteed no missing codes -5 -0.95 1 0.5 2 0.5 +5 +0.95 LSB LSB mV %FS % Parameter Input capacitance common-mode input voltage input bandwidth differential input voltage common-mode output voltage common-mode output current voltage on pin VREF output input peak-to-peak VINAP = VINAM; VINBP = VINBM Conditions Min 0.9 1 0.5 Typ 5 1.5 600 0.5VDDA 0.5 to 1 Max 2 2 1 Unit pF V MHz V V A V V
Common mode output voltage: pins VCMA and VCMB
I/O reference voltage: pin VREF
ADC1412D065_080_105_125_2
(c) NXP B.V. 2009. All rights reserved.
Objective data sheet
Rev. 02 -- 4 June 2009
10 of 37
NXP Semiconductors
ADC1412D065/080/105/125
Dual 14-bit ADC 65, 80, 105 or 125 Msps
10. Dynamic characteristics
10.1 Dynamic Characteristics
Table 7. Dynamic characteristics Typical values measured at VDDA = 3 V, VDDO = 1.8 V, Tamb = 25 C and CL = 5 pF; min and max values are across the full temperature range Tamb = -40 C to +85 C at VDDA = 3 V, VDDO = 1.8 V; VINAP - VINAM = -1 dBFS; VINBP - VINBM = -1 dBFS; internal reference mode; applied to CMOS and LVDS interface; unless otherwise specified. Symbol Parameter Conditions ADC1412D065 Min Analog signal processing 2H second harmonic level fi = 3 MHz fi = 30 MHz fi = 70 MHz fi = 170 MHz 3H third harmonic level fi = 3 MHz fi = 30 MHz fi = 70 MHz fi = 170 MHz THD total harmonic distortion fi = 3 MHz fi = 30 MHz fi = 70 MHz fi = 170 MHz ENOB effective number of bits fi = 3 MHz fi = 30 MHz fi = 70 MHz fi = 170 MHz SNR signal-tonoise ratio fi = 3 MHz fi = 30 MHz fi = 70 MHz fi = 170 MHz SFDR spuriousfree dynamic range fi = 3 MHz fi = 30 MHz fi = 70 MHz fi = 170 MHz IMD Intermodul- fi = 3 MHz ation fi = 30 MHz distortion fi = 70 MHz fi = 170 MHz ct(ch) channel crosstalk fi = 70 MHz 94 93 90 88 92 91 90 88 88 87 86 83 94 93 91 88 93 92 90 87 88 87 86 83 96 92 91 85 91 91 90 88 87 87 85 82 96 93 91 85 90 89 87 87 87 86 84 82 dBc dBc dBc dBc dBc dBc dBc dBc dBc dBc dBc dBc bits bits bits bits dBFS dBFS dBFS dBFS dBc dBc dBc dBc dBc dBc dBc dBc dB ADC1412D080 ADC1412D105 ADC1412D125 Typ Max Unit Typ Max Min Typ Max Min Typ Max Min
11.9 11.7 11.6 11.6 73.2 72.4 71.8 71.3 91 90 89 86 94 93 92 89 tbd -
11.9 11.7 11.6 11.5 73.1 72.3 71.8 71.2 91 90 89 86 94 93 92 89 tbd -
11.8 11.7 11.6 11.5 72.9 72.3 71.7 71.1 90 90 88 85 93 93 91 88 tbd -
11.8 11.7 11.6 11.5 72.5 72.2 71.6 71 90 89 87 85 93 92 90 88 tbd -
ADC1412D065_080_105_125_2
(c) NXP B.V. 2009. All rights reserved.
Objective data sheet
Rev. 02 -- 4 June 2009
11 of 37
NXP Semiconductors
ADC1412D065/080/105/125
Dual 14-bit ADC 65, 80, 105 or 125 Msps
10.2 Clock and Digital Output Timing
Table 8. Clock and digital output timing characteristics Typical values measured at VDDA = 3 V, VDDO = 1.8 V, Tamb = 25 C and CL = 5 pF; min and max values are across the full temperature range Tamb = -40 C to +85 C at VDDA = 3 V, VDDO = 1.8 V ; VINAP - VINAM = -1 dBFS; VINBP - VINBM = -1 dBFS; unless otherwise specified. Symbol Parameter Conditions ADC1412D065 Min Clock timing input: pins CLKP and CLKM fclk tlat(data) clk td(s) twake clock frequency data latency time clock duty cycle sampling delay time wake-up time propagation DATA delay DAV set-up time hold time rise fall time[1] DATA DAV tf tPD time[1] DATA 20 DCS_EN = 1 30 DCS_EN = 0 45 14 50 50 0.8 tbd 65 70 55 60 30 45 14 50 50 0.8 tbd 80 70 55 60 30 45 14 50 50 0.8 tbd 105 70 55 60 30 45 14 50 50 0.8 tbd 125 70 55 MHz clk/cy % % ns ns Typ Max ADC1412D080 Min Typ Max ADC1412D105 Min Typ Max ADC1412D125 Min Typ Max Unit
CMOS mode timing: pins DA13 to DA0, DB13 to DB0 and DAV tPD tsu th tr 0.5 0.5 0.5 3.9 4.2 7.7 6.7 3.9 4.2 2.4 2.4 2.4 0.5 0.5 0.5 3.9 4.2 6.5 5.5 3.9 4.2 2.4 2.4 2.4 0.5 0.5 0.5 3.9 4.2 4.7 3.8 3.9 4.2 2.4 2.4 2.4 0.5 0.5 0.5 3.9 4.2 4.3 3.5 3.9 4.2 2.4 2.4 2.4 ns ns ns ns ns ns ns ns ns
LVDS DDR mode timing: pins DA13P/DA13M to DA0P/DA0M, DAVP and DAVM; DB13P/DB13M to DB0P/DB0M propagation DATA delay DAV
[1]
Measured between 20 % to 80 % of VDDO; rise time measured from -50 mV to +50 mV; fall time measured from +50 mV to -50 mV.
ADC1412D065_080_105_125_2
(c) NXP B.V. 2009. All rights reserved.
Objective data sheet
Rev. 02 -- 4 June 2009
12 of 37
NXP Semiconductors
ADC1412D065/080/105/125
Dual 14-bit ADC 65, 80, 105 or 125 Msps
10.3 SPI Timings
Table 9. Characteristics Typical values measured at VDDA = 3 V, VDDO = 1.8 V, Tamb = 25 C and CL = 5 pF; min and max values are across the full temperature range Tamb = -40 C to +85 C at VDDA = 3 V, VDDO = 1.8 V Symbol SPI timings tw(SCLK) tw(SCLKH) tw(SCLKL) tsu th fclk(max) SCLK pulse width SCLK HIGH pulse width SCLK LOW pulse width set-up time hold time maximum clock frequency data to SCLKH CS to SCLKH data to SCLKH CS to SCLKH 40 16 16 5 5 2 2 25 ns ns ns ns ns ns ns MHz Parameter Conditions Min Typ Max Unit
ADC1412D065_080_105_125_2
(c) NXP B.V. 2009. All rights reserved.
Objective data sheet
Rev. 02 -- 4 June 2009
13 of 37
NXP Semiconductors
ADC1412D065/080/105/125
Dual 14-bit ADC 65, 80, 105 or 125 Msps
11. Application information
11.1 Device control
The ADC1412D can be controlled via the Serial Peripheral Interface (SPI control mode) or directly via the I/O pins (PIN control mode).
11.1.1 SPI and PIN control modes
The device enters PIN control mode at power-up, and remains in this mode as long as pin CS is held HIGH. In PIN control mode, the SPI pins SDIO, CS and SCLK are used as static control pins. SPI settings are ignored. SPI control mode is enabled by forcing pin CS LOW. It is not possible to toggle between PIN control and SPI control modes. Once SPI control mode has been enabled, the device will remain in this mode until it is powered down. The transition from PIN control mode to SPI control mode is illustrated in Figure 7.
CS
PIN control mode Data Format offset binary
SPI control mode
SCLK/DFS
Data Format 2's complement LVDS DDR
SDIO/ODS
CMOS
R/W
W1
W0
A12
005aaa039
Fig 7. Control mode selection.
When the device enters SPI control mode, the output data standard (CMOS or LVD DDR) is not determined by the state of the relevant SPI control bit (LVDS/CMOS; see Table 22), but by the level on pin SDIO at the instant a transition is triggered by a falling edge on CS (SDIO = LOW = CMOS).
11.1.2 Operating mode selection
The active ADC1412D operating mode (Power-up, Power-down or Sleep) can be selected via the SPI interface (see Table 19) or using pins PWD and OE in PIN control mode, as described in Table 10.
Table 10. Pin CTRL 0 0.3VDDA 0.6VDDA VDDA Operating mode selection via pin CTRL Operating mode Power-down Sleep Power-up Power-up Output high-Z yes yes yes no
11.1.3 Selecting the output data standard
The output data standard (CMOS or LVDS DDR) can be selected via the SPI interface (see Table 22) or using pin ODS in PIN control mode. LVDS DDR is selected when ODS is HIGH, otherwise CMOS is selected.
ADC1412D065_080_105_125_2
(c) NXP B.V. 2009. All rights reserved.
Objective data sheet
Rev. 02 -- 4 June 2009
14 of 37
NXP Semiconductors
ADC1412D065/080/105/125
Dual 14-bit ADC 65, 80, 105 or 125 Msps
11.1.4 Selecting the output data format
The output data format can be selected via the SPI interface (offset binary, 2's complement or gray code; see Table 22) or using pin DFS in PIN control mode (offset binary or 2's complement). Offset binary is selected when DFS is LOW. When DFS is HIGH, 2's complement is selected.
11.2 Analog inputs
11.2.1 Input stage
The analog input of the ADC1412D supports differential or single-ended input drive. Optimal performance is achieved using differential inputs with the common-mode input voltage (VI(cm)) on pins INAP, INAM, INBP and INBM set to 0.5VDDA. The full scale analog input voltage range is configurable between 1 V (p-p) and 2 V (p-p) via a programmable internal reference (see Section 11.3 and Table 21 further details). The equivalent circuit of the sample and hold input stage, including ESD protection and circuit and package parasitics, is shown in Figure 8.
Package
ESD
Parasitics
Switch
Ron = 14 4 pF
INAP/INBP internal clock Sampling Capacitor
Ron = 14
Switch
4 pF
INAM/INBM internal clock Sampling Capacitor
005aaa092
Fig 8.
Input sampling circuit
The sample phase occurs when the internal clock (derived from the clock signal on pin CLKP/CLKM) is HIGH. The voltage is then held on the sampling capacitors. When the clock signal goes LOW, the stage enters the hold phase and the voltage information is transmitted to the ADC core.
11.2.2 Anti-kickback circuitry
Anti-kickback circuitry (R-C filter in Figure 9 is needed to counteract the effects of charge injection generated by the sampling capacitance.
ADC1412D065_080_105_125_2
(c) NXP B.V. 2009. All rights reserved.
Objective data sheet
Rev. 02 -- 4 June 2009
15 of 37
NXP Semiconductors
ADC1412D065/080/105/125
Dual 14-bit ADC 65, 80, 105 or 125 Msps
The RC filter is also used to filter noise from the signal before it reaches the sampling stage. The value of the capacitor should be chosen to maximize noise attenuation without degrading the settling time excessively.
R
INAP/INBP
C
R
INAM/INBM
005aaa093
Fig 9.
Anti-kickback circuit
The component values are determined by the input frequency and should be selected so as not to affect the input bandwidth.
Table 11. 3 MHz 70 MHz 170 MHz RC coupling versus input frequency - recommended values R 25 ohms 12 ohms 12 ohms C 12 pF 8 pF 8 pF
Input frequency
11.2.3 Transformer
The configuration of the transformer circuit is determined by the input frequency. The configuration shown in Figure 10 would be suitable for a baseband application.
ADT1-1WT
100 nF
Analog lnput
100 nF 25
25
INAP/INBP
12 pF 100 nF 25 25
100 nF
INAM/INBM VCMA/VCMB
100 nF
100 nF
005aaa094
Fig 10. Single transformer configuration suitable for baseband applications
The configuration shown in Figure 11 is recommended for high frequency applications. In both cases, the choice of transformer will be a compromise between cost and performance.
ADC1412D065_080_105_125_2
(c) NXP B.V. 2009. All rights reserved.
Objective data sheet
Rev. 02 -- 4 June 2009
16 of 37
NXP Semiconductors
ADC1412D065/080/105/125
Dual 14-bit ADC 65, 80, 105 or 125 Msps
ADT1-1WT
100 nF 50
ADT1-1WT
50
12
INAP/INBP
Analog lnput
8.2 pF 50 50 12
INAM/INBM VCMA/VCMB
100 nF
100 nF
100 nF
005aaa045
Fig 11. Dual transformer configuration suitable for high frequency application
11.3 System reference and power management
11.3.1 Internal/external references
The ADC1412D has a stable and accurate built-in internal reference voltage. This reference voltage can be set internally, externally or via the SPI (programmable in 1 dB steps between 0 dB and -6 dB via control bits INTREF when bit INTREF_EN = 1; see Table 21). The equivalent reference circuit is shown in Figure 12.
REFAT/REFBT REFERENCE AMP REFAB/REFBB
VREF
BUFFER
BANDGAP REFERENCE
ADC CORE SENSE SELECTION LOGIC
005aaa110
Fig 12. Single transformer configuration suitable for baseband applications
If bit INTREF_EN is set to 0, the reference voltage will be determined either internally or externally as detailed in Table 12.
ADC1412D065_080_105_125_2
(c) NXP B.V. 2009. All rights reserved.
Objective data sheet
Rev. 02 -- 4 June 2009
17 of 37
NXP Semiconductors
ADC1412D065/080/105/125
Dual 14-bit ADC 65, 80, 105 or 125 Msps
Reference selection SPI bit INTREF_EN 0 0 0 1 SENSE pin AGND VREF pin 330 pF capacitor to AGND full scale (p-p) 2V 1V 1 V to 2 V 1 V to 2 V
Table 12. Selection internal internal external
pin VREF connected to pin SENSE and via a 330 pF capacitor to AGND VDDA external voltage between 0.5 V and 1 V[1]
internal via SPI
[1]
pin VREF connected to pin SENSE and via 330 pF capacitor to AGND
The voltage on pin VREF is doubled internally to generate the internal reference voltage.
Figure 13 to Figure 16 illustrate how to connect the SENSE and VREF pins to select the required reference voltage source.
VREF
REFAT/REFBT
330 pF
VREF
REFAT/REFBT
330 pF
SENSE
REFAB/REFBB
SENSE
REFAB/REFBB
005aaa116
005aaa117
Fig 13. Internal reference, 2 V (p-p) full scale
Fig 14. Internal reference, 1 V (p-p) full scale
VREF
REFAT/REFBT
VREF
0.1 F
REFAT/REFBT
330 pF
SPI SETTINGS INTREF_EN = 1, active INTREF = XXX SENSE REFAB/REFBB
V
SENSE
REFAB/REFBB
005aaa118
VDDA
005aaa119
Fig 15. Internal reference via SPI, 1 V to 2 V (p-p) full scale
Fig 16. External reference, 1 V to 2 V (p-p) full scale
ADC1412D065_080_105_125_2
(c) NXP B.V. 2009. All rights reserved.
Objective data sheet
Rev. 02 -- 4 June 2009
18 of 37
NXP Semiconductors
ADC1412D065/080/105/125
Dual 14-bit ADC 65, 80, 105 or 125 Msps
11.3.2 Gain control
The gain is programmable between 0 dB to -6 dB in 1 dB steps via the SPI (see Table 21). This makes it possible to improve the Spurious-Free Dynamic Range (SFDR) of the ADC1412D. The corresponding full scale input voltage range varies between 2 V (p-p) and 1 V (p-p), as shown in Table 13:
Table 13. INTREF 000 001 010 011 100 101 110 111 Reference SPI Gain Control Gain 0 dB -1 dB -2 dB -3 dB -4 dB -5 dB -6 dB reserved full scale (p-p) 2V 1.78 V 1.59 V 1.42 V 1.26 V 1.12 V 1V x
11.3.3 Common-mode output voltage (VO(cm))
A 0.1 F filter capacitor should be connected between pin VCMA/VCMB and ground to ensure a low-noise common-mode output voltage. When AC-coupled, pin VCMA/VCMB can then be used to set the common-mode reference for the analog inputs, for instance via a transformer middle point.
PACKAGE
ESD
PARASITICS COMMON MODE REFERENCE
VCMA/VCMB 1.5 V
0.1 F
ADC CORE
005aaa099
Fig 17. Equivalent schematic of the common-mode reference circuit
11.3.4 Biasing
The common-mode input voltage (VI(cm)) on pins INAP/INBP and INAM/INBM should be set externally to 0.5VDDA for optimal performance and should always be between 0.9 V and 2 V. The graph in Figure 18 illustrates how the SFDR and SNR characteristics vary with changes in the common-mode input voltage.
ADC1412D065_080_105_125_2
(c) NXP B.V. 2009. All rights reserved.
Objective data sheet
Rev. 02 -- 4 June 2009
19 of 37
NXP Semiconductors
ADC1412D065/080/105/125
Dual 14-bit ADC 65, 80, 105 or 125 Msps
Package
ESD
Parasitics
Switch
Ron = 14 4 pF
INAP/INBP internal clock Sampling Capacitor
Ron = 14
Switch
4 pF
INAM/INBM internal clock Sampling Capacitor
005aaa092
Fig 18. SFDR and SNR performances versus VI(cm)
11.4 Clock input
11.4.1 Drive modes
The ADC1412D can be driven differentially (SINE, LVPECL or LVDS) without the performance being affected by the choice of configuration. It can also be driven by a single-ended LVCMOS signal connected to pin CLKP (CLKM should be connected to ground via a capacitor) or CLKM (CLKP should be connected to ground via a capacitor).
LVCMOS Clock lnput
CLKP CLKM LVCMOS Clock lnput
CLKP CLKM
005aaa053
Fig 19. LVCMOS Single Ended Clock Input
ADC1412D065_080_105_125_2
(c) NXP B.V. 2009. All rights reserved.
Objective data sheet
Rev. 02 -- 4 June 2009
20 of 37
NXP Semiconductors
ADC1412D065/080/105/125
Dual 14-bit ADC 65, 80, 105 or 125 Msps
CLKP Sine Clock lnput
Sine Clock lnput
CLKP
CLKM
CLKM
005aaa054
Fig 20. Sine differential clock input
CLKP LVDS Clock lnput
CLKM
005aaa055
Fig 21. LVDS differential clock input
11.4.2 Equivalent input circuit
The equivalent circuit of the input clock buffer is shown in Figure 22. The common-mode voltage of the differential input stage is set via internal 5 k resistors.
PACKAGE
ESD
PARASITICS
CLKP
Vcm(clk) SE_SEL SE_SEL
5k
5k
CLKM
005aaa056
Fig 22. Equivalent Input circuit
Single-ended or differential clock inputs can be selected via the SPI interface (see Table 20). If single-ended is enabled, the input pin (CLKM or CLKP) is selected via control bit SE_SEL.
ADC1412D065_080_105_125_2
(c) NXP B.V. 2009. All rights reserved.
Objective data sheet
Rev. 02 -- 4 June 2009
21 of 37
NXP Semiconductors
ADC1412D065/080/105/125
Dual 14-bit ADC 65, 80, 105 or 125 Msps
If single-ended is implemented without setting SE_SEL to the appropriate value, the unused pin should be connected to ground via a capacitor.
11.4.3 Duty cycle stabilizer
The duty cycle stabilizer can improve the overall performances of the ADC by compensating the duty cycle of the input clock signal. When the duty cycle stabilizer is active (bit DCS_EN = 1; see Table 20), the circuit can handle signals with duty cycles of between 30 % and 70 % (typical). When the duty cycle stabilizer is disabled (DCS_EN = 0), the input clock signal should have a duty cycle of between 45 % and 55 %.
11.4.4 Clock input divider
The ADC1412D contains an input clock divider that divides the incoming clock by a factor of 2 (when bit CLKDIV = 1; see Table 20). This feature allows the user to deliver a higher clock frequency with better jitter performance, leading to a better SNR result once acquisition has been performed.
11.5 Digital outputs
11.5.1 Digital output buffers: CMOS mode
The digital output buffers can be configured as CMOS by setting bit LVDS/CMOS to 0 (see Table 22). Each digital output has a dedicated output buffer. The equivalent circuit of the CMOS digital output buffer is shown in Figure 23. The buffer is powered by a separate OGND/VDDO to ensure 1.8 V to 3.4 V compatibility and is isolated from the ADC core. Each buffer can be loaded by a maximum of 10 pF.
VDDO PARASITICS ESD PACKAGE
LOGIC DRIVER
50
Dx
OGND
005aaa057
Fig 23. CMOS digital output buffer
The output resistance is 50 and is the combination of the an internal resistor and the equivalent output resistance of the buffer. There is no need for an external damping resistor. The drive strength of both data and DAV buffers can be programmed via the SPI in order to adjust the rise and fall times of the output digital signals (see Table 29):
ADC1412D065_080_105_125_2
(c) NXP B.V. 2009. All rights reserved.
Objective data sheet
Rev. 02 -- 4 June 2009
22 of 37
NXP Semiconductors
ADC1412D065/080/105/125
Dual 14-bit ADC 65, 80, 105 or 125 Msps
11.5.2 Digital output buffers: LVDS DDR mode
The digital output buffers can be configured as LVDS DDR by setting bit LVDS/CMOS to 1 (see Table 22).
3.5 mA typ - +
VCCO
DAnP/DAn + 1P, DBnP/DBn + 1P 100 RECEIVER
+
-
DAnM/DA + 1M, DBnM/DBn + 1M OGND
005aaa112
Fig 24. LVDS DDR digital output buffer - externally terminated
Each output should be terminated externally with a 100 resistor (typical) at the receiver side (Figure 24) or internally via SPI control bits LVDS_INTTER (see Figure 25 and Table 31).
3.5 mA typ - + 100 + -
VCCO
DAnP/DAn + 1P, DBnP/DBn + 1P RECEIVER DAnM/DA + 1M, DBnM/DBn + 1M OGND
Fig 25. LVDS DDR digital output buffer - internally terminated
The default LVDS DDR output buffer current is set to 3.5 mA. It can be programmed via the SPI (bits DAVI and DATAI; see Table 30) in order to adjust the output logic voltage levels.
11.5.3 Data valid (DAV) output clock
A data valid output clock signal (DAV) is provided that can be used to capture the data delivered by the ADC1412D. Detailed timing diagrams for CMOS and LVDS DDR modes are provided in Figure 26 and Figure 27 respectively.
11.5.4 Out-of-Range (OTR)
An out-of-range signal is provided on pin OTRA for ADC channel A and on pin OTRB for ADC channel B. By default, pins OTRA/B go HIGH fourteen clock cycles after an OTR event has occurred. The OTR response can be speeded up by enabling Fast OTR (bit
ADC1412D065_080_105_125_2 (c) NXP B.V. 2009. All rights reserved.
Objective data sheet
Rev. 02 -- 4 June 2009
23 of 37
NXP Semiconductors
ADC1412D065/080/105/125
Dual 14-bit ADC 65, 80, 105 or 125 Msps
FASTOTR = 1; see Table 28). When Fast OTR is enabled, OTRA/B goes HIGH four clock cycles after the OTR event (separately for each ADC channel). The Fast OTR detection threshold (below full scale) can be programmed via bits FASTOTR_DET.
11.5.5 Digital offset
By default, the ADC1412D delivers output code that corresponds to the analog input. However it is possible to add a digital offset to the output code via the SPI (bits DIG_OFFSET; see Table 24).
11.5.6 Test patterns
For test purposes, the ADC1412D can be configured to transmit one of a number of predefined test patterns (via bits TESTPAT_SEL; see Table 25). A custom test pattern can be defined by the user (TESTPAT_USER; see Table 26 and Table 27) and is selected when TESTPAT_SEL = 101. The selected test pattern will be transmitted regardless of the analog input.
11.5.7 Output codes versus input voltage
Table 14. Output codes Two's complement 10 0000 0000 0000 10 0000 0000 0000 10 0000 0000 0001 10 0000 0000 0010 10 0000 0000 0011 10 0000 0000 0100 .... 11 1111 1111 1110 11 1111 1111 1111 00 0000 0000 0000 00 0000 0000 0001 00 0000 0000 0010 .... 01 1111 1111 1011 01 1111 1111 1100 01 1111 1111 1101 01 1111 1111 1110 01 1111 1111 1111 01 1111 1111 1111 OTRA/B pin 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 VINAP - VINAM/ Offset binary VINBP - VINBM < -1 -1 -0.9998779 -0.9997559 -0.9996338 -0.9995117 .... -0.0002441 -0.0001221 0 +0.0001221 +0.0002441 .... +0.9995117 +0.9996338 +0.9997559 +0.9998779 +1 > +1 00 0000 0000 0000 00 0000 0000 0000 00 0000 0000 0001 00 0000 0000 0010 00 0000 0000 0011 00 0000 0000 0100 .... 01 1111 1111 1110 01 1111 1111 1111 10 0000 0000 0000 10 0000 0000 0001 10 0000 0000 0010 .... 11 1111 1111 1011 11 1111 1111 1100 11 1111 1111 1101 11 1111 1111 1110 11 1111 1111 1111 11 1111 1111 1111
ADC1412D065_080_105_125_2
(c) NXP B.V. 2009. All rights reserved.
Objective data sheet
Rev. 02 -- 4 June 2009
24 of 37
NXP Semiconductors
ADC1412D065/080/105/125
Dual 14-bit ADC 65, 80, 105 or 125 Msps
11.6 Timings summary
11.6.1 CMOS mode timings
N N+1
td(s) N+2 tclk CLKP CLKM tPD (N - 14) (N - 13) (N - 12) (N - 11)
DATA tPD
tsu
th
DAV
tclk
005aaa060
Fig 26. CMOS mode timing
11.6.2 LVDS DDR mode timing
N N+1
td(s) N+2 tclk CLKP CLKM tPD DAx_DAx + 1_P/ DBx_DBx + 1_P DAx_DAx + 1_M/ DBx_DBx + 1_M DAVP DAVM tclk
005aaa114
(N - 14)
DAx/ DBx DAx+1/ DBx+1
(N - 13)
DAx/ DBx DAx+1/ DBx+1
(N - 12)
DAx/ DBx DAx+1/ DBx+1
(N - 11)
DAx/ DBx DAx+1/ DBx+1
DAx/ DBx
DAx+1/ DBx+1
tsu th tsu th
tPD
Fig 27. LDVS DDR mode timing
ADC1412D065_080_105_125_2
(c) NXP B.V. 2009. All rights reserved.
Objective data sheet
Rev. 02 -- 4 June 2009
25 of 37
NXP Semiconductors
ADC1412D065/080/105/125
Dual 14-bit ADC 65, 80, 105 or 125 Msps
11.7 Serial Peripheral Interface (SPI)
11.7.1 Register Description
The ADC1412D serial interface is a synchronous serial communications port that allows for easy interfacing with many commonly-used microprocessors. It provides access to the registers that control the operation of the chip. This interface is configured as a 3-wire type (SDIO as bidirectional pin) Pin SCLK is the serial clock input and CS is the chip select pin. Each read/write operation is initiated by a LOW level on CS. A minimum of three bytes will be transmitted (two instruction bytes and at least one data byte). The number of data bytes is determined by the value of bits W1 and W2 (see Table 16).
Table 15. Bit Description Instruction bytes for the SPI MSB 7 R/W[1] A7
[1] [2]
LSB 6 W1[2] A6 5 W0[2] A5 4 A12 A4 3 A11 A3 2 A10 A2 1 A9 A1 0 A8 A0
Bit R/W indicates whether it is a read (1) or a write (0) operation. Bits W1 and W0 indicate the number of bytes to be transferred after the instruction byte (see Table 16).
Table 16. W1 0 0 1 1
Number of data bytes to be transferred after the instruction bytes W0 0 1 0 1 Number of bytes transmitted 1 byte 2 bytes 3 bytes 4 bytes or more
Bits A12 to A0 indicate the address of the register being accessed. In the case of a multiple byte transfer, this address is the first register to be accessed. An address counter is incriminated to access subsequent addresses. The steps involved in a data transfer are as follows: 1. A falling edge on CS in combination with a rising edge on SCLK determine the start of communications. 2. The first phase is the transfer of the 2-byte instruction. 3. The second phase is the transfer of the data which can vary in length but will always be a multiple of 8 bits. The MSB is always sent first (for instruction and data bytes). 4. A rising edge on CS indicates the end on data transmission.
ADC1412D065_080_105_125_2
(c) NXP B.V. 2009. All rights reserved.
Objective data sheet
Rev. 02 -- 4 June 2009
26 of 37
NXP Semiconductors
ADC1412D065/080/105/125
Dual 14-bit ADC 65, 80, 105 or 125 Msps
CS
SCLK SDIO
R/W W1 W0 A12 A11 A10 A9 A8 A7 A6 A5 A4 A3 A2 A1 A0 D7 D6 D5 D4 D3 D2 D1 D0 D7 D6 D5 D4 D3 D2 D1 D0
Instruction bytes
Register N (data)
Register N + 1 (data)
005aaa062
Fig 28. SPI mode timing
11.7.2 Default modes at start-up
During circuit initialization, it doesn't matter which output data standard has been selected. At power-up, the device defaults to PIN control mode. A falling edge on CS will trigger a transition to SPI control mode. When the ADC1412D enters SPI control mode, the output data standard (CMOS/LVDS DDR) is determined by the level on pin SDIO (see Figure 29). Once in SPI control mode, the output data standard can be changed via bit LVDS/CMOS in Table 22. When the ADC1412D enters SPI control mode, the output data format (2's complement or offset binary) is determined by the level on pin SCLK (grey code can only be selected via the SPI). Once in SPI control mode, the output data format can be changed via bit DATA_FORMAT in Table 22.
CS
SCLK (Data Format)
SDIO (CMOS LVDS DDR) Offset binary, LVDS DDR default mode at startup
005aaa063
Fig 29. Default mode at start-up: SCLK LOW = offset binary; SDIO HIGH = LVDS DDR
CS
SCLK (Data Format)
SDIO (CMOS LVDS DDR)
2's complement, CMOS default mode at startup
005aaa064
Fig 30. Default mode at start-up: SCLK HIGH = 2's complement; SDIO LOW = CMOS
ADC1412D065_080_105_125_2
(c) NXP B.V. 2009. All rights reserved.
Objective data sheet
Rev. 02 -- 4 June 2009
27 of 37
NXP Semiconductors
ADC1412D065/080/105/125
Dual 14-bit ADC 65, 80, 105 or 125 Msps
11.7.3 Register allocation map
Table 17. Register allocation map R/W Bit definition Bit 7 R/W R/W SW_ RST R/W R/W R/W R/W R/W R/W Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 INTREF DATA_FORMAT Bit 1 ADCB OP_MODE CLKDIV Bit 0 ADCA Default Bin 0000 0011 0000 0000 DCS_EN 0000 0001 0000 0000 0000 0000 0000 1110 0000 0000 TESTPAT_SEL 0000 0000 0000 0000 DAVI FASTOTR DAV_DRV FASTOTR_DET DATA_DRV DATAI 0000 0000 0000 0000 0000 1110 0000 0000 0000 0000 Addr Register name Hex 0003 Channel index 0005 Reset and operating mode 0006 Clock 0008 Internal reference 0011 Output data standard. 0012 Output clock 0013 Offset 0014 Test pattern 1 0015 Test pattern 2 0016 Test pattern 2 0017 Fast OTR 0020 CMOS output 0021 LVDS DDR O/P 1 0022 LVDS DDR O/P 2
SE_SEL DIFF/SE LVDS/ CMOS INTREF_ EN OUTBUF DAVINV
DAVPHASE
DIG_OFFSET -
R/W TESTPAT_USER R/W TESTPAT_USER R/W R/W R/W R/W -
BIT/BYTE_ LVDS_INTTER WISE
Table 18. Bit 1
Channel index control register (address 0003h) bit description Access R/W 0 1 Value Description next SPI command for ADC B ADC B not selected ADC B selected next SPI command for ADC A 0 1 ADC A not selected ADC A selected
Symbol ADCB
7 to 2 reserved
0
ADCA
R/W
ADC1412D065_080_105_125_2
(c) NXP B.V. 2009. All rights reserved.
Objective data sheet
Rev. 02 -- 4 June 2009
28 of 37
NXP Semiconductors
ADC1412D065/080/105/125
Dual 14-bit ADC 65, 80, 105 or 125 Msps
Reset and operating mode control register (address 0005h) bit description Access R/W 0 1 Value Description reset digital section no reset performs a reset of the digital section operating mode 00 01 10 11 normal (Power-up) Power-down Sleep normal (Power-up)
Table 19. Bit 7
Symbol SW_RST
6 to 2 reserved 1 to 0 OP_MODE R/W
Table 20. Bit 4
Clock control register (address 0006h) bit description Access Value R/W 0 1 Description single-ended clock input pin select CLKM CLKP differential/single ended clock input select 0 1 fully differential single-ended clock input divide by 2 0 1 disabled enabled duty cycle stabilizer 0 1 disabled enabled
Symbol SE_SEL
7 to 5 reserved
3
DIFF/SE
R/W
2 1
reserved CLKDIV R/W
0
DCS_EN
R/W
Table 21. Bit 3
Internal reference control register (address 0008h) bit description Access R/W 0 1 Value Description programmable internal reference enable disable active
Symbol INTREF_EN
7 to 4 reserved
ADC1412D065_080_105_125_2
(c) NXP B.V. 2009. All rights reserved.
Objective data sheet
Rev. 02 -- 4 June 2009
29 of 37
NXP Semiconductors
ADC1412D065/080/105/125
Dual 14-bit ADC 65, 80, 105 or 125 Msps
Internal reference control register (address 0008h) bit description ...continued Access R/W 000 001 010 011 100 101 110 111 Value Description programmable internal reference 0 dB (FS = 2 V) -1 dB (FS = 1.78 V) -2 dB (FS = 1.59 V) -3 dB (FS = 1.42 V) -4 dB (FS = 1.26 V) -5 dB (FS = 1.12 V) -6 dB (FS = 1 V) reserved
Table 21. Bit
Symbol
2 to 0 INTREF
Table 22. Bit 4
Output data standard control register (address 0011h) bit description Access R/W 0 1 Value Description output data standard: LVDS DDR or CMOS CMOS LVDS DDR output buffers enable 0 1 output enabled output disabled (high Z) output data format 00 01 10 11 offset binary 2's complement gray code offset binary
Symbol LVDS/CMOS
7 to 5 reserved
3
OUTBUF
R/W
2
reserved R/W
1 to 0 DATA_FORMAT
Table 23. Bit 3
Output clock register (address 0012h) bit description Access R/W 0 1 Value Description output clock data valid (DAV) polarity normal inverted DAV phase select 000 001 010 011 100 101 110 111 output clock shifted (ahead) by 3 ns output clock shifted (ahead) by 2.5 ns output clock shifted (ahead) by 2 ns output clock shifted (ahead) by 1.5 ns output clock shifted (ahead) by 1 ns output clock shifted (ahead) by 0.5 ns default value as defined in timing section output clock shifted (delayed) by 0.5 ns
(c) NXP B.V. 2009. All rights reserved.
Symbol DAVINV
7 to 4 reserved
2 to 0 DAVPHASE
R/W
ADC1412D065_080_105_125_2
Objective data sheet
Rev. 02 -- 4 June 2009
30 of 37
NXP Semiconductors
ADC1412D065/080/105/125
Dual 14-bit ADC 65, 80, 105 or 125 Msps
Offset register (address 0013h) bit description Access R/W 011111 ... 000000 ... 100000 ... 0 ... -32 LSB Value Description digital offset adjustment +31 LSB
Table 24. Bit
Symbol
7 to 6 reset 5 to 0 DIG_OFFSET
Table 25. Bit
Test pattern register 1(address 0014h) bit description Access Value R/W 000 001 010 011 100 101 110 111 Description digital test pattern select off mid scale -FS +FS toggle `1111..1111'/'0000..0000' custom test pattern `1010..1010.' `010..1010'
Symbol
7 to 3 reserved 2 to 0 TESTPAT_SEL
Table 26. Bit
Test pattern register 2 (address 0015h) bit description Access Value R/W Description custom digital test pattern (bits 13 to 6)
Symbol
7 to 0 TESTPAT_USER Table 27. Bit
Test pattern register 3 (address 0016h) bit description Access Value R/W Description custom digital test pattern (bits 5 to 0)
Symbol
7 to 2 TESTPAT_USER 1 to 0 reserved Table 28. Bit 3
Fast OTR register (address 0017h) bit description Access Value R/W 0 1 Description fast Out-of-Range (OTR) detection disabled enabled
Symbol FASTOTR
7 to 4 reset
ADC1412D065_080_105_125_2
(c) NXP B.V. 2009. All rights reserved.
Objective data sheet
Rev. 02 -- 4 June 2009
31 of 37
NXP Semiconductors
ADC1412D065/080/105/125
Dual 14-bit ADC 65, 80, 105 or 125 Msps
Fast OTR register (address 0017h) bit description ...continued Access Value R/W 000 001 010 011 100 101 110 111 Description set fast OTR detect level -20.56 dB -16.12 dB -11.02 dB -7.82 dB -5.49 dB -3.66 dB -2.14 dB -0.86 dB
Table 28. Bit
Symbol
2 to 0 FASTOTR_DET
Table 29. Bit
CMOS output register (address 0020h) bit description Access R/W 00 01 10 11 Value Description drive strength for DAV CMOS output buffer low medium high very high drive strength for DATA CMOS output buffer 00 01 10 11 low medium high very high
Symbol
7 to 4 reserved 3 to 2 DAV_DRV
1 to 0 DATA_DRV
R/W
Table 30. Bit
LVDS DDR output register 1 (address 0021h) bit description Access R/W 00 01 10 11 Value Description LVDS current for DAV LVDS buffer 3.5 mA 4.5 mA 1.25 mA 2.5 mA LVDS current for DATA LVDS buffer 00 01 10 11 3.5 mA 4.5 mA 1.25 mA 2.5 mA
Symbol
7 to 5 reserved 4 to 3 DAVI
2
reserved R/W
1 to 0 DATAI
ADC1412D065_080_105_125_2
(c) NXP B.V. 2009. All rights reserved.
Objective data sheet
Rev. 02 -- 4 June 2009
32 of 37
NXP Semiconductors
ADC1412D065/080/105/125
Dual 14-bit ADC 65, 80, 105 or 125 Msps
LVDS DDR output register 2 (address 0022h) bit description Access Value Description DDR mode for LVDS output 0 1 bit wise (even data bits output on DAV rising edge / odd data bits output on DAV falling edge) byte wise (MSB data bits output on DAV rising edge / LSB data bits output on DAV falling edge) internal termination for LVDS buffer (DAV and DATA) 000 001 010 011 100 101 110 111 no internal termination 300 180 110 150 100 81 60
Table 31. Bit 3
Symbol
7 to 4 reserved BIT/BYTE_WISE R/W
2 to 0 LVDS_INTTER
R/W
11.7.4 Serial timing interface
SPI timing is shown in Figure 31.
tsu CS
th
tsu
tw(SCLKL) tw(SCLK) tw(SCLKH)
th
SCLK
SDIO
R/W
W1
W0
A12
A11
D2
D1
D0
005aaa065
Fig 31. SPI timing
SPI timing characteristics are detailed in Table 9.
ADC1412D065_080_105_125_2
(c) NXP B.V. 2009. All rights reserved.
Objective data sheet
Rev. 02 -- 4 June 2009
33 of 37
NXP Semiconductors
ADC1412D065/080/105/125
Dual 14-bit ADC 65, 80, 105 or 125 Msps
12. Package outline
HVQFN64: plastic thermal enhanced very thin quad flat package; no leads; 64 terminals; body 9 x 9 x 0.85 mm
SOT804-3
D
B
A
terminal 1 index area
E
A
A1 c detail X
e1 1/2 e L 17 16 e b 32 33 v w CAB C y1 C C y
e Eh 1/2 e e2
1 terminal 1 index area 64 Dh 49
48 X
0 Dimensions Unit mm A A1 b c 0.2 D(1) 9.1 9.0 8.9 Dh 7.25 7.10 6.95 E(1) 9.1 9.0 8.9 Eh 7.25 7.10 6.95 e 0.5
2.5 scale e1 7.5 e2 7.5
5 mm
L 0.5 0.4 0.3
v 0.1
w
y
y1 0.1
max 1.00 0.05 0.30 nom 0.85 0.02 0.21 min 0.80 0.00 0.18
0.05 0.05
Note 1. Plastic or metal protrusions of 0.075 mm maximum per side are not included. Outline version SOT804-6 References IEC --JEDEC --JEITA --European projection
sot804-3_po
Issue date 09-02-23 09-02-24
Fig 32. Package outline SOT804-3 (HVQFN64)
ADC1412D065_080_105_125_2 (c) NXP B.V. 2009. All rights reserved.
Objective data sheet
Rev. 02 -- 4 June 2009
34 of 37
NXP Semiconductors
ADC1412D065/080/105/125
Dual 14-bit ADC 65, 80, 105 or 125 Msps
13. Revision history
Table 32. Revision history Release date Data sheet status Objective data sheet Objective data sheet Change notice Supersedes ADC1412D065_080_105_125_1 Document ID
ADC1412D065_080_105_125_2 20090604 Modifications:
*
Values in Table 7 have been updated.
ADC1412D065_080_105_125_1 20090528
ADC1412D065_080_105_125_2
(c) NXP B.V. 2009. All rights reserved.
Objective data sheet
Rev. 02 -- 4 June 2009
35 of 37
NXP Semiconductors
ADC1412D065/080/105/125
Dual 14-bit ADC 65, 80, 105 or 125 Msps
14. Legal information
14.1 Data sheet status
Document status[1][2] Objective [short] data sheet Preliminary [short] data sheet Product [short] data sheet
[1] [2] [3]
Product status[3] Development Qualification Production
Definition This document contains data from the objective specification for product development. This document contains data from the preliminary specification. This document contains the product specification.
Please consult the most recently issued document before initiating or completing a design. The term `short data sheet' is explained in section "Definitions". The product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple devices. The latest product status information is available on the Internet at URL http://www.nxp.com.
14.2 Definitions
Draft -- The document is a draft version only. The content is still under internal review and subject to formal approval, which may result in modifications or additions. NXP Semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall have no liability for the consequences of use of such information. Short data sheet -- A short data sheet is an extract from a full data sheet with the same product type number(s) and title. A short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. For detailed and full information see the relevant full data sheet, which is available on request via the local NXP Semiconductors sales office. In case of any inconsistency or conflict with the short data sheet, the full data sheet shall prevail.
damage. NXP Semiconductors accepts no liability for inclusion and/or use of NXP Semiconductors products in such equipment or applications and therefore such inclusion and/or use is at the customer's own risk. Applications -- Applications that are described herein for any of these products are for illustrative purposes only. NXP Semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. Limiting values -- Stress above one or more limiting values (as defined in the Absolute Maximum Ratings System of IEC 60134) may cause permanent damage to the device. Limiting values are stress ratings only and operation of the device at these or any other conditions above those given in the Characteristics sections of this document is not implied. Exposure to limiting values for extended periods may affect device reliability. Terms and conditions of sale -- NXP Semiconductors products are sold subject to the general terms and conditions of commercial sale, as published at http://www.nxp.com/profile/terms, including those pertaining to warranty, intellectual property rights infringement and limitation of liability, unless explicitly otherwise agreed to in writing by NXP Semiconductors. In case of any inconsistency or conflict between information in this document and such terms and conditions, the latter will prevail. No offer to sell or license -- Nothing in this document may be interpreted or construed as an offer to sell products that is open for acceptance or the grant, conveyance or implication of any license under any copyrights, patents or other industrial or intellectual property rights. Export control -- This document as well as the item(s) described herein may be subject to export control regulations. Export might require a prior authorization from national authorities.
14.3 Disclaimers
General -- Information in this document is believed to be accurate and reliable. However, NXP Semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such information. Right to make changes -- NXP Semiconductors reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. This document supersedes and replaces all information supplied prior to the publication hereof. Suitability for use -- NXP Semiconductors products are not designed, authorized or warranted to be suitable for use in medical, military, aircraft, space or life support equipment, nor in applications where failure or malfunction of an NXP Semiconductors product can reasonably be expected to result in personal injury, death or severe property or environmental
14.4 Trademarks
Notice: All referenced brands, product names, service names and trademarks are the property of their respective owners.
15. Contact information
For more information, please visit: http://www.nxp.com For sales office addresses, please send an email to: salesaddresses@nxp.com
ADC1412D065_080_105_125_2
(c) NXP B.V. 2009. All rights reserved.
Objective data sheet
Rev. 02 -- 4 June 2009
36 of 37
NXP Semiconductors
ADC1412D065/080/105/125
Dual 14-bit ADC 65, 80, 105 or 125 Msps
16. Contents
1 2 3 4 5 6 6.1 6.1.1 6.1.2 6.2 6.2.1 6.2.2 7 8 9 10 10.1 10.2 10.3 11 11.1 11.1.1 11.1.2 11.1.3 11.1.4 11.2 11.2.1 11.2.2 11.2.3 11.3 11.3.1 11.3.2 11.3.3 11.3.4 11.4 11.4.1 11.4.2 11.4.3 11.4.4 11.5 11.5.1 11.5.2 11.5.3 11.5.4 11.5.5 11.5.6 General description . . . . . . . . . . . . . . . . . . . . . . 1 Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Applications . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 Ordering information . . . . . . . . . . . . . . . . . . . . . 2 Block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . 3 Pinning information . . . . . . . . . . . . . . . . . . . . . . 4 CMOS outputs selected . . . . . . . . . . . . . . . . . . 4 Pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 Pin description . . . . . . . . . . . . . . . . . . . . . . . . . 4 LVDS/DDR outputs selected. . . . . . . . . . . . . . . 6 Pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 Pin description . . . . . . . . . . . . . . . . . . . . . . . . . 7 Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 8 Thermal characteristics. . . . . . . . . . . . . . . . . . . 8 Static characteristics. . . . . . . . . . . . . . . . . . . . . 8 Dynamic characteristics . . . . . . . . . . . . . . . . . 11 Dynamic Characteristics . . . . . . . . . . . . . . . . . 11 Clock and Digital Output Timing . . . . . . . . . . . 12 SPI Timings . . . . . . . . . . . . . . . . . . . . . . . . . . 13 Application information. . . . . . . . . . . . . . . . . . 14 Device control . . . . . . . . . . . . . . . . . . . . . . . . . 14 SPI and PIN control modes . . . . . . . . . . . . . . 14 Operating mode selection. . . . . . . . . . . . . . . . 14 Selecting the output data standard . . . . . . . . . 14 Selecting the output data format. . . . . . . . . . . 15 Analog inputs . . . . . . . . . . . . . . . . . . . . . . . . . 15 Input stage . . . . . . . . . . . . . . . . . . . . . . . . . . . 15 Anti-kickback circuitry . . . . . . . . . . . . . . . . . . . 15 Transformer. . . . . . . . . . . . . . . . . . . . . . . . . . . 16 System reference and power management . . 17 Internal/external references . . . . . . . . . . . . . . 17 Gain control . . . . . . . . . . . . . . . . . . . . . . . . . . 19 Common-mode output voltage (VO(cm)) . . . . . 19 Biasing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19 Clock input . . . . . . . . . . . . . . . . . . . . . . . . . . . 20 Drive modes . . . . . . . . . . . . . . . . . . . . . . . . . . 20 Equivalent input circuit . . . . . . . . . . . . . . . . . . 21 Duty cycle stabilizer . . . . . . . . . . . . . . . . . . . . 22 Clock input divider . . . . . . . . . . . . . . . . . . . . . 22 Digital outputs . . . . . . . . . . . . . . . . . . . . . . . . . 22 Digital output buffers: CMOS mode . . . . . . . . 22 Digital output buffers: LVDS DDR mode . . . . . 23 Data valid (DAV) output clock . . . . . . . . . . . . . 23 Out-of-Range (OTR) . . . . . . . . . . . . . . . . . . . . 23 Digital offset . . . . . . . . . . . . . . . . . . . . . . . . . . 24 Test patterns . . . . . . . . . . . . . . . . . . . . . . . . . . 24 11.5.7 11.6 11.6.1 11.6.2 11.7 11.7.1 11.7.2 11.7.3 11.7.4 12 13 14 14.1 14.2 14.3 14.4 15 16 Output codes versus input voltage . . . . . . . . . Timings summary. . . . . . . . . . . . . . . . . . . . . . CMOS mode timings . . . . . . . . . . . . . . . . . . . LVDS DDR mode timing. . . . . . . . . . . . . . . . . Serial Peripheral Interface (SPI). . . . . . . . . . . Register Description. . . . . . . . . . . . . . . . . . . . Default modes at start-up. . . . . . . . . . . . . . . . Register allocation map . . . . . . . . . . . . . . . . . Serial timing interface. . . . . . . . . . . . . . . . . . . Package outline . . . . . . . . . . . . . . . . . . . . . . . . Revision history . . . . . . . . . . . . . . . . . . . . . . . Legal information . . . . . . . . . . . . . . . . . . . . . . Data sheet status . . . . . . . . . . . . . . . . . . . . . . Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . Disclaimers. . . . . . . . . . . . . . . . . . . . . . . . . . . Trademarks . . . . . . . . . . . . . . . . . . . . . . . . . . Contact information . . . . . . . . . . . . . . . . . . . . Contents. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24 25 25 25 26 26 27 28 33 34 35 36 36 36 36 36 36 37
Please be aware that important notices concerning this document and the product(s) described herein, have been included in section `Legal information'.
(c) NXP B.V. 2009.
All rights reserved.
For more information, please visit: http://www.nxp.com For sales office addresses, please send an email to: salesaddresses@nxp.com Date of release: 4 June 2009 Document identifier: ADC1412D065_080_105_125_2


▲Up To Search▲   

 
Price & Availability of ADC1412D105HNC1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X