Part Number Hot Search : 
5HN02M C3504 ULCE12CA 7D0N65P T750013 T4005 BR808 FP200
Product Description
Full Text Search
 

To Download 74LCX540MTR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 74LCX540
LOW VOLTAGE CMOS OCTAL BUS BUFFER (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
s s
s
s
s s
s
s
s
s
5V TOLERANT INPUTS AND OUTPUTS HIGH SPEED: tPD = 8.0 ns (MAX.) at VCC = 3V POWER DOWN PROTECTION ON INPUTS AND OUTPUTS SYMMETRICAL OUTPUT IMPEDANCE: |IOH| = IOL = 24mA (MIN) at VCC = 3V PCI BUS LEVELS GUARANTEED AT 24 mA BALANCED PROPAGATION DELAYS: tPLH tPHL OPERATING VOLTAGE RANGE: VCC(OPR) = 2.0V to 3.6V (1.5V Data Retention) PIN AND FUNCTION COMPATIBLE WITH 74 SERIES 540 LATCH-UP PERFORMANCE EXCEEDS 500mA (JESD 17) ESD PERFORMANCE: HBM > 2000V (MIL STD 883 method 3015); MM > 200V
SOP
TSSOP
Table 1: Order Codes
PACKAGE SOP TSSOP T&R 74LCX540MTR 74LCX540TTR
DESCRIPTION The 74LCX540 is a low voltage CMOS OCTAL BUS BUFFER (INVERTED) fabricated with sub-micron silicon gate and double-layer metal wiring C2MOS technology. It is ideal for low power and high speed 3.3V applications; it can be interfaced to 5V signal environment for both inputs and outputs. Figure 1: Pin Connection And IEC Logic Symbols
The 3 STATE control gate operates as two input AND such that if either G1 and G2 are high, all eight outputs are in the high impedance state. In order to enhance PC board layout the 74LCX540 offers a pinout having inputs and outputs on opposite sides of the package. It has same speed performance at 3.3V than 5V AC/ACT family, combined with a lower power consumption. All inputs and outputs are equipped with protection circuits against static discharge, giving them 2KV ESD immunity and transient excess voltage.
September 2004
Rev. 3
1/12
74LCX540
Figure 2: Input And Output Equivalent Circuit
Table 2: Pin Description
PIN N 1, 19 2, 3, 4, 5, 6, 7, 8, 9 18, 17, 16, 15, 14, 13, 12, 11 10 20 SYMBOL G1, G2 A1 to A8 Y1 to Y8 NAME AND FUNCTION Output Enable Inputs Data Inputs Data Outputs
Table 3: Truth Table
INPUT G1 H X L L
X : Don't Care Z : High Impedance
OUTPUT An X X H L Yn Z Z L H
G2 X H L L
GND VCC
Ground (0V) Positive Supply Voltage
Table 4: Absolute Maximum Ratings
Symbol VCC VI VO VO IIK IOK IO ICC IGND Tstg TL Supply Voltage DC Input Voltage DC Output Voltage (OFF State) DC Output Voltage (High or Low State) (note 1) DC Input Diode Current DC Output Diode Current (note 2) DC Output Current DC Supply Current per Supply Pin DC Ground Current per Supply Pin Storage Temperature Lead Temperature (10 sec) Parameter Value -0.5 to +7.0 -0.5 to +7.0 -0.5 to +7.0 -0.5 to VCC + 0.5 - 50 - 50 50 100 100 -65 to +150 300 Unit V V V V mA mA mA mA mA C C
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is not implied 1) IO absolute maximum rating must be observed 2) VO < GND
2/12
74LCX540
Table 5: Recommended Operating Conditions
Symbol VCC VI VO VO IOH, IOL IOH, IOL Top dt/dv Supply Voltage (note 1) Input Voltage Output Voltage (OFF State) Output Voltage (High or Low State) High or Low Level Output Current (VCC = 3.0 to 3.6V) High or Low Level Output Current (VCC = 2.7V) Operating Temperature Input Rise and Fall Time (note 2) Parameter Value 2.0 to 3.6 0 to 5.5 0 to 5.5 0 to VCC 24 12 -55 to 125 0 to 10 Unit V V V V mA mA C ns/V
1) Truth Table guaranteed: 1.5V to 3.6V 2) VIN from 0.8V to 2V at VCC = 3.0V
Table 6: DC Specifications
Test Condition Symbol Parameter VCC (V) -40 to 85 C Min. 2.0 2.7 to 3.6 0.8 2.7 to 3.6 2.7 3.0 VOL Low Level Output Voltage 2.7 to 3.6 2.7 3.0 II Ioff IOZ Input Leakage Current Power Off Leakage Current High Impedance Output Leakage Current Quiescent Supply Current ICC incr. per Input 2.7 to 3.6 0 2.7 to 3.6 IO=-100 A IO=-12 mA IO=-18 mA IO=-24 mA IO=100 A IO=12 mA IO=16 mA IO=24 mA VI = 0 to 5.5V VI or VO = 5.5V VI = VIH or VIL VO = 0 to VCC VI = VCC or GND VI or VO= 3.6 to 5.5V VIH = VCC - 0.6V VCC-0.2 2.2 2.4 2.2 0.2 0.4 0.4 0.55 5 10 5 10 10 500 VCC-0.2 2.2 2.4 2.2 0.2 0.4 0.4 0.55 5 10 5 10 10 500 A A A A A V V 0.8 V Max. Value -55 to 125 C Min. 2.0 Max. V Unit
VIH VIL VOH
High Level Input Voltage Low Level Input Voltage High Level Output Voltage
ICC ICC
2.7 to 3.6 2.7 to 3.6
3/12
74LCX540
Table 7: Dynamic Switching Characteristics
Test Condition Symbol Parameter VCC (V) 3.3 CL = 50pF VIL = 0V, VIH = 3.3V Value TA = 25 C Min. Typ. 0.8 -0.8 Max. V Unit
VOLP VOLV
Dynamic Low Level Quiet Output (note 1)
1) Number of outputs defined as "n". Measured with "n-1" outputs switching from HIGH to LOW or LOW to HIGH. The remaining output is measured in the LOW state.
Table 8: AC Electrical Characteristics
Test Condition Symbol Parameter VCC (V) 2.7 3.0 to 3.6 2.7 3.0 to 3.6 2.7 3.0 to 3.6 3.0 to 3.6 CL (pF) 50 50 50 50 RL () 500 500 500 500 ts = tr (ns) 2.5 2.5 2.5 2.5 -40 to 85 C Min. 1.5 1.5 1.5 1.5 1.5 1.5 Max. 9.0 8.0 9.5 8.5 8.5 7.5 1.0 Value -55 to 125 C Min. 1.5 1.5 1.5 1.5 1.5 1.5 Max. 9.0 8.0 9.5 8.5 8.5 7.5 1.0 ns ns ns ns Unit
tPLH tPHL tPZL tPZH tPLZ tPHZ tOSLH tOSHL
Propagation Delay Time Output Enable Time Output Disable Time Output To Output Skew Time (note1, 2)
1) Skew is defined as the absolute value of the difference between the actual propagation delay for any two outputs of the same device switching in the same direction, either HIGH or LOW (tOSLH = | tPLHm - tPLHn|, tOSHL = | tPHLm - tPHLn|) 2) Parameter guaranteed by design
Table 9: Capacitive Characteristics
Test Condition Symbol Parameter VCC (V) 3.3 3.3 3.3 VIN = 0 to VCC VIN = 0 to VCC fIN = 10MHz VIN = 0 or VCC Value TA = 25 C Min. Typ. 6 12 25 Max. pF pF pF Unit
CIN COUT CPD
Input Capacitance Output Capacitance Power Dissipation Capacitance (note 1)
1) CPD is defined as the value of the IC's internal equivalent capacitance which is calculated from the operating current consumption without load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC/8 (per buffer)
4/12
74LCX540
Figure 3: Test Circuit
TEST tPLH, tPHL tPZL, tPLZ tPZH, tPHZ
CL = 50 pF or equivalent (includes jig and probe capacitance) RL = R1 = 500 or equivalent RT = ZOUT of pulse generator (typically 50)
SWITCH Open 6V GND
Figure 4: Waveform - Propagation Delays (f=1MHz; 50% duty cycle)
5/12
74LCX540
Figure 5: Waveform - Output Enable And Disable Time (f=1MHz; 50% duty cycle)
6/12
74LCX540
SO-20 MECHANICAL DATA
DIM. A A1 B C D E e H h L k ddd 10.00 0.25 0.4 0 mm. MIN. 2.35 0.1 0.33 0.23 12.60 7.4 1.27 10.65 0.75 1.27 8 0.100 0.394 0.010 0.016 0 TYP MAX. 2.65 0.30 0.51 0.32 13.00 7.6 MIN. 0.093 0.004 0.013 0.009 0.496 0.291 0.050 0.419 0.030 0.050 8 0.004 inch TYP. MAX. 0.104 0.012 0.020 0.013 0.512 0.299
0016022D
7/12
74LCX540
TSSOP20 MECHANICAL DATA
mm. DIM. MIN. A A1 A2 b c D E E1 e K L 0 0.45 0.60 0.05 0.8 0.19 0.09 6.4 6.2 4.3 6.5 6.4 4.4 0.65 BSC 8 0.75 0 0.018 0.024 1 TYP MAX. 1.2 0.15 1.05 0.30 0.20 6.6 6.6 4.48 0.002 0.031 0.007 0.004 0.252 0.244 0.169 0.256 0.252 0.173 0.0256 BSC 8 0.030 0.004 0.039 MIN. TYP. MAX. 0.047 0.006 0.041 0.012 0.0079 0.260 0.260 0.176 inch
A
A2 A1 b e K c L E
D
E1
PIN 1 IDENTIFICATION
1
0087225C
8/12
74LCX540
Tape & Reel SO-20 MECHANICAL DATA
mm. DIM. MIN. A C D N T Ao Bo Ko Po P 10.8 13.2 3.1 3.9 11.9 12.8 20.2 60 30.4 11 13.4 3.3 4.1 12.1 0.425 0.520 0.122 0.153 0.468 TYP MAX. 330 13.2 0.504 0.795 2.362 1.197 0.433 0.528 0.130 0.161 0.476 MIN. TYP. MAX. 12.992 0.519 inch
9/12
74LCX540
Tape & Reel TSSOP20 MECHANICAL DATA
mm. DIM. MIN. A C D N T Ao Bo Ko Po P 6.8 6.9 1.7 3.9 11.9 12.8 20.2 60 22.4 7 7.1 1.9 4.1 12.1 0.268 0.272 0.067 0.153 0.468 TYP MAX. 330 13.2 0.504 0.795 2.362 0.882 0.276 0.280 0.075 0.161 0.476 MIN. TYP. MAX. 12.992 0.519 inch
10/12
74LCX540
Table 10: Revision History
Date 15-Sep-2004 Revision 3 Description of Changes Ordering Codes Revision - pag. 1.
11/12
74LCX540
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a registered trademark of STMicroelectronics All other names are the property of their respective owners (c) 2004 STMicroelectronics - All Rights Reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America www.st.com
12/12


▲Up To Search▲   

 
Price & Availability of 74LCX540MTR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X