Part Number Hot Search : 
A5800732 NJW1142 CD748A KMB001 AP2014 SI2301 CAT3705 CEB3205
Product Description
Full Text Search
 

To Download 6A6G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Reverse Voltage - 50 to 1000 Volts
R-6
GLASS PASSIVATED SILICON RECTIFIER
FEATURES
6A05G THRU 6A10G
Forward Current - 6.0 Amperes
1.0 (25.4) MIN. 0.360 (9.1) 0.340(8.6) DIA.
0.360(9.1) 0.340(8.6)
The plastic package carries Underwriters Laboratory Flammability Classification 94V-0 Construction utilizes void-free molded plastic technique Low reverse leakage High forward surge current capability High temperature soldering guaranteed: 250 C/10 seconds,0.375"(9.5mm) lead length, 5 lbs. (2.3kg) tension
1.0 (25.4) MIN. 0.052 (1.3) 0.048 (1.2) DIA.
MECHANICAL DATA
Case: R-6 molded plastic body Terminals: Plated axial leads, solderable per MIL-STD-750, Method 2026 Polarity: Color band denotes cathode end Mounting Position: Any Weight:0.072 ounce, 2.05 grams
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified. Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
SYMBOLS 6A05G 6A1G
6A2G 6A4G 6A6G
6A8G 6A10G
UNITS VOLTS VOLTS VOLTS Amps Amps Volts A pF C/W C
Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current 0.375"(9.5mm) lead length at TA=60 C Peak forward surge current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Maximum instantaneous forward voltage at 6.0A Maximum DC reverse current TA=25 C at rated DC blocking voltage TA=100 C Typical junction capacitance (NOTE 1) Typical thermal resistance (NOTE 2) Operating junction and storage temperature range
VRRM VRMS VDC I(AV) IFSM VF IR CJ RJA TJ,TSTG
50 35 50
100 70 100
200 140 200
400 280 400 6.0 300 0.95 10.0 400
600 420 600
800 560 800
1000 700 1000
150 10.0 -65 to +175
Note:1.Measured at 1MHz and applied reverse voltage of 4.0V D.C. 2.Thermal resistance from junction to ambient at 0.375" (9.5mm)lead length,P.C.B. mounted
www.shunyegroup.com
RATINGS AND CHARACTERISTIC CURVES 6A05G THRU 6A10G
AVERAGE FORWARD RECTIFIED CURRENT, AMPERES
FIG. 1- FORWARD CURRENT DERATING CURVE
6.0
PEAK FORWARD SURGE CURRENT, AMPERES
FIG. 2-MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
400
4.8
320
3.6
240
2.4
Single Phase Half Wave 60Hz Resistive or inductive Load
160
1.2
80
8.3ms SINGLE HALF SINE-WAVE (JEDEC Method)
0
0
25
50
75
100
125
150
175
0
1
10
100
AMBIENT TEMPERATURE, C
NUMBER OF CYCLES AT 60 Hz
INSTANTANEOUS REVERSE CURRENT, MICROAMPERES
FIG. 3-TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
FIG. 4-TYPICAL REVERSE CHARACTERISTICS
1,000
INSTANTANEOUS FORWARD CURRENT,AMPERES
200 100
100
TJ=150 C
10
10 TJ=100 C 1
1
TJ=25 C PULSE WIDTH=300 s 1%DUTY CYCLE
0.1
0.1 TJ=25 C 0.01
0.5
0.7
0.9
1.1
1.3
1.4
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
0
20
40
60
80
100
PERCENT OF PEAK REVERSE VOLTAGE,%
FIG. 5-TYPICAL JUNCTION CAPACITANCE
TRANSIENT THERMAL IMPEDANCE, C/W
FIG. 6-TYPICAL TRANSIENT THERMAL IMPEDANCE
100
JUNCTION CAPACITANCE, pF
2000 1000 TJ=25 C
10
100
1
0.1
10
0.01
0.1
1
10
100
0.1
1.0
10
100
REVERSE VOLTAGE,VOLTS
t,PULSE DURATION,sec.
www.shunyegroup.com


▲Up To Search▲   

 
Price & Availability of 6A6G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X