Part Number Hot Search : 
MC1471 11002 AVC16 SMDJ14A FDM3622 B7703 OBTS141 AR5004
Product Description
Full Text Search
 

To Download 4741 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Distribution Units www.schurter.com/pg07_ Distribution Unit with 1 IEC Appliance Inlet C14 and 2 Appliance Outlets F, Shuttered
474
C14
70 C
F
70 C
Description
-Standalonemodule -2Functions: of2outlets,Pintemperature70C,ProtectionclassI,shuttered
References Weblinks
GeneralProductInformation Approvals,RoHS,CHINA-RoHS,MatingConnectors,e-Store, Distributor-Stock-Check,Accessories
Technical Data
RatingsIEC RatingsUL/CSA DielectricStrength 10A/250VAC;50Hz 10A/250VAC;60Hz >2.5kVACbetweenL-N >2.5kVACbetweenL/N-PE (3sec/50Hz) -25Cto70C Suitableforapplianceswithprotection class1acc.toIEC61140 Thermoplastic,black,UL94V-0 ApplianceInlet/Appliance Outlet C14acc.toIEC/EN60320-1, Facc.toIEC/EN60320-2-2, UL498CSAC22.2no.42(forcold conditions)pin-temperature70C,10A, ProtectionClass1
AllowableOperationTemp. ProtectionClass Material:Housing
Dimensions
53.4 42.5
72.6mm
72.6
Shutter operation: shutters opened by plug insertion
Shutter operation: shutters closed when plug is removed
Variants
Type 4741 Order Number 4741.0000
Packaging unit
50Pcs
Connectors
474
www.schurter.com/pg07_ Mating Inlets/Plugs
Category / Description Interconnection Cord Overview complete Interconnection Cord with IEC Plug E, Angled Interconnection Cord with IEC Plug E, Angled Interconnection Cord with IEC Plug E, Straight Interconnection Cord with IEC Plug G, Angled Interconnection Cord with IEC Plug G, Angled Interconnection Cord further types to 4741 Plug Overview complete IEC Plug E, Cord Connector (Rewireable), Straight, max. cable Diameter 8.5 mm IEC Plug E, Cord Connector (Rewireable), Angled, max. Cable Diameter 10 mm IEC Plug E, Cord Connector (Rewireable), Straight, max. Cable Diameter 10 mm IEC Plug E, Cord Connector (Rewireable), Angled, max. Cable Diameter 10 mm IEC Plug E, Cord Connector (Rewireable), Straight Plug further types to 4741 4732 4733 4735 4736 9009 ... 0607 0608 0609 607B 608B ...
Distribution Units
Mating Outlets/Connectors
Appliance Outlet Overview complete IEC Appliance Outlet F, Screw-on Mounting, Front Side, Solder or Quick-connect Terminal IEC Appliance Outlet F, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal IEC Appliance Outlet F or H, Screw-on Mounting, Front Side, Solder, PCB or Quick-connect Terminal IEC Appliance Outlet F or H, Screw-on Mounting, Front Side, Solder or Quick-connect Terminal Appliance Outlet further types to 4741 Connector Overview complete IEC Connector C15, Rewireable, Straight IEC Connector C15A, Rewireable, Straight IEC Connector C15A, Rewireable, Straight IEC Connector C15A, Rewireable, Angled IEC Connector C13, Rewireable, Angled Connector further types to 4741 Power Cord Overview complete Power Cord with IEC Connector C13, Angled Power Cord with IEC Connector C13, Angled Power Cord with IEC Connector C13, Angled Power Cord with IEC Connector C13, Angled Power Cord with IEC Connector C13 Power Cord further types to 4741 Power Supply or Interconnection Cord Overview complete Divers Power Supply and Interconnection Cords 10 A Power Supply or Interconnection Cord further types to 4741 Kabelverbindung/10 A 0311 3011 3012 3013 3020 ... 0101 0102 0102-G 0112 4012 ... 4787 4788 5091 5092
Thespecifications,descriptionsandillustrationsindicatedinthisdocumentarebasedon Connectors currentinformation.Allcontentissubjecttomodificationsandamendments.


▲Up To Search▲   

 
Price & Availability of 4741

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X