|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
447-427 EMI/RFI Non-Environmental Band-in-a-Can Backshell with Cable Clamp Strain-Relief Self-Locking Rotatable Coupling - Full Radius Profile 447 F N 427 NF 16 12 K P 447 CONNECTOR DESIGNATORS Product Series Connector Designator Angle and Profile M = 45 N = 90 See 447-16 for straight Basic Part No. Polysulfide (Omit for none) B = Band K = Precoiled Band (Omit for none) Cable Range (Table IV) Shell Size (Table I) Finish (Table II) A-F-H-L-S SELF-LOCKING ROTATABLE COUPLING A Thread (Table I) F (Table III) H (Table III) G (Table III) E Typ. (Table I) Anti-Rotation Device (Typ.) Termination Area Free of Cadmium Knurl or Ridges Mfr's Option .500 (12.7) Max J (Table III) K ** Cable Range L ** ** (Table IV) Polysulfide Stripes P Option 1.00 (25.4) Max STYLE 2 (See Note 1) (c) 2005 Glenair, Inc. CAGE Code 06324 Band Option (K Option Shown See Note 3) Printed in U.S.A. GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com Series 447 - Page 18 with Cable Clamp Strain-Relief Self-Locking Rotatable Coupling - Full Radius Profile See inside back cover fold-out or pages 13 and 14 for Tables I and II. TABLE III: ELBOW DIMENSIONS Shell Size Conn. Desig. A-F-L-S H 09 08 11 10 13 12 15 14 17 16 19 18 21 20 23 22 25 24 F Max .973 (24.7) 1.017 (25.8) 1.067 (27.1) 1.121 (28.5) 1.170 (29.7) 1.220 (31.0) 1.274 (32.4) 1.328 (33.7) 1.377 (35.0) G Max 1.057 (26.8) 1.111 (28.2) 1.161 (29.5) 1.215 (30.9) 1.264 (32.1) 1.314 (33.4) 1.368 (34.7) 1.422 (36.1) 1.471 (37.4) H Max 1.281 (32.5) 1.406 (35.7) 1.531 (38.9) 1.656 (42.1) 1.781 (45.2) 1.906 (48.4) 2.031 (51.6) 2.156 (54.8) 2.281 (57.9) J Max 1.375 (34.9) 1.500 (38.1) 1.625 (41.3) 1.750 (44.5) 1.875 (47.6) 2.000 (50.8) 2.125 (54.0) 2.250 (57.2) 2.375 (60.3) Dash No. 10 12 14 16 18 20 22 24 28 32 K .030 .220 .310 .440 .560 .630 .750 .880 1.000 1.060 1.190 TABLE IV: CABLE RANGE Cable Range L Max Min (.8) Max .130 (3.3) .250 (6.4) (5.6) 1.000 (25.4) .250 (6.4) .380 (9.7) (7.9) 1.250 (31.8) .310 (7.9) .440 (11.2) (11.2) 1.340 (34.0) .375 (9.5) .630 (16.0) (14.2) 1.470 (37.3) .560 (14.2) .690 (17.5) (16.0) 1.560 (39.6) .630 (16.0) .750 (19.1) (19.1) 1.620 (41.1) .750 (19.1) .880 (22.4) (22.4) 1.750 (44.5) .880 (22.4) 1.000 (25.4) (25.4) 1.870 (47.5) (26.9) 1.970 (50.0) 1.000 (25.4) 1.130 (28.7) (30.2) 2.090 (53.1) 1.130 (28.7) 1.250 (31.8) 1. When maximum cable entry (page 21) is exceeded, Style 2 will be supplied. Dimensions F, G, H and J will not apply. Please consult factory. 2. Metric dimensions (mm) are indicated in parentheses. 3. Backshells supplied with 600-052-* band, see Glenair Series 600 Tool Catalog for installation. (c) 2005 Glenair, Inc. CAGE Code 06324 Printed in U.S.A. GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com Series 447 - Page 19 447 447-427 EMI/RFI Non-Environmental Band-in-a-Can Backshell |
Price & Availability of 447FN427NF08 |