Part Number Hot Search : 
1N6165US AV2BI DBLS206G A1050 ADM220 4AX103V1 SS4036G LOV196
Product Description
Full Text Search
 

To Download 42-DL211 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 42-DL211
Version Issue Date File Name Total Pages : A.005 : 2002/06/14 : SP-DL211-A.005.doc :6
Optical Fiber Transmitting IC
9 7 1
SILICON TOUCH TECHNOLOGY INC.
9-7F-1, Prosperity Road I, Science Based Industrial Park, Hsin-Chu, Taiwan 300, R.O.C. Fax886-3-5645626 Tel886-3-5645656
SILICON TOUCH TECHNOLOGY INC.
42-DL211
42-DL211 OPTICAL FIBER TRANSMITTING IC
GENERAL DESCRIPTION 42-DL211 is a driver IC designed for the application of high-speed optical fiber transmission. It integrates the LED driver with constant current output to reduce the complexity and the cost of the transmission module. 42-DL211 can transmit with the speed up to 13Mb/s. 42-DL211 are fabricated by using CMOS technology with low power consumption purpose.
FEATURES 1. TTL interface compatible 2. High speed (up to 13Mb/s) 3. Uniform output waveform 4. Constant current output 5. Low power consumption 6. Wide range for Supply Voltage (2.7V-5.5V)
BLOCK DIAGRAM And APPLICATION CIRCUIT
Power
42-DL211
VDD OUT
Signal
IN
VSS
Ground
SP-DL211-A.005.doc
-1-
VersionA.005
SILICON TOUCH TECHNOLOGY INC.
42-DL211
ABSOLUTE MAXIMUM RATINGS
Item Supply Voltage Input Voltage Operating Temperature Storage Temperature Electrostatic Damage Output Sinking Current Symbol VDD VIN Topr Tstg ESD IOUT Rating -0.5 to +7 -0.5 to VDD +0.5 -40 to +85 -55 to +100 3.5 50 Unit V V kV mA
RECOMMENDED OPERATING CONDITIONS
ITEM Supply Voltage High Level Input Voltage Low Level Input Voltage SYMBOL VDD VIH VIL MIN. 2.7 2.0 0 TYP. MAX. UNIT 5.5 VDD 0.8 V V V
ELECTRICAL CHARACTERISTICS (VDD=5.0V, TA=25, if not mentioned )
ITEM High Level Input Voltage Low Level Input Voltage Input Leakage Current Quiescent Supply Current Output Sinking Current SYMBOL VIH VIL IIN IDDQ IOUT_ON CONDITIONS MIN. TYP. MAX. UNIT VDD= 3V or 5V VDD= 3V or 5V VIN=VDD or VSS VIN =VSS VDD=3V or 5V, VIN=VDD, VFLED=2.0V VDD=3V or 5V, VOUT=3V, VIN=VSS VDD=3V, CLED=15pF, VFLED=2.0V VDD=3 V, CLED=15pF, VFLED=2.0V CLED=15pF, VFLED=2.0V CLED=15pF, VFLED=2.0V NRZ Code, CLED=15pF, VFLED=2.0V 2.0 0 2.4 1 3 VDD 0.8 1 3 3.6 V V uA mA mA
Output Leakage Current
IOUT_OFF
-
-
5
uA
Propagation Delay Rise Time, Fall Time of IOUT Pulse Width Distortion Jitter of Output Current Data Rate
TPLH , TPHL
-
-
100
ns
Tr, Tf tw tj FDATA
- 25
0 1
10 25 25 13
ns ns ns Mb/s
-
-
SP-DL211-A.005.doc
-2-
VersionA.005
SILICON TOUCH TECHNOLOGY INC.
42-DL211
PAD DESCRIPTIONS
PAD NO. 1 2 3 4 PAD NAME IN VDD OUT VSS DESCRIPTIONS Input Pad(Active High ) Supply Voltage Output Pad Sinking Current(Active Low) Ground
DIE CONFIGURATION (510, 549)
1.
IN
4.
VSS
Center (195.8, 445.85)
Center (401.6, 449.85)
2. VDD
Center (102.15, 102.25)
3. OUT
Center (406.25, 102.2)
(0, 0) Die Size: 510um * 549um Die Thickness: 12mil(=300um) Pad Size: 100um * 100um
Unitum
* Note: SiTI reserves the right to improve the device geometry and manufacturing processes without prior notice. Though these improvements may result in slight geometry changes, they will not affect die electrical characteristics and pad layouts.
SP-DL211-A.005.doc
-3-
VersionA.005
SILICON TOUCH TECHNOLOGY INC.
42-DL211
REQUIREMENTS FOR WAFER DELIVERY Material Silicon with P-Substrate Diameter 6 inches(15cm) Thickness 12 mils(300um) Malfunctioned dieMarked with red ink or equivalent marking
HANDLING RECOMMENDATION FOR STATIC ELECTRICITY PROTECTION (1) Avoid any circumstance that produce static electricity, e.g. rubbing against plastic, during moving, storing and processing 42-DL211. (2) Process 42-DL211 in a clean room with proper temperature and humidity. (3) Ground all working machines and workers wear anti-electrostatic ring to ground during processing. (4) Avoid contact 42-DL211with bare hands .If unavoided, wear anti-electrostatic ring and use anti-electrostatic tool to pick it up.
GUARANTED TEMPERATURE AND RETENTION CYCLE (1) The device/wafer 42-DL211 should be stored in the nitrogenous chest. The conditions suggested are as follows: Temperature = 233 Relative Humidity = 5010% Minimum nitrogen inflow = 3 liters/minute (2) If the device/wafer, 42-DL211 is incidentally exposed to the air, use it for manufacturing as soon as possible. (3) Under the storage environment specified in item (1), six-month safe storage period is guaranteed.
SP-DL211-A.005.doc
-4-
VersionA.005
SILICON TOUCH TECHNOLOGY INC.
42-DL211
The products listed herein are designed for ordinary electronic applications, such as electrical appliances, audio-visual equipment, communications devices and so on. Hence, it is advisable that the devices should not be used in medical instruments, surgical implants, aerospace machinery, nuclear power control systems, disaster/crime-prevention equipment and the like. Misusing those products may directly or indirectly endanger human life, or cause injury and property loss. Silicon Touch Technology, Inc. will not take any responsibilities regarding the misusage of the products mentioned above. Anyone who purchases any products described herein with the above-mentioned intention or with such misused applications should accept full responsibility and indemnify. Silicon Touch Technology, Inc. and its distributors and all their officers and employees shall defend jointly and severally against any and all claims and litigation and all damages, cost and expenses associated with such intention and manipulation.
SP-DL211-A.005.doc
-5-
VersionA.005


▲Up To Search▲   

 
Price & Availability of 42-DL211

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X