|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
REV. REVISION DESCRIPTION DATE APPROVED 915 30 1 2 3 456 7 4 3 2 1 P1 12.2 0.4 BLUNT CUT FRONT USB 4P(A) MOLDED TYPE (MOLD NO: G102-506) TAPE P1 100 20 15 PIN OUT BLUNT CUT RED GREEN WHITE BLACK DRAIN BRAID No. 1 2 3 4 SHELL 5 6 7 8 9 PARTS NAME USB 4P(A)/M - CONTACT USB 4P(A)/M - INSULATOR USB 4P(A)/M - SHELL 1 USB 4P(A)/M - SHELL 2 USB 4P(A)/M - COPPER FOIL USB 4P(A)/M - OUTER MOLD CABLE MINI TIE POLY BAG Dim range (mm) 0-1 1-6 6-18 18-50 50-120 120-250 250-500 Tolerance +/(mm) 0.15 0.20 0.30 0.50 0.70 0.90 1.20 Drawn / Date B. Grubb 01-26-07 Checked / Date 01-26-07 Approved / Date JJH / 01-26-07 SPECIFICATION STANDARD BRASS / GOLD PLATED (CRIMPING TYPE) PBT+G,F / WHITE UL94V-0 STEEL NICKEL PLATED STEEL NICKEL PLATED WIDTH: 5xLENGTH 27 45P PVC / COLOR: BLACK KL01103ABK01A PE / BLACK PE / 0.08x140x160 QTY REMARKS 4 1 1 1 1 1 1 2 1 1 2 14 3 4 NOTES: 1. CABLE: UL2725 28/28AWG (28AWGx1P+28AWGx2C+FOIL+DW+BD)x1 OUTER JACKET: BLACK, OD: 4.0 0.2mm PRINTING: "E166307 AWM 2725 28AWG 80C 30V VW-1 HI-SPEED USB 2.0" 2. CONNECTORS: USB 4P(A) MALE TO OPEN 3. HOOD: MOLDED TYPE 4. ELECTRICAL TEST: <1>.100% OPEN SHORT & MISS WIRE TEST <2>. INSULATION RESISTANCE: DC400V 10M ohm MIN. <3>. CONDUCTOR RESISTANCE: 3 ohm MAX. 5. PACKING: 1PC/POLYBAG Qualtek Electronics Corp. WCI DIVISION Part Number: Description: 3021005-03 USB 4P(A)/M - BLUNT CUT |
Price & Availability of 3021005-03 |