Part Number Hot Search : 
PK90F80 MMBF4118 S2907A 102M1 D80C42 X5163 FSM30C 102M1
Product Description
Full Text Search
 

To Download 2SD1912 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
2SD1912
DESCRIPTION *Collector-Emitter Breakdown Voltage: V(BR)CEO= 60V(Min) *Wide Area of Safe Operation *Low Collector Saturation Voltage
APPLICATIONS *Designed for low frequency power amplifier applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25)
SYMBOL PARAMETER VALUE
VCBO
Collector-Base Voltage
VCEO
Collector-Emitter Voltage
VEBO
Emitter-Base Voltage
IC
Collector Current-Continuous
ww w
scs .i
60 V 60 V 6 V 3 A 8 A 1.75 W
UNIT
.cn mi e
ICM
Collector Current-Peak Collector Power Dissipation @Ta=25
PC Collector Power Dissipation @TC=25 TJ Junction Temperature 30
150
Tstg
Storage Temperature
-55~150
isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
ELECTRICAL CHARACTERISTICS
Tj=25 unless otherwise specified SYMBOL PARAMETER CONDITIONS MIN
2SD1912
TYP.
MAX
UNIT
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC= 5mA; RBE=
60
V
V(BR)CBO
Collector-Base Breakdown Voltage
IC= 1mA; IE= 0
60
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE= 1mA; IC= 0
6
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 2A; IB= 0.2A
B
1.0
V
VBE(on)
Base-Emitter On Voltage
IC= 0.5A; VCE= 5V
1.0
V A
ICBO
Collector Cutoff Current
VCB= 40V; IE= 0
IEBO
Emitter Cutoff Current
hFE-1
DC Current Gain
hFE-2
DC Current Gain
COB
Output Capacitance
fT
Current-Gain--Bandwidth Product
w w
S 140-280
scs .i w
VEB= 4V; IC= 0
IC= 0.5A; VCE= 5V
IC= 3A; VCE= 5V
.cn mi e
70 20 40 100
100
100
A
280
IE= 0; VCB= 10V, f= 1MHz
pF
IC= 0.5A; VCE= 5V
MHz
hFE-1 Classifications Q 70-140 R 100-200
isc Websitewww.iscsemi.cn
2


▲Up To Search▲   

 
Price & Availability of 2SD1912

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X