Part Number Hot Search : 
VSYTSF FA221 VJ1210Y8 FIN1025 T8502 FIN1025 12030 61005
Product Description
Full Text Search
 

To Download 2SD1650 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Product Specification
www.jmnic.com
Silicon NPN Power Transistors
2SD1650
DESCRIPTION With TO-3PML package Built-in damper diode High breakdown voltage High speed switching APPLICATIONS For color TV horizontal output applications
PINNING PIN 1 2 3 DESCRIPTION Base Collector Emitter Fig.1 simplified outline (TO-3PML) and symbol
ABSOLUTE MAXIMUM RATINGS AT Tc=25ae
SYMBOL VCBO VCEO VEBO IC PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector power dissipation Junction temperature Storage temperature TC=25ae CONDITIONS Open emitter Open base Open collector VALUE 1500 800 6 3.5 50 150 -55~150 ae ae V A W UNIT V
JMnic
Product Specification
www.jmnic.com
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER Collector-emitter sustaining voltage Collector-emitter saturation voltage Emitter-base saturation voltage Collector cut-off current Collector cut-off current Emitter cut-off current DC current gain Transition frequency Diode forward voltage CONDITIONS IC=0.1A , IB=0 IC=2.5A ;IB=0.8A IC=2.5A ;IB=0.8A VCB=800V; IE=0 VCES=1500V; RBE= VEB=4V; IC=0 IC=0.5A ; VCE=5V IC=0.5A ; VCE=10V IF=3.5A 40 8 3 MIN 800 5.0 TYP.
2SD1650
SYMBOL VCEO VCEsat VBEsat ICBO ICES IEBO hFE fT VF
MAX
UNIT V
8.0 1.5 10 1.0 130 |I
V V A mA mA
MHz 2.0 V
JMnic
Product Specification
www.jmnic.com
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SD1650
Fig.2 Outline dimensions (unindicated tolerance:A
0.15 mm)
JMnic


▲Up To Search▲   

 
Price & Availability of 2SD1650

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X