Part Number Hot Search : 
10027 1N6058 ELH0041G ACTQ530 C253J 1N5364B 2SC468 87C196JV
Product Description
Full Text Search
 

To Download 2SC4507 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JMnic
Product Specification
Silicon NPN Power Transistors
2SC4507
DESCRIPTION With TO-220F package High breakdown voltage High speed switching performance APPLICATIONS For switching regulator and general purpose power amplifier applications
PINNING PIN 1 2 3 Base Collector Emitter Fig.1 simplified outline (TO-220F) and symbol DESCRIPTION
Absolute maximum ratings (Ta=25ae )
SYMBOL VCBO VCEO VEBO IC PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector dissipation Junction temperature Storage temperature TC=25ae Open emitter Open base Open collector CONDITIONS VALUE 500 400 7 5 40 150 -55~150 ae ae UNIT V V V A W
JMnic
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER CONDITIONS MIN TYP.
2SC4507
SYMBOL
MAX
UNIT
VCEO(SUS)
Collector-emitter sustainig voltage
IC=100mA ; IB=0
400
V
V(BR)CBO
Collector-base breakdown voltage
IC=1mA ; IE=0
500
V
V(BR)EBO
Emitter-base breakdown voltage
IE=1mA ; IC=0
7
V
VCEsat
Collector-emitter saturation voltage
IC=2A ;IB=0.4A
0.8
V
VBEsat
Base-emitter saturation voltage
IC=2A ;IB=0.4A
1.2
V
ICBO
Collector cut-off current
VCB=450V; IE=0
100
|I
A
IEBO
Emitter cut-off current
VEB=7V; IC=0
100
|I
A
hFE-1
DC current gain
IC=0.5A ; VCE=5V
25
65
hFE-2
DC current gain
IC=2A ; VCE=5V
20
2
JMnic
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC4507
Fig.2 Outline dimensions
3


▲Up To Search▲   

 
Price & Availability of 2SC4507

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X