Part Number Hot Search : 
V800B 40201 LTC6242 9888C VND5E 6200NU ML6XX28 A1373
Product Description
Full Text Search
 

To Download 2SC4110 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
DESCRIPTION *With TO-3PN package *Fast switching speed *Wide area of safe operation *High voltage,high reliability APPLICATIONS *For switching regulator applications PINNING(see Fig.2)
PIN 1 2 3 Base Collector;connected to mounting base Emitter DESCRIPTION
2SC4110
Fig.1 simplified outline (TO-3PN) and symbol
ABSOLUTE MAXIMUM RATINGS(TC=25 )
SYMBOL VCBO VCEO VEBO IC ICP IB PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-peak Base current TC=25 PC Collector power dissipation Ta=25 Tj Tstg Junction temperature Storage temperature 2.5 150 -55~150 Open emitter Open base Open collector CONDITIONS VALUE 500 400 7 25 40 8 160 W UNIT V V V A A A
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-base breakdown voltage Emitter-base breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain DC current gain Transition frequency Output capacitance CONDITIONS IC=10mA ;RBE=< IC=1mA; IE=0 IE=1mA; IC=0 IC=16A; IB=3.2A IC=16A; IB=3.2A VCB=400V; IE=0 VEB=5V; IC=0 IC=3.2A ; VCE=5V IC=16A ; VCE=5V IC=10mA ; VCE=5V IC=3.2A ; VCE=10V IE=0; VCB=10V,f=1MHz 15 10 10 MIN 400 500 7
2SC4110
SYMBOL V(BR)CEO V(BR)CBO V(BR)EBO VCE(sat) VBE(sat) ICBO IEBO hFE-1 hFE-2 hFE-3 fT Cob
TYP.
MAX
UNIT V V V
0.8 1.5 10 10 50
V V A A
20 300
MHz pF
Switching times ton ts tf Turn-on time Storage time Fall time IC=20A; IB1=4A;IB2=-8A RL=10C;VCC=200V 0.5 2.5 0.3 s s s
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC4110
Fig.2 outline dimensions (unindicated tolerance:0.1mm)
3


▲Up To Search▲   

 
Price & Availability of 2SC4110

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X