Part Number Hot Search : 
2107P VLZ12C MPG1668 SMCJ58 P16NF06L 20M000 LC753 2SC39
Product Description
Full Text Search
 

To Download 2SC4110 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
2SC4110
DESCRIPTION *High Collector-Emitter Breakdown Voltage: V(BR)CEO= 400V(Min) *High Switching Speed *Wide Area of Safe Operation
APPLICATIONS *Designed for switching regulator and general purpose applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25)
SYMBOL VCBO VCEO VEBO IC ICM IB
B
PARAMETER Collector-Base Voltage Collector-Emitter Voltage Emitter-Base voltage
Collector Current-Continuous Collector Current-Peak Base Current-Continuous Collector Power Dissipation @ TC=25
w w
scs .i w
VALUE 500 UNIT V 400 7 V V 25 40 8 160 W 2.5 150 -55~150 A A A
.cn mi e
PC Collector Power Dissipation @ Ta=25 TJ Tstg Junction Temperature Storage Temperature Range
isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
ELECTRICAL CHARACTERISTICS
TC=25 unless otherwise specified SYMBOL V(BR)CBO V(BR)CEO V(BR)EBO VCE(sat) VBE(sat) ICBO IEBO hFE-1 hFE-2 hFE-3 fT COB PARAMETER Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage Collector Cutoff Current Emitter Cutoff Current DC Current Gain DC Current Gain DC Current Gain CONDITIONS IC= 1mA; IE= 0 IC= 10mA; RBE= IE= 1m A; IC= 0 IC= 16A; IB= 3.2A IC= 16A; IB= 3.2A VCB= 400V ; IE= 0 MIN 500 400 7
2SC4110
TYP.
MAX
UNIT V V V
0.8 1.5
V V A A
Current-Gain--Bandwidth Product Output Capacitance
w w
w.
sem isc
VEB= 5V; IC= 0 IC= 3.2A ; VCE= 5V IC= 16A ; VCE= 5V IC= 10mA ; VCE= 5V IC= 3.2A ; VCE= 10V
.cn i
15 10 10 20 300
10 10 50
MHz pF
IE= 0; VCB= 10V; ftest= 1.0MHz
Switching Times ton tstg tf Turn-on Time Storage Time Fall Time IC= 20A, IB1= 4A; IB2= -8A RL= 10; VCC= 200V 0.5 2.5 0.3 s s s
hFE-1 Classifications L 15-30 M 20-40 N 30-50
isc Websitewww.iscsemi.cn
2


▲Up To Search▲   

 
Price & Availability of 2SC4110

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X