Part Number Hot Search : 
ATA5278 SR4050PT 88MS05 SI1125HD VSSR1647 1A101 H85TBXX MAX4644
Product Description
Full Text Search
 

To Download 2SC2246 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Product Specification
www.jmnic.com
Silicon Power Transistors
2SC2246
DESCRIPTION High voltage ,high speed With TO-3 package APPLICATIONS Power switching Power amplification power driver
PINNING (See Fig.2) PIN 1 2 3 Base Emitter Collector Fig.1 simplified outline (TO-3) and symbol DESCRIPTION
Absolute maximum ratings(Ta=25ae )
SYMBOL VCBO VCEO VEBO IC ICM IB PT Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-Peak Base current Total power dissipation Junction temperature Storage temperature Tmb=25ae CONDITIONS Open emitter Open base Open collector MAX 450 400 5 15 30 6 100 200 -65~200 ae ae UNIT V V V A A A W
THERMAL CHARACTERISTICS
SYMBOL Rth j-mb PARAMETER Thermal resistance from junction to mounting base VALUE 1.0 UNIT ae /W
JMnic
Product Specification
www.jmnic.com
Silicon Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER Collector-emitter sustaining voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Collector cut-off current Emitter cut-off current DC current gain CONDITIONS IC=0.1A ; L=25mH IC=6A IB=1.2A IC=6A IB=1.2A VCB=450V IE=0 TC=125ae VCE=400V IB=0 VEB=5V; IC=0 IC=6A ; VCE=5V 10 MIN 400 TYP. SYMBOL VCEO(SUS) VCEsat VBesat ICBO ICEO IEBO hFE
2SC2246
MAX
UNIT V
1.2 1.5 1 4 5.0 1.0
V V mA mA mA
Switching times ton ts tf Turn-on time Storage time Fall time IC=6A IB1=- IB2=1.2A 1.0 2.0 1.0 |I |I |I s s s
JMnic
Product Specification
www.jmnic.com
Silicon Power Transistors
PACKAGE OUTLINE
2SC2246
Fig.2 Outline dimensions
JMnic


▲Up To Search▲   

 
Price & Availability of 2SC2246

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X