Part Number Hot Search : 
2SD2209 AFB0912L 2B7226J SEMIX SM3P2 2B7226J TIP34B ST72324
Product Description
Full Text Search
 

To Download 2SB1430 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
2SB1430
DESCRIPTION *With TO-220F package *High DC current gain. *Low collector saturation voltage. *DARLINGTON APPLICATIONS *Ideal for motor drivers and solenoid drivers In such as OA and FA equipment PINNING
PIN 1 2 3 Base Collector Emitter Fig.1 simplified outline (TO-220F) and symbol DESCRIPTION
Absolute maximum ratings (Ta=25 )
SYMBOL VCBO VCEO VEBO IC ICM IB PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-peak Base current TC=25 PT Total power dissipation Ta=25 Tj Tstg Junction temperature Storage temperature 2 150 -55~150 CONDITIONS Open emitter Open base Open collector VALUE -100 -100 -7 -5 -10 -0.5 20 W UNIT V V V A A A
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain Output capacitance Transition frequency CONDITIONS IC=-2A ; IB=-2mA IC=-2A ; IB=-2mA VCB=-100V;IE=0 VEB=-7V;IC=0 IC=-2A ; VCE=-2V IC=-4A ; VCE=-2V IE=0 ; VCB=-10V;f=1MHz IC=-0.5A ; VCE=-5V 2000 500 MIN
2SB1430
SYMBOL VCEsat VBEsat ICBO IEBO hFE-1 hFE-2 COB fT
TYP.
MAX -1.5 -2.0 -1.0 -5.0 20000
UNIT V V A mA
60 80
pF MHz
Switching times ton tstg tf Turn-on time Storage time Fall time IC=-2A ; IB1=-IB2=-2mA VCC@-50V;RL=25A 0.5 1.0 1.0 s s s
hFE-1 Classifications M 2000-5000 L 4000-10000 K 8000-20000
2
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SB1430
Fig.2 Outline dimensions
3


▲Up To Search▲   

 
Price & Availability of 2SB1430

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X