Part Number Hot Search : 
TSM1N45D T495C NJU3730 2N5550S 685K2 9F002 74175 PE014024
Product Description
Full Text Search
 

To Download 2SB124100ML Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SB124100ML
2SB124100ML SCHOTTKY BARRIER DIODE CHIPS
DESCRIPTION
O O O O O O 2SB124100ML is a schottky barrier diode chips
Lb
Low power losses, high efficiency; Guard ring construction for transient protection; High ESD capability; High surge capability; Packaged products are widely used in switching power suppliers, polarity protection circuits and other electronic circuits.;
Chip Topography and Dimensions La: Chip Size: 1240m; Lb: Pad Size: 1100m;
O
Chip Size:1240m X 1240m; Chip Thickness: 28020m;
O
ORDERING SPECIFICATIONS
Product Name 2SB124100MLYY Specification For axial leads package
ABSOLUTE MAXIMUM RATINGS
Parameters Maximum Repetitive Peak Reverse Voltage Average Forward Rectified Current Peak Forward Surge Current@8.3ms Maximum Operation Junction Temperature Storage Temperature Range Symbol VRRM IFAV IFSM TJ TSTG Ratings 100 2 50 125 -40~125 Unit V A A C C
ELECTRICAL CHARACTERISTICS (Tamb=25C)
Parameters Reverse Voltage Forward Voltage Reverse Current Symbol VBR VF IR Test Conditions IR=1mA IF=2A VR=100V Min. 100 --Max. -0.85 1 Unit V V mA
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
Http: www.silan.com.cn
REV:1.0
2007.04.27 Page 1 of 1
La
fabricated in silicon epitaxial planar technology;


▲Up To Search▲   

 
Price & Availability of 2SB124100ML

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X