Part Number Hot Search : 
DZ5V1 VDX1047 B16NS25 NDUCTOR 85C72 MG400 SMZJ3793 TDA8843
Product Description
Full Text Search
 

To Download 2SB1158 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JMnic
Product Specification
Silicon PNP Power Transistors
2SB1158
DESCRIPTION With TO-3PFa package Complement to type 2SD1713 High fT Wide area of safe operation APPLICATIONS For high power amplifier applications
PINNING PIN 1 2 3 Base Collector Emitter DESCRIPTION
Absolute maximum ratings(Ta=25ae )
SYMBOL VCBO VCEO VEBO IC ICP PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-peak TC=25ae PC Collector power dissipation Ta=25ae Tj Tstg Junction temperature Storage temperature 3 150 -55~150 ae ae CONDITIONS Open emitter Open base Open collector VALUE -120 -120 -5 -6 -10 70 W UNIT V V V A A
JMnic
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER Collector-emitter saturation voltage Base-emitter on voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain DC current gain Output capacitance Transition frequency CONDITIONS IC=-4A ;IB=-0.4A IC=-4A ; VCE=-5V VCB=-120V; IE=0 VEB=-3V; IC=0 IC=-20mA ; VCE=-5V IC=-1A ; VCE=-5V IC=-4A ; VCE=-5V IE=0 ; VCB=-10V;f=1MHz IC=-0.5A ; VCE=-5V 20 60 20 180 20 MIN TYP.
2SB1158
SYMBOL VCEsat VBE ICBO IEBO hFE-1 hFE -2 hFE -3 COB fT
MAX -2.0 -1.8 -50 -50
UNIT V V |I |I A A
200
pF MHz
hFE-2 classifications Q 60-120 S 80-160 P 100-200
2
JMnic
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SB1158
Fig.2 Outline dimensions (unindicated tolerance:A
0.30mm)
3


▲Up To Search▲   

 
Price & Availability of 2SB1158

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X