Part Number Hot Search : 
BZV62 K1299 8M07C 10180 BR103 KK431 MC13022 2N5786
Product Description
Full Text Search
 

To Download 2SA1635 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JMnic
Product Specification
Silicon PNP Power Transistors
2SA1635
DESCRIPTION With TO-220Fa package Low collector saturation voltage Complement to type 2SC4008 APPLICATIONS For medium speed,electrical supply and DC-DC converter applications
PINNING PIN 1 2 3 DESCRIPTION Emitter Collector Base
Absolute maximum ratings(Ta=25ae )
SYMBOL VCBO VCEO VEBO IC PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector power dissipation Junction temperature Storage temperature TC=25ae CONDITIONS Open emitter Open base Open collector VALUE -80 -80 -5 -4 30 150 -55~150 ae ae UNIT V V V A W
JMnic
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain Output capacitance Transition frequency CONDITIONS IC=-1mA ,IB=0 IE=-0.1mA ,IC=0 IC=-2A; IB=-0.2A IC=-2A; IB=-0.2A VCB=-80V; IE=0 VEB=-5V; IC=0 IC=-1A ; VCE=-4V IE=0 ; VCB=-10V;f=1MHz IC=-0.5A ; VCE=-12V 60 80 12 MIN -80 -5 TYP.
2SA1635
SYMBOL V(BR)CEO V(BR)EBO VCEsat VBE sat ICBO IEBO hFE COB fT
MAX
UNIT V V
-1.5 -1.5 -10 -10 320 |I |I
V V A A
pF MHz
hFE Classifications D 60-120 E 100-200 F 160-320
2
JMnic
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SA1635
Fig.2 Outline dimensions (unindicated tolerance:A
0.15 mm)
3


▲Up To Search▲   

 
Price & Availability of 2SA1635

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X