Part Number Hot Search : 
TEVAL 80C39 2N700 16C2070 T240128 TS900707 MB90F 2N700
Product Description
Full Text Search
 

To Download 2PA1774Q Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2PA1774
PNP general-purpose transistor
Rev. 05 -- 17 November 2009 Product data sheet
1. Product profile
1.1 General description
PNP transistor in a SOT416 (SC-75) plastic package. The NPN complement is 2PC4617.
1.2 Features
Low current (max. 150 mA) Low voltage (max. 50 V)
1.3 Applications
General-purpose switching and amplification in communication, Electronic Data Processing (EDP) and consumer applications.
2. Pinning information
Table 1. Pin 1 2 3 Pinning Description base emitter collector
1 2 3 1 2
sym013
Simplified outline
Symbol
3
3. Ordering information
Table 2. Ordering information Package Name 2PA1774Q 2PA1774R 2PA1774S SC-75 Description plastic surface mounted package; 3 leads Version SOT416 Type number
NXP Semiconductors
2PA1774
PNP general-purpose transistor
4. Marking
Table 3. 2PA1774Q 2PA1774R 2PA1774S Marking codes Marking code YQ YR YS Type number
5. Limiting values
Table 4. Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). Symbol Parameter VCBO VCEO VEBO IC ICM IBM Ptot Tstg Tj Tamb
[1]
Conditions open emitter open base open collector
Min -
Max -60 -50 -6 -150 -200 -100 150 +150 150 +150
Unit V V V mA mA mA mW C C C
collector-base voltage collector-emitter voltage emitter-base voltage collector current (DC) peak collector current peak base current total power dissipation storage temperature junction temperature ambient temperature
Tamb 25 C
[1]
-65 -65
Transistor mounted on an FR4 printed-circuit board, single-sided copper, tin-plated and standard footprint.
6. Thermal characteristics
Table 5. Symbol Rth(j-a)
[1]
Thermal characteristics Parameter thermal resistance from junction to ambient Conditions
[1]
Min -
Typ -
Max 833
Unit K/W
Transistor mounted on an FR4 printed-circuit board, single-sided copper, tin-plated and standard footprint.
2PA1774_5
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 -- 17 November 2009
2 of 7
NXP Semiconductors
2PA1774
PNP general-purpose transistor
7. Characteristics
Table 6. Characteristics Tamb = 25 C unless otherwise specified. Symbol ICBO Parameter collector-base cut-off current emitter-base cut-off current DC current gain 2PA1774Q 2PA1774R 2PA1774S VCEsat collector-emitter saturation voltage collector capacitance transition frequency IC = -50 mA; IB = -5 mA IE = ie = 0 A; VCB = -12 V; f = 1 MHz IE = -2 mA; VCE = -12 V; f = 100 MHz
[1] [1]
Conditions IE = 0 A; VCB = -30 V IE = 0 A; VCB = -30 V; Tj = 150 C IC = 0 A; VEB = -4 V IC = -1 mA; VCE = -6 V
[1]
Min -
Typ -
Max -100 -5 -100
Unit nA A nA
IEBO hFE
120 180 270 -
-
270 390 560 -200 mV
Cc fT
100
-
2.2 -
pF MHz
[1]
Pulse test: tp 300 s; 0.02.
2PA1774_5
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 -- 17 November 2009
3 of 7
NXP Semiconductors
2PA1774
PNP general-purpose transistor
8. Package outline
Plastic surface-mounted package; 3 leads SOT416
D
B
E
A
X
vMA
HE
3
Q
A
1
e1 e bp
2
wM B
A1 c
Lp detail X
0
0.5 scale
1 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A 0.95 0.60 A1 max 0.1 bp 0.30 0.15 c 0.25 0.10 D 1.8 1.4 E 0.9 0.7 e 1 e1 0.5 HE 1.75 1.45 Lp 0.45 0.15 Q 0.23 0.13 v 0.2 w 0.2
OUTLINE VERSION SOT416
REFERENCES IEC JEDEC JEITA SC-75
EUROPEAN PROJECTION
ISSUE DATE 04-11-04 06-03-16
Fig 1.
2PA1774_5
Package outline SOT416 (SC-75)
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 -- 17 November 2009
4 of 7
NXP Semiconductors
2PA1774
PNP general-purpose transistor
9. Revision history
Table 7. Revision history Release date 20091117 Data sheet status Product data sheet Change notice Supersedes 2PA1774_4 Document ID 2PA1774_5 Modifications:
* *
This data sheet was changed to reflect the new company name NXP Semiconductors, including new legal definitions and disclaimers. No changes were made to the technical content. Figure 1 "Package outline SOT416 (SC-75)": updated Product data sheet Product specification 2PA1774_3 2PA1774_2 2PA1774_1 -
2PA1774_4 2PA1774_3 2PA1774_2 2PA1774_1
20041124 20001212 19990601 19970709
Preliminary specification Preliminary specification -
2PA1774_5
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 -- 17 November 2009
5 of 7
NXP Semiconductors
2PA1774
PNP general-purpose transistor
10. Legal information
10.1 Data sheet status
Document status[1][2] Objective [short] data sheet Preliminary [short] data sheet Product [short] data sheet
[1] [2] [3]
Product status[3] Development Qualification Production
Definition This document contains data from the objective specification for product development. This document contains data from the preliminary specification. This document contains the product specification.
Please consult the most recently issued document before initiating or completing a design. The term `short data sheet' is explained in section "Definitions". The product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple devices. The latest product status information is available on the Internet at URL http://www.nxp.com.
10.2 Definitions
Draft -- The document is a draft version only. The content is still under internal review and subject to formal approval, which may result in modifications or additions. NXP Semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall have no liability for the consequences of use of such information. Short data sheet -- A short data sheet is an extract from a full data sheet with the same product type number(s) and title. A short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. For detailed and full information see the relevant full data sheet, which is available on request via the local NXP Semiconductors sales office. In case of any inconsistency or conflict with the short data sheet, the full data sheet shall prevail.
damage. NXP Semiconductors accepts no liability for inclusion and/or use of NXP Semiconductors products in such equipment or applications and therefore such inclusion and/or use is at the customer's own risk. Applications -- Applications that are described herein for any of these products are for illustrative purposes only. NXP Semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. Limiting values -- Stress above one or more limiting values (as defined in the Absolute Maximum Ratings System of IEC 60134) may cause permanent damage to the device. Limiting values are stress ratings only and operation of the device at these or any other conditions above those given in the Characteristics sections of this document is not implied. Exposure to limiting values for extended periods may affect device reliability. Terms and conditions of sale -- NXP Semiconductors products are sold subject to the general terms and conditions of commercial sale, as published at http://www.nxp.com/profile/terms, including those pertaining to warranty, intellectual property rights infringement and limitation of liability, unless explicitly otherwise agreed to in writing by NXP Semiconductors. In case of any inconsistency or conflict between information in this document and such terms and conditions, the latter will prevail. No offer to sell or license -- Nothing in this document may be interpreted or construed as an offer to sell products that is open for acceptance or the grant, conveyance or implication of any license under any copyrights, patents or other industrial or intellectual property rights. Export control -- This document as well as the item(s) described herein may be subject to export control regulations. Export might require a prior authorization from national authorities. Quick reference data -- The Quick reference data is an extract of the product data given in the Limiting values and Characteristics sections of this document, and as such is not complete, exhaustive or legally binding.
10.3 Disclaimers
General -- Information in this document is believed to be accurate and reliable. However, NXP Semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such information. Right to make changes -- NXP Semiconductors reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. This document supersedes and replaces all information supplied prior to the publication hereof. Suitability for use -- NXP Semiconductors products are not designed, authorized or warranted to be suitable for use in medical, military, aircraft, space or life support equipment, nor in applications where failure or malfunction of an NXP Semiconductors product can reasonably be expected to result in personal injury, death or severe property or environmental
10.4 Trademarks
Notice: All referenced brands, product names, service names and trademarks are the property of their respective owners.
11. Contact information
For more information, please visit: http://www.nxp.com For sales office addresses, please send an email to: salesaddresses@nxp.com
2PA1774_5
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 -- 17 November 2009
6 of 7
NXP Semiconductors
2PA1774
PNP general-purpose transistor
12. Contents
1 1.1 1.2 1.3 2 3 4 5 6 7 8 9 10 10.1 10.2 10.3 10.4 11 12 Product profile . . . . . . . . . . . . . . . . . . . . . . . . . . General description . . . . . . . . . . . . . . . . . . . . . Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Applications . . . . . . . . . . . . . . . . . . . . . . . . . . . Pinning information . . . . . . . . . . . . . . . . . . . . . . Ordering information . . . . . . . . . . . . . . . . . . . . . Marking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . Thermal characteristics . . . . . . . . . . . . . . . . . . Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . Package outline . . . . . . . . . . . . . . . . . . . . . . . . . Revision history . . . . . . . . . . . . . . . . . . . . . . . . . Legal information. . . . . . . . . . . . . . . . . . . . . . . . Data sheet status . . . . . . . . . . . . . . . . . . . . . . . Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . . Trademarks. . . . . . . . . . . . . . . . . . . . . . . . . . . . Contact information. . . . . . . . . . . . . . . . . . . . . . Contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 1 1 1 1 1 2 2 2 3 4 5 6 6 6 6 6 6 7
Please be aware that important notices concerning this document and the product(s) described herein, have been included in section `Legal information'.
(c) NXP B.V. 2009.
All rights reserved.
For more information, please visit: http://www.nxp.com For sales office addresses, please send an email to: salesaddresses@nxp.com Date of release: 17 November 2009 Document identifier: 2PA1774_5


▲Up To Search▲   

 
Price & Availability of 2PA1774Q

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X