Part Number Hot Search : 
5340H1LC 0N60C3 KBP1510 KBP151 KBP156 1N749 C5886 M74ALS
Product Description
Full Text Search
 

To Download 2N7002A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SEMICONDUCTOR
TECHNICAL DATA
INTERFACE AND SWITCHING APPLICATION. FEATURES
High density cell design for low RDS(ON). Voltage controolled small signal switch. Rugged and reliable. High saturation current capablity.
2N7002A
N CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
MAXIMUM RATING (Ta=25
CHARACTERISTIC Drain-Source Voltage Drain-Gate Voltage (RGS Gate-Source Voltage 1 )
)
SYMBOL VDSS VDGR VGSS RATING 60 60 20 115 mA 800 200 150 -55 150 mW UNIT V V V
Continuous Drain Current Pulsed Drain Power Dissipation Junction Temperature Storage Temperature Range
ID IDP PD Tj Tstg
EQUIVALENT CIRCUIT
ELECTRICAL CHARACTERISTICS (Ta=25
CHARACTERISTIC Drain-Source Breakdown Voltage Zero Gate Voltage Drain Current Gate-Body Leakage, Forward Gate-Body Leakage, Reverse
)
TEST CONDITION VGS=0V, ID=10 A VDS=60V, VGS=0V VGS=20V, VDS=0V VGS=-20V, VDS=0V MIN. 60 TYP. MAX. 1 1 -1 UNIT V A A A
SYMBOL BVDSS IDSS IGSSF IGSSR
2008. 4. 4
Revision No : 5
1/4
2N7002A
ELECTRICAL CHARACTERISTICS (Ta=25 ) ON CHARACTERISTICS (Note 1)
CHARACTERISTIC Gate Threshold Voltage Drain-Source ON Resistance SYMBOL Vth RDS(ON) VGS=5V, ID=50mA VGS=10V, ID=500mA Drain-Source ON Voltage On State Drain Current Forward Transconductance Note 1) Pulse Test : Pulse Width 300 VDS(ON) VGS=5V, ID=50mA ID(ON) gFS , Duty Cycle 2.0% VGS=10V, VDS= 2 VDS(ON) VDS=2VDS(ON), ID=200mA 500 80 0.09 2700 320 0.2 mA mS 0.6 5 1.0 V TEST CONDITION VDS=VGS, ID=250 A VGS=10V, ID=500mA MIN. 1 TYP. 2.1 1.8 MAX. 2.5 5 UNIT V
DYNAMIC CHARACTERISTICS
CHARACTERISTIC Input Capacitance Reverse Transfer Capacitance Output Capacitance Turn-On Time Switching Time Turn-Off Time toff SYMBOL Ciss Crss Coss ton VDD=30V, RL=150 , ID=200mA, VGS=10V, RGEN=25 VDS=25V, VGS=0V, f=1MHz TEST CONDITION MIN. TYP. 20 4 11 MAX. 50 5 25 20 nS 20 pF UNIT
DRAIN-SOURCE DIODE CHARACTERISTICS AND MAXIMUM RAINGS
CHARACTERISTIC Maximum Continuous Drain-Source Diode Forward Current Maximum Pulsed Drain-Source Diode Forward Current Drain-Source Diode Forward Voltage SYMBOL IS ISM VSD TEST CONDITION VGS=0V, IS=115mA (Note1) MIN. TYP. 0.88 MAX. 115 800 1.5 UNIT mA mA V
2008. 4. 4
Revision No : 5
2/4
2N7002A
2008. 4. 4
Revision No : 5
3/4
2N7002A
2008. 4. 4
Revision No : 5
4/4


▲Up To Search▲   

 
Price & Availability of 2N7002A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X