Part Number Hot Search : 
H15S2 ATA5423 RX301 TKD12A S2305 CSA1013 BU508DW 90BAI
Product Description
Full Text Search
 

To Download 2N6230 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
2N6229 2N6230 2N6231
DESCRIPTION With TO-3 package Low collector saturation voltage Excellent safe operating area APPLICATIONS For high power audio; disk head positioners and other linear applications.
PINNING PIN 1 2 3 Base Emitter Collector Fig.1 simplified outline (TO-3) and symbol DESCRIPTION
Absolute maximum ratings(Ta=ae )
SYMBOL

PARAMETER
2N6229 2N6230 2N6231
VCBO
Collector-base voltage
VCEO
Collector-emitter voltage
INC
ANG H
SEM
Open emitter
CON I
CONDITIONS
TOR DUC
VALUE -100 -120 -140 -100 -120 -140
UNIT
V
2N6229 2N6230 2N6231 Open base
V
VEBO IC PD Tj Tstg
Emitter-base voltage Collector current Total power dissipation Junction temperature Storage temperature
Open collector
-7 -10
V A W ae ae
TC=25ae
150 150 -65~200
THERMAL CHARACTERISTICS
SYMBOL Rth j-c PARAMETER Thermal resistance junction to case VALUE 0.875 UNIT ae /W
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER
2N6229 2N6230 2N6231
SYMBOL
CONDITIONS
MIN
TYP.
MAX
UNIT
2N6229 Collector-emitter sustaining voltage
-100
VCEO(SUS)
2N6230
IC=-0.2A ;IB=0
-120
V
2N6231
-140
VCEsat
Collector-emitter saturation voltage
IC=-4A; IB=-0.4A
-1.0
V
VBE
Base-emitter on voltage
IC=-5A ; VCE=-2V
-2.0
V
ICEO
Collector cut-off current
VCE=Rated VCEO; IB=0
-5.0
mA
ICBO
Collector cut-off current
IEBO
Emitter cut-off current

VCB=Rated VCBO; IE=0
-1.0
mA
VEB=-7V; IC=0
2N6229
hFE
DC current gain
fT
Transition frequency
INC
NG S HA
2N6230 2N6231
IC=-5A ; VCE=-2V
OND MIC E
TOR UC
-0.1 25 100 20 80 15 60
mA
IC=-0.5A ; VCE=-4V
1
MHz
2
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2N6229 2N6230 2N6231
NG S HA
INC
CON EMI
TOR DUC
Fig.2 outline dimensions (unindicated tolerance:A
0.1mm)
3


▲Up To Search▲   

 
Price & Availability of 2N6230

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X