Part Number Hot Search : 
EQ212 ADF4351 RT9209PS T89C51 BC261 FZT653 SS1020 A105K
Product Description
Full Text Search
 

To Download 240-050-3P01A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Special Connectors
Basic Number Filter Connector Product Code Shell Size
240-050 ARINC 600 Class A Size 3 Filter Receptacle
Key Position Per ARINC 600 Attachment (18 Key Clocking Shown for Reference)
Insert Arrangement Per ARINC 600 (Positions A through F) Specify Grounded/Non-Grounded for Cavities with Size 8 Contacts
240 - 050 - 3
P
01
A
Filter Class (See Table I)
02
02
07
02
02
07
Contacts P - PC Tail S - Solder Cup
3.260 .015 2.886 .005 1.950 .005
.650 .005
14x O 148 .003
D
B C D E F G H J K 1 A
1.60 +.00 -.03
.153 -.012
A
1 A B C D E F G H J
GLE NAIR
K 1 1
5
5
5
5
10
10
10
10
15 A B C D E F G H J K
15
15 A B C D E F G H J K
15
1
A
B
C
D
E
F
G
H
J
K
1
1
A
B
C
D
E
F
G
H
J
K
1
.019 -.001 6.350 .005
E
5
5
5
5
6.960 .015
B
10
10
10
10
15 A B C D E F G H J K
15
15 A B C D E F G H J K
15
A 1 2 3 4 5
B
C
D
E
F
G
H
J
K 1 2 3 4 5 6 7 8 9 10 1 2 3 4 5 6 7 8 9 10
A
B
C
D
E
F
G
H
J
K 1 2 3 4 5 6 7 8 9 10
G
6 7 8 9 10 A B C D E F G H J K
2.130 .005
F
A
B
C
D
E
F
G
H
J
K
C
(c) 2008 Glenair, Inc. www.glenair.com
CAGE Codes 06324
Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 E-Mail: sales@glenair.com G-10
240-050 ARINC 600 Class A Size 3 Filter Receptacle
TABLE I: CAPACITANCE CODE
CODE X Y Z A B C D E F G PI - CIRCUIT (pF) 160,000 - 240,000 80,000 - 120,000 60,000 - 91,000 38,000 - 56,000 32,000 - 45,000 18,000 - 33,000 8,000 - 12,000 3,300 - 5,000 800 - 1,300 400 - 600 C - CIRCUIT (pF) 80,000 - 120,000 40,000 - 60,000 30,000 - 45,000 19,000 - 28,000 16,000 - 22,500 9,000 - 16,500 4,000 - 6,000 1,650 - 2,500 400 - 650 200 - 300
APPLICATION NOTES
1. Material/Finish: Shell: Aluminum/Cadmium Chromate per SAE-AMS-QQ-P-416, .000450 minimum thickness, type II Color: yellow to gold over electroless nickel plating per SAEAMS-C-26074, .000100 - .000450 thickness over Copper flash deposition per SAE-AMS-2418 Insulators: high grade rigid dielectric PC tail and solder cup contacts: Copper alloy/50" Gold over 50" Nickel 2. Assembly to be permanently identified with (space permitting) Glenair, part number, cavity and contact location, and date code. 3. Insert arrangement in accordance with ARINC 600 (arrangement shown for reference only 4. EMI filter receptacle connector designed to meet requirements of MIL-STD-2120 and Arinc 600. 5. Electrical Parameters: Working voltage - 200 VDC, 115 VAC 400Hz Dielectric withstanding voltage (DWV) - 500 VDC min Insulation resistance (IR) - 5000 Megohms min at 200 VDC 6. Other filter styles (unbalanced or Pi) are available. Please consult factory with your specific requirements. 7. Additional features may be added (e.g. clinch nuts). Please consult factory with your specific requirements.
(c) 2008 Glenair, Inc. www.glenair.com
CAGE Codes 06324
Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 E-Mail: sales@glenair.com G-11
Special Connectors
G


▲Up To Search▲   

 
Price & Availability of 240-050-3P01A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X