Part Number Hot Search : 
C100LVEL S05K230 N7820A A1019 TLMK3301 SD320T CES2314 SGM3127
Product Description
Full Text Search
 

To Download 2211 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2200 Series/Microminiature Reed Relays
REED RELAYS M ICROMINIATURE REED RELAYS
Ideally suited to the needs of Automated Test Equipment and RF requirements. The specification tables allow you to select the appropriate relay for your particular application. If your requirements differ, please consult your local representative or Coto's Factory.
SERIES FEATURES 2200 SERIES FEATURES
u u u u u u u u
Very small (0.17 in2), high reliability reed relays. High Insulation Resistance - 1012 available with some models. High speed switching compared to electromechanical relays. Hermetically sealed contacts for long life. Epoxy coated steel shell provides magnetic shielding. Optional Electrostatic Shield for reducing capacitive coupling. Optional Coaxial Shield for 50 impedance and switching of fast rise time digital pulses offered on some models. Relay models 2200-2301, 2200-2302, are ATE industry standards. Specifically engineered for OEM designs and maintenance of existing production fixtures.
Dimensions in Inches (Millimeters) Bottom View
2
Note: Model #'s 2200-2301 & 2200-2302 represent complete part numbers.
COTO TECHNOLOGY
RHOPOINT COMPONENTS LTD,
Email: components@rhopoint.co.uk Website: www.rhopoint.co.uk
2200 Series/Microminiature Reed Relays
Model Number s Par ameter s
2204 Test Conditions Units
2
1 For m A
2211 1 For m C For Shield Option See 2911
5 230 3.8 0.4 12 1500 9.0 1.0
2200-2301 1 For m A Electr ostatic Shield
2200-2302 1 For m A Coaxial Shield
COIL SPECS. Nom. Coil Voltage Coil Resistance Operate Voltage Release Voltage CONTACT RATINGS Switching Voltage Switching Current Carry Current Contact Rating Life Expectancy-Typical Rated Loads Static Contact Resistance (max. init.) Dynamic Contact Resistance (max. init.) RELAY SPECIFICATIONS Insulation Resistance (minimum) Capacitance - Typical Across Open Contacts Dielectric Strength (minimum) Operate Time - including bounce Release Time - Typical Between all Isolated Pins .at 100V, 25C, 40% RH Shield Floating Shield Guarding Between Contacts Contacts to Shield Contacts/Shield to Coil At Nominal Coil Voltage, 30 Hz Square Wave Zener-Diode Suppression pF pF VDC/peak AC VDC/peak AC VDC/peak AC msec. msec. x 1012 0.9 0.2 250 250 1500 0.5 (typ.) 0.1 x 1011 0.9 N/A 200 N/A 1500 1.0 (typ.) 2.0 x 1011 0.9 0.2 250 250 1500 0.55 (max.) 0.1 x 1011 0.9 0.2 250 250 1500 0.55 (max.) 0.1
1
VDC +/- 10%, 25 C Must Operate by Must Release by VDC - Max. VDC - Min.
5 370 3.8 0.4
12 1500 9.0 1.0
5 150 3.6 0.5
5 150 3.6 0.5
Max DC/Peak AC Resist. Max DC/Peak AC Resist. Max DC/Peak AC Resist. Max DC/Peak AC Resist. Signal Level 1.0V,10mA
Volts Amps Amps Watts x 10 Ops. x 10 Ops.
6 6
200 0.5 1.0 10 500 5 0.100 0.200
100 0.25 0.5 3 100 5 0.150 0.200
150 0.5 1.0 10 500 5 0.150 0.200
150 0.5 1.0 10 500 5 0.150 0.200
50mV, 10mA 0.5V, 50mA at 100 Hz, 1.5 msec

Top View: Dot stamped on top of relay refers to pin #1 location Grid = .1"x.1" (2.54mm x 2.54mm)
Environmental Ratings Notes:
1
Consult factory for life expectancy at other switching loads. 2 Model 2204, pin #7 is tied to optional electrostatic shield, pins #6 & #7 are tied to optional coaxial shield.
Storage Temp: -35C to +100C; Operating Temp: -20C to +85C Solder Temp: 270C max; 10 sec. max The operate and release voltage and the coil resistance are specified at 25C. These values vary by approximately 0.4%/C as the ambient temperature varies. Vibration: 20 G's to 2000 Hz; Shock: 50 G's
COTO TECHNOLOGY
RHOPOINT COMPONENTS LTD Holland Rd, Hurst Green, Oxted, Surrey, RH8 9AX,ENGLAND


▲Up To Search▲   

 
Price & Availability of 2211

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X