|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
1SMB5926 - 1SMB5956 3.0 Watts Surface Mount Silicon Zener Diode SMB/DO-214AA .083(2.10) .077(1.95) .147(3.73) .137(3.48) Features For surface mounted applications in order to optimize board space Low profile package Built-in strain relief Glass passivated junction Low inductance High temperature soldering guaranteed: 260oC / 10 seconds at terminals Plastic package has Underwriters Laboratory Flammability Classification 94V-0 .187(4.75) .167(4.25) .012(.31) .006(.15) .103(2.61) .078(1.99) .012(.31) .006(.15) .056(1.41) .035(0.90) .209(5.30) .201(5.10) .008(.20) .004(.10) Mechanical Data Case: Molded plastic over passivated junction Terminals: Pure tin plated lead free,, solderable per MIL-STD-750, Method 2026 Polarity: Color Band denotes positive end (cathode) Standard packaging: 12mm tape (EIA-481) Weight: 0.002 ounces, 0.064 gram Dimensions in inches and (millimeters) Maximum Ratings and Electrical Characteristics Rating at 25 oC ambient temperature unless otherwise specified. Type Number DC Power Dissipation at TL=75oC, measure at Zero Lead Length Derate above 75 oC Thermal Resistance from Junction-to-Lead Symbol PD RJL Value 3.0 40 25 -65 to + 150 Units Watts mW/ oC o C/W o C Operating and Storage Temperature Range TJ, TSTG Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be attached. Version: A06 ELECTRICAL CHARACTERISTICS (TA=25OC Device (Note 1) 1SMB5926 1SMB5927 1SMB5928 1SMB5929 1SMB5930 1SMB5931 1SMB5932 1SMB5933 1SMB5934 1SMB5935 1SMB5936 1SMB5937 1SMB5938 1SMB5939 1SMB5940 1SMB5941 1SMB5942 1SMB5943 1SMB5944 1SMB5945 1SMB5946 1SMB5947 1SMB5948 1SMB5949 1SMB5950 1SMB5951 1SMB5952 1SMB5953 1SMB5954 1SMB5955 1SMB5956 Notes: Device Marking Code 926B 927B 928B 929B 930B 931B 932B 933B 934B 935B 936B 937B 938B 939B 940B 941B 942B 943B 944B 945B 946B 947B 948B 949B 950B 951B 952B 953B 954B 955B 956B Zener Voltage Range (Note 2) Vz @ Izt IZT Nom (V) Min (V) Max (V) 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51 56 62 68 75 82 91 100 110 120 130 150 160 180 200 10.45 11.4 12.35 14.25 15.2 17.1 19 20.9 22.8 25.65 28.5 31.35 34.2 37.05 40.85 44.65 48.45 53.2 58.9 64.6 71.25 77.9 6.45 95 1.4.5 114 123.5 142.5 152 171 190 11.55 12.6 13.65 15.75 16.8 18.9 21 23.1 25.2 28.35 31.5 34.65 37.8 40.95 45.15 49.35 53.55 58.8 65.1 71.4 78.75 86.1 95.55 105 11505 126 136.5 157.5 168 189 210 mA 34.1 31.2 28.8 25.0 23.4 20.8 18.7 17.0 15.6 13.9 12.5 11.4 10.4 9.6 8.7 8.0 7.3 6.7 6.0 5.5 5.0 4.6 4.1 3.7 3.4 3.1 2.9 2.5 2.3 2.1 1.9 unless otherwise noted) IZM IZTC mA(dc) 136 125 115 100 93 83 75 66 62 55 50 45 41 38 34 31 29 26 24 22 20 18 16 15 13 12 11 10 9 8 7 Zener Impedance (Note 3) Leakage Current ZZK @ IZK ZZT @ IZT Ohms Ohms mA 5.5 6.5 7 9 10 12 14 17.5 19 23 28 33 38 45 53 67 70 86 100 120 140 160 200 250 300 380 450 600 700 900 1200 550 550 550 600 600 650 650 650 700 700 750 800 850 900 950 1000 1100 1300 1500 1700 2000 2500 3000 3100 4000 4500 5000 6000 6500 7000 8000 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 IR uA 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 VR V 8.4 9.1 9.9 11.4 12.2 13.7 15.2 16.7 18.2 20.6 22.8 25.1 27.4 29.7 32.7 35.8 38.8 42.6 47.1 51.7 56.0 62.2 69.2 76.0 83.6 91.2 98.8 114.0 121.6 137 152 1. Tolerance and type number designation the type numbers listed indicate a tolerance of 5%. 2. Zener voltage (VZ) measurement Nominal Zener voltage is measured with the device junction in thermal equilibrium o with ambient temperature at 25 C. 3. Zener impedance (ZZ) derivation: ZZT and ZZK are measured by dividing the ac voltage drop across the device by the ac current applied. The specified limits are for IZ(ac) = 0.1 IZ(dc) with the ac frequency = 60 Hz. RATINGS AND CHARACTERISTIC CURVES (1SMB5926 THRU 1SMB5956) FIG.1- STEADY STATE POWER DERATING PD, MAXIMUM POWER DISSIPATION (WATTS) FIG.2- MAXIMUM SURGE POWER 1000 PPK, PEAK SURGE POWER (WATTS) 6 5 500 300 200 100 4 3 TL 2 50 30 20 10 0.1 1 TA 0 25 50 75 o 0 100 125 150 0.2 0.5 1 2 5 10 20 50 100 T, TEMPERATURE( C) PW, PULSE WIDTH (ms) FIG.3- ZENER VOLTAGE - TO 12 VOLTAGES 10 OVZ, TEMPERATURE COEFFICIENT (mV/oC) OVZ, TEMPERATURE COEFFICIENT (mV/oC) FIG.4- ZENER VOLTAGE - 14 TO 200 VOLTAGES 200 8 6 4 2 0 -2 -4 2 VZ @ IZT VZ @ IZT 100 70 50 30 20 4 VZ, ZENER VOLTAGE (VOLTS) 6 8 10 12 10 10 20 VZ, ZENER VOLTAGE (VOLTS) 30 50 70 100 200 100 FIG.5- VZ = 3.3 THRU 10 VOLTS 100 FIG.6- VZ = 12 THRU 82 VOLTS IZ, ZENER CURRENT (mA) 10 IZ, ZENER CURRENT (mA) 10 1 1 0.1 0 1 2 3 4 5 6 7 8 9 10 0.1 0 10 20 30 40 50 60 70 80 90 100 VZ, ZENER VOLTAGE (VOLTS) VZ, ZENER VOLTAGE (VOLTS) Version: A06 RATINGS AND CHARACTERISTIC CURVES (1SMB5926 THRU 1SMB5956) FIG.7- EFFECT OF ZENER VOLTAGE 200 ZZ, DYNAMIC IMPEDANCE (OHMS) FIG.8- EFFECT OF ZENER CURRENT 1000 ZZ, DYNAMIC IMPEDANCE (OHMS) 100 70 50 30 20 10 7 5 3 2 IZ(dc) = 1mA 500 200 100 50 20 10 5.0 2.0 1.0 0.5 1 2 5 10 20 TJ = 25 C IZ(rms)= 0.1 IZ(dc) VZ = 150V 91V 62V o 10mA 20mA 5 7 10 20 30 22V 12V 50 100 IZ(rms)= 0.1 IZ(dc) 50 70 100 6.8V 500 200 IZ, ZENER CURRENT (mA) IZ, ZENER TEST CURRENT (mA) 1000 FIG.9- CAPACITANCE CURVE 10 FIG.10- TYPICAL PULSE RATING CURVE NONREPETITIVE, EXPONENTIAL o PULSE WAVEFORM, TJ = 25 C PPK, PEAK POWER (kW) C, CAPACITANCE (pF) MEASURED @ ZERO BIAS MEASURED @ VZ/2 1 100 0.1 TJ = 25 C 10 10 BREAKDOWN VOLTAGE (VOLTS) o 100 0.01 0.01 0.1 Tp, PULSE WIDTH (ms) 1 10 120 FIG.11- PULSE WAVEFORM 10 s FIG.12- PULSE WAVEFORM 120 Ippm, PEAK PULSE CURRENT (%) 100 80 Ippm, PEAK PULSE CURRENT (%) PEAK VALUE Ippm TA = 25oC PW (ID) IS DEFINED AS THE POINT WHERE THE PEAK CURRENT DECAYS TO 50% OF Ipp- 100 0.9 IPEAK 80 8/20 s WAVEFORM AS DEFINED BY ANSI C62.1 AND IEC 801-5, 60 HALF VALUE - Ipp/2 60 0.5 IPEAK 40 10/1000 s WAVEFORM AS DEFINED BY R.E.A. td 40 20 20 0 0.1 IPEAK 0 1 2 t, TIME (ms) T=8 s 0 0 0.02 0.04 t, TIME (ms) 3 4 5 0.06 0.08 0.1 T 20 s Version: A06 |
Price & Availability of 1SMB5935 |