Part Number Hot Search : 
MDS768 MIW2033 MAX4269 SD104 001118 12S12 NSSW203T 1D148M
Product Description
Full Text Search
 

To Download 1N5408G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Reverse Voltage - 50 to 1000 Volts
DO-201AD
GLASS PASSIVATED SILICON RECTIFIER
FEATURES
1N5400G THRU 1N5408G
Forward Current - 3.0 Amperes
1.0 (25.4) MIN. 0.220 (5.6) 0.197(5.0) DIA.
0.375(9.5) 0.285(7.2)
The plastic package carries Underwriters Laboratory Flammability Classification 94V-0 Construction utilizes void-free molded plastic technique Low reverse leakage High forward surge current capability High temperature soldering guaranteed: 250 C/10 seconds,0.375"(9.5mm) lead length, 5 lbs. (2.3kg) tension
MECHANICAL DATA
1.0 (25.4) MIN. 0.052 (1.3) 0.048 (1.2) DIA.
Dimensions in inches and (millimeters)
Case: JEDEC DO-201AD molded plastic body Terminals: Plated axial leads, solderable per MIL-STD-750, Method 2026 Polarity: Color band denotes cathode end Mounting Position: Any Weight:0.04 ounce, 1.10 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified. Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
SYMBOLS 5400G 5401G 5402G 5403G 5404G 5405G 5406G 5407G 5408G
1N
1N
1N
1N
1N
1N
1N
1N
1N
UNITS
Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current 0.375"(9.5mm) lead length at TA=75 C Peak forward surge current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Maximum instantaneous forward voltage at 3.0A Maximum DC reverse current TA=25 C at rated DC blocking voltage TA=100 C Typical junction capacitance (NOTE 1) Typical thermal resistance (NOTE 2) Operating junction and storage temperature range
VRRM VRMS VDC I(AV) IFSM VF IR CJ RJA TJ,TSTG
50 35 50
100 200 300 400 500 600 800 1000 VOLTS 70 140 210 280 350 420 560 700 VOLTS 100 200 300 400 500 600 800 1000 VOLTS 3.0 200 1.2 5.0 100 30.0 20.0 -65 to +175 Amps Amps Volts A pF C/W C
Note:1.Measured at 1MHz and applied reverse voltage of 4.0V D.C. 2.Thermal resistance from junction to ambient at 0.375"(9.5mm)lead length,P.C.B. mounted
www.shunyegroup.com
RATINGS AND CHARACTERISTIC CURVES 1N5400G THRU 1N5408G
AVERAGE FORWARD RECTIFIED CURRENT, AMPERES
PEAK FORWARD SURGE CURRENT, AMPERES
FIG. 1- FORWARD CURRENT DERATING CURVE
3
FIG. 2-MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
200
2.4
160
1.8
120
1.2
Single Phase Half Wave 60Hz Resistive or inductive Load
80
0.6
40
8.3ms SINGLE HALF SINE-WAVE (JEDEC Method)
0
0
25
50
75
100
125
150
175
0
1
10
100
AMBIENT TEMPERATURE, C
NUMBER OF CYCLES AT 60 Hz
INSTANTANEOUS REVERSE CURRENT, MICROAMPERES
FIG. 3-TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
FIG. 4-TYPICAL REVERSE CHARACTERISTICS
1,000
INSTANTANEOUS FORWARD CURRENT,AMPERES
20 10
100 TJ=150 C
1
10
0.1
TJ=25 C PULSE WIDTH=300 s 1%DUTY CYCLE
1
TJ=100 C
0.01
0.1 TJ=25 C 0.01
0.6
0.8
1.0
1.2
1.4
1.5
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
0
20
40
60
80
100
PERCENT OF PEAK REVERSE VOLTAGE,%
FIG. 5-TYPICAL JUNCTION CAPACITANCE
TRANSIENT THERMAL IMPEDANCE, C/W
FIG. 6-TYPICAL TRANSIENT THERMAL IMPEDANCE
100
JUNCTION CAPACITANCE, pF
200 100 TJ=25 C
10
10
1
0.1
1
0.01
0.1
1
10
100
0.1
1.0
10
100
REVERSE VOLTAGE,VOLTS
t,PULSE DURATION,sec.
www.shunyegroup.com


▲Up To Search▲   

 
Price & Availability of 1N5408G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X