Part Number Hot Search : 
2045C LBN7002 HC273 NTD106B KSV1402 CT300278 C2852 ZMM5228B
Product Description
Full Text Search
 

To Download 1N5408G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N5400G - 1N5408G
PRV : 50 - 1000 Volts Io : 3.0 Amperes
FEATURES :
* * * * * * Glass passivated chip High current capability High reliability Low reverse current Low forward voltage drop Pb / RoHS Free
GLASS PASSIVATED JUNCTION SILICON RECTIFIERS DO - 201AD
1.00 (25.4) MIN.
0.21 (5.33) 0.19 (4.83)
0.375 (9.53) 0.285 (7.24)
MECHANICAL DATA :
* Case : DO-201AD Molded plastic * Epoxy : UL94V-O rate flame retardant * Lead : Axial lead solderable per MIL-STD-202, Method 208 guaranteed * Polarity : Color band denotes cathode end * Mounting position : Any * Weight : 1.16 grams
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
0.052 (1.32) 0.048 (1.22)
1.00 (25.4) MIN.
Dimensions in inches and ( millimeters )
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
RATING Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Current 0.375"(9.5mm) Lead Length Ta = 75 C Peak Forward Surge Current 8.3ms Single half sine wave Superimposed on rated load (JEDEC Method) Maximum Forward Voltage at IF = 3.0 Amps. Maximum DC Reverse Current at rated DC Blocking Voltage Ta = 25 C Ta = 100 C
SYMBOL 1N5400G 1N5401G 1N5402G 1N5404G 1N5406G 1N5407G 1N5408G UNIT VRRM VRMS VDC IF(AV) 50 35 50 100 70 100 200 140 200 400 280 400 3.0 600 420 600 800 560 800 1000 700 1000 V V V A
IFSM VF IR IR(H) CJ RJA TJ TSTG
150 1.0 5.0 50 50 15 - 65 to + 175 - 65 to + 175
A V A A pF C/W C C
Typical Junction Capacitance (Note1) Typical Thermal Resistance (Note2) Junction Temperature Range Storage Temperature Range Notes :
(1) Measured at 1.0 MHz and applied reverse voltage of 4.0VDC (2) Thermal resistance from Junction to Ambient at 0.375" (9.5mm) Lead Lengths, P.C. Board Mounted.
Page 1 of 2
Rev. 02 : March 31, 2005
RATING AND CHARACTERISTIC CURVES ( 1N5400G - 1N5408G )
FIG.1 - DERATING CURVE FOR OUTPUT RECTIFIED CURRENT
3.0 150
AVERAGE FORWARD OUTPUT CURRENT, AMPERES
FIG.2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT PEAK FORWARD SURGE CURRENT, AMPERES
Ta = 25 C
120
2.4
1.8
90
1.2
60
0.6
30
0
0
25
50
75
100
125
150
175
0
1
2
4
6
10
20
40
60
100
CASE TEMPERATURE, ( C) FIG.3 - TYPICAL FORWARD CHARACTERISTICS JUNCTION CAPACITANCE, (pF)
NUMBER OF CYCLES AT 60Hz
FIG 4 . - TYPICAL JUNCTION CAPACITANCE
100
100 50
FORWARD CURRENT, AMPERES
TJ = 25 C
10
10 5
1.0
Pulse Width = 300 s 2% Duty Cycle TJ = 25 C
1 1 2 4 10 20 40
100
REVERSE VOLTAGE, VOLTS
0.1
FIG. 5 - TYPICAL REVERSE CHARACTERISTICS
0.01 0 10 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
Ta = 100 C
REVERSE CURRENT, MICROAMPERES
FORWARD VOLTAGE, VOLTS
1.0
0.1
Ta = 25 C
0.01 0 20 40 60 80 100 120 140
PERCENT OF RATED REVERSE VOLTAGE, (%)
Page 2 of 2
Rev. 02 : March 31, 2005


▲Up To Search▲   

 
Price & Availability of 1N5408G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X