Part Number Hot Search : 
00101 BC857 2N2726 T7214 KS24C020 ADV8005 44400 C1608
Product Description
Full Text Search
 

To Download 1N5408G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N5400G THRU 1N5408G
GLASS PASSIVATED SILICON RECTIFIERS Reverse Voltage - 50 to 1000 V Forward Current - 3 A
Features * High current capability * Glass passivated junction * Low forward voltage drop * Low reverse leakage * The plastic package carries UL flammability classification 94V-0
DO-201AD
1.45 1.15
DIA.
Min. 25.4
5.5 4.9
DIA.
9.2 8.6
Mechanical Data * Case: Molded plastic, DO-201AD (DO-27) * Terminals: Axial leads, solderable per MIL-STD-202, Method 208 * Polarity: color band denotes cathode end * Mounting Position: Any
Min. 25.4
Dimensions in mm
Absolute Maximum Ratings and Characteristics
Ratings at 25 OC ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%. Parameter Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current 0.375" (9.5 mm) Lead Length at TA = 75 OC Peak Forward Surge Current, 8.3 ms Single HalfSine-Wave Superimposed on Rated Load at Tj = 125 OC Maximum Forward Voltage at 3 A DC Maximum Reverse Current at Rated DC Blocking Voltage Typical Junction Capacitance Typical Thermal Resistance
2) 1)
Symbols 1N5400G 1N5401G 1N5402G 1N5403G 1N5404G 1N5405G 1N5406G 1N5407G 1N5408G Units VRRM VRMS VDC IF(AV) 50 35 50 100 70 100 200 140 200 300 210 300 400 280 400 3 500 350 500 600 420 600 800 560 800 1000 700 1000 V V V A
IFSM VF
200 1.1 10 100 35 20 - 55 to + 175 - 55 to + 175
O
A V A pF C/W
O
TA = 25 OC TA = 100 OC
IR CJ RJA Tj Tstg
Operating Junction Temperature Range Storage Temperature Range
1) 2)
C C
O
Measured at 1 MHz and applied reverse voltage of 4 V DC. Thermal resistance from junction to ambient.
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
(R)
Dated : 04/12/2008 B
1N5400G THRU 1N5408G
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
(R)
Dated : 04/12/2008 B


▲Up To Search▲   

 
Price & Availability of 1N5408G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X