Part Number Hot Search : 
XXXGP IRFP450 PS9121 26300 TIP14 A2228 F1034 PMBS3906
Product Description
Full Text Search
 

To Download Y1183150K000A0L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 E102Z
Vishay Foil Resistors
Ultra High Precision Bulk Metal(R) Z-Foil Extended Value Range Resistor, with TCR of 0.2 ppm/C, PCR of 5 ppm Rated Power, Tolerance to 0.005 %, and Power Rated at 0.6 W
FEATURES
* Temperature coefficient of resistance (TCR): - 55 C to + 125 C, + 25 C ref. 0.2 ppm/C typical * Rated power: to 0.3 W at + 125 C, 0.6 W at + 70 C * Tolerance: 0.005 % * Load life stability: to 0.005 % at 70 C, 2000 h at rated power * Resistance range: 100 k to 250 k (higher and lower values of resistance are available) * Electrostatic discharge (ESD) above 25 000 V * Non inductive, non capacitive design * Rise time: 1 ns without ringing * Current noise: < - 40 dB * Thermal EMF: 0.05 V/C typical * Voltage coefficient < 0.1 ppm/V * Low inductance: < 0.08 H typical * Non hot spot design * Terminal finishes available: lead (Pb)-free tin/lead alloy * Matched sets are available on request (TCR tracking: to 0.5 ppm/C)
Any value available within resistance range The Z-foil technology provides a significant reduction of the resistive components sensitivity to ambient temperature variations (TCR) and applied power changes (PCR). Designers can now guarantee a high degree of stability and accuracy in fixed-resistor applications using solutions based on Vishays revolutionary Z-foil technology. The E102Z (0.150" lead spacing) and E102JZ (0.200" lead spacing) extends the range of the ultra high precision Z201 and Z201L. Our application engineering department is available to advise and to make recommendations. For non-standard technical requirements and special applications, please contact us.
FIGURE 1 - TYPICAL TCR CURVE Z-FOIL
+ 500 + 400 + 300 + 200 R R (ppm) + 100 0 - 100 - 200 - 300 - 400 - 500 - 55 - 25 0 + 25 + 60 + 75 + 100 + 125 - 0.16 ppm/C 0.05 ppm/C - 0.1 ppm/C 0.1 ppm/C 0.14 ppm/C 0.2 ppm/C
FIGURE 2 - POWER DERATING CURVE
- 55 C 200 % Double Rated Power 175 % Percent of Rated Power 150 % 125 % 100 % 75 % 50 % 25 % 0 - 75 - 50 - 25 0 + 25 + 50 + 75 + 100 + 125 + 150 + 175 + 200 Ambient Temperature (C) Rated Power + 70 C
Ambient Temperature (C)
TABLE 1 - E102Z SPECIFICATIONS
Temperature Coefficient of Resistance (TCR) - 55 C to + 125 C, + 25 C ref. Stability Load life at 2000 h Load life at 10 000 h Current Noise High Frequency Operation Rise time Inductance (L) Capacitance (C) Voltage Coefficient Thermal EMF 0.2 ppm/C typical, 0.8 ppm/C maximum 0.005 % maximum R at 0.1 W/+ 70 C 0.015 % maximum R at 0.3 W/+ 125 C 0.01 % maximum R at 0.05 W/+ 125 C 0.05 % maximum R at 0.3 W/+ 125 C < - 40 dB 1.0 ns 0.1 H maximum; 0.08 H typical 1.0 pF maximum; 0.5 pF typical < 0.1 ppm/V 0.1 V/C maximum; 0.05 V/C typical
Document Number: 63144 Revision: 28-Feb-08
For any questions, contact: foil@vishay.com
www.vishay.com 1
E102Z
Vishay Foil Resistors Ultra High Precision Bulk Metal(R) Z-Foil Extended Value Range
Resistor, with TCR of 0.2 ppm/C, PCR of 5 ppm Rated Power, Tolerance to 0.005 %, and Power Rated at 0.6 W
FIGURE 3 - TRIMMING TO VALUES (Conceptual Illustration) FIGURE 4 - STANDARD IMPRINTING AND DIMENSIONS
Front View 0.365 (9.27) Date Code 0.235 (5.97) Rear View Optional Customer P/N Print spec., etc. if required XXXXXX 200K00 0.01 % 0.020 (0.51) 0.075 (1.91) Min. Model Number 0.150 (3.81) O 0.025 (0.64) #22 AWG Lead Material - Solder Coated Copper Resistance Value Code Tolerance
Interloop Capacitance Reduction in Series
Current Path Before Trimming Current Path After Trimming Trimming Process Removes this Material from Shorting Strip Area Changing Current Path and Increasing Resistance
0.380 (9.65)
VISHAY XXXX E102Z
Mutual Inductance Reduction due to Opposing Current in Adjacent Lines
Note: Foil shown in black, etched spaces in white
Tolerance: 0.010 (0.25) E102Z lead spacing = 0.150" (3.81) E102JZ lead spacing = 0.200" (5.08) (numbers in parentheses indicate millimeters)
TABLE 2 - GLOBAL PART NUMBER INFORMATION
NEW GLOBAL PART NUMBER: Y1183150K000T9L (preferred part number format) DENOTES PRECISION Y VALUE K = k AER* 0 = standard part, tin/lead termination 9 = standard part, lead (Pb)-free termination 1 - 999 = custom
Y
1
1
8
3
1
5
0
K
0
0
0
T
9
L
PRODUCT CODE 1183 = E102Z 1182 = E102JZ
RESISTANCE TOLERANCE V = 0.005 % T = 0.01 % Q = 0.02 % A = 0.05 % B = 0.1 % C = 0.25 % D = 0.5 % F = 1.0 %
PACKAGING L = bulk pack
FOR EXAMPLE: ABOVE GLOBAL ORDER Y1183 150K000 T 9 L: TYPE: E102Z VALUE: 150.0 k ABSOLUTE TOLERANCE: 0.01 % TERMINATION: lead (Pb)-free PACKAGING: bulk pack HISTORICAL PART NUMBER: E102Z T 150K00 T B (will continue to be used) E102Z MODEL E102Z E102JZ T TERMINATION T = lead (Pb)-free None = tin/lead alloy 150K00 OHMIC VALUE 150K00 = 150.0 k T RESISTANCE TOLERANCE V = 0.005 % T = 0.01 % Q = 0.02 % A = 0.05 % B = 0.1 % C = 0.25 % D = 0.5 % F = 1.0 % B PACKAGING B = bulk pack
Note * Application engineering release: for non-standard requests, please contact application engineering.
www.vishay.com 2
For any questions, contact: foil@vishay.com
Document Number: 63144 Revision: 28-Feb-08
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of Y1183150K000A0L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X