|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Oscillator * VX3 * 1.8 V SMD Oscillator with Stop Function * 7.0 x 5.0 mm actual size preferred type for extended temperature range reflow soldering temperature: 260 C max. full ceramic package 2002/95/EC RoHS compliant Pb free: pins / pads RoHS General Data type frequency range frequency stability over all* VX3 1.8 V 0.5 ~ 125.0MHz 20ppm ~ 100ppm see table 1 current consumption supply voltage VDC temperature operating storage output rise & fall time load max current max. low level max. high level min. output enable time max. output disable time max. start-up time max. standby function standby current max. phase jitter 12 kHz ~ 20.0 MHz symmetry at 0.5 x VDC see table 2 1.8V 10% -10 C ~ +70 C / -40 C ~ +85 C -55 C ~ +125 C see table 3 30pF 2.8mA (<40MHz) / 8.0mA (>40MHz) 0.1 x VDC 0.9 x VDC 10ms 200ns 10ms stop 10A (<40MHz) / 100A (>40MHz) < 1.0ps RMS 45% ~ 55% typ. (40% ~ 60% max.) Table 1: Type stability type VX3 output load -10 C ~ +70 C -40 C ~ +85 C 100 ppm V 30 pF O O O available 50 ppm VH 30 pF O O excludes aging 30 ppm VS 30 pF O O 25 ppm VQ 30 pF O O 20 ppm VP 30 pF * standard * includes stability at 25 C, operating temp. range, supply voltage change, shock and vibration, aging 1st year. Table 2: Current Consumption max. Current at 30pF load 0.50 ~ 19.9 MHz 20.0 ~ 39.9 MHz 40.0 ~ 69.9 MHz 70.0 ~ 94.9 MHz 95.0 ~ 125.0 MHz 7 mA 10 mA 18 mA 25 mA 30 mA Table 3: Rise & Fall Time max. 8.0 ns: 0.5 ~ 1.79 MHz 6.0 ns: 1.8 ~ 69.90 MHz 5.0 ns: 70.00 ~ 99.90 MHz 4.0 ns: 100.00 ~ 125.00 MHz note: - specific data on request - rise time: 0.1 VDC ~ 0.9 VDC - fall time: 0.9 VDC ~ 0.1 VDC Dimensions 7.00.2 1.60.15 #4 #3 5.00.2 1.40.1 #3 #4 2.00.1 4.20.1 1.80.1 pin connection # 1: e/d # 2: ground # 3: output # 4: VDC in mm #1 #2 #2 5.080.1 #1 2.60.1 5.080.1 top view side view bottom view pad layout Order Information Packing Note frequency type option - standard packing units are 500 pieces per reel - non-multiple packing units are only supplied taped / bulk O Oscillator 0.5 ~ 50.0 MHz VX3V-VX3VP see table 1 blank = -10 C ~ +70 C T1 = -40 C ~ +85 C Example: O 20.0-VX3VH (LF = RoHS compliant / Pb free pins or pads) Jauch Quartz GmbH * e-mail: info@jauch.de full data can be found under: www.jauch.de / www.jauch.fr / www.jauchusa.com All specifications are subject to change without notice 030708 Oscillator * VX3 * 1.8 V * Stop Function Taping Specification (JIS-C0806) 1.75 4.0 2.0 0.30.1 120 9.25 16.00.3 17.5 7.4 o 13 o 80 o 180 in mm 2.0 o 21 8.00.2 5.4 o 1.50.1 2.7 500 pcs per reel Direction of feed reel marking: type - OH/H Enable / Disable Function pin #1 (e/d control) open high "1" (VIH 0.8 VDC) low "0" (VIL 0.2 VDC) stop function: * oscillator stops * output high impedance pin #3 (output) active active high impedance Marking type / frequency date code: A ~ M: Jan.- Dec. 7: 2007 8: 2008 9: 2009 Jan. A July G Febr. B Aug. H Mar. C Sept. J Apr. D Oct. K May E Nov. L June F Dec. M Reflow Soldering Profile temperature (C) 260 200 150 100 50 60 ~180 s 60 s max. 10 s max. 260 C max. 220 5 C 180 5 C time (s) note: parts are also suitable for soldering systems with lead (Pb) content Jauch Quartz GmbH * e-mail: info@jauch.de full data can be found under: www.jauch.de / www.jauch.fr / www.jauchusa.com All specifications are subject to change without notice |
Price & Availability of VX3-18V |