Part Number Hot Search : 
BAT46AW ED06D5 2N7002S AD7150 TRRPB SB100 2SK3212 CNX62
Product Description
Full Text Search
 

To Download UL1077 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Altech UL1077/508 Busbar System
UL508 listed E205412
Altech UL1077
UL508 Listed Busbars
The Altech Busbar System is an innovative way to jumper up to 57 poles of Manual Motor Controllers (MMC) and Supplementary Protectors (SP). The advantages of this busbar system are: * * * * 30% Installation time savings Panel space savings Reduced maintenance High electrical ratings
Universal UL1077/508 Busbar fits most Supplementary Protectors and Manual Motor Controllers in the market!
Please contact Altech for details and further information.
UL1077/508 Busbar System
Altech UL508
* 1-57 different pin configurations * 1/2 pole spacing (auxiliary switch) available * Power Feeding: Power Feed Lugs (115A), Direct Power Feed (115A), Power Feed Block (200A) * UL recognized and listed for Altechs R-Series, V-EA Series and MA Series of Manual Motor Controllers and Supplementary Protectors * UL recognized and listed for use with most popular UL1077 supplementary protectors and UL508 Manual Motor Controllers in the market. * Customers can cut the Busbar without losing the UL approval * Line/Load reversible
Technical Specifications Material of Busbar Material of Insulation (Housing) Electrical Ratings Short Circuit Withstand Rating Applying Standards Busbars UL1077/ 508 Copper Polyamid 18mm2: 80A/480VAC 25mm2: 100A/480VAC 10kA UL508, VDE0660 Part 100 and 502, VDE 0606, VDE 0659
4
Altech Corp.(R) * t 908-806-9400 * f 908-806-9490 * www.altechcorp.com
Altech UL1077/508 Busbar System
Power Feed Methods
P50UT* / P50UB*
1) Start/ End Feed Method
With the P50UT Power Feed Lug or the P50UB Modular Direct Power Feed as a Start/End Feeding Device a maximum input current of 80A/100A per Phase can be achieved. 80A with 18mm Busbar and 100A with 25mm Busbar.
80A/100A per phase 1 2 3 (P50UT)
80A/100A
80A/100A
80A/100A
80A/100A
80A/100A
80A/100A
123 80A/100A per phase
(P50UB)
2) Center/ Middle Feed Method
With the P50UT Power Feed Lug or the P50UB Modular Direct Power Feed as a Center/Middle Feeding Device a maximum input current of 115A per Phase can be achieved. (18mm: 80A + 35A; 25mm: 100A + 15A)
115A per phase 1 2 3 (P50UT)
P50UT* / P50UB*
35A/15A
35A/15A
35A/15A
80A/100A 80A/100A 80A/100A
35A/15A
35A/15A
35A/15A
80A/100A 80A/100A 80A/100A
123 115A per phase
(P50UB)
With the P95UB Power Feed Block as a Center/Middle Feeding Device a maximum input current of 160A/200A per Phase can be achieved (160A with 18mm Busbar and 200A with 25mm Busbar). Note: The Power Feed Block can only be used with a standard spacing 3 Phase UL1077/508 Busbar.
1 2 3
P95UB*
80/100A 80/100A 80/100A
80/100A 80/100A 80/100A
(P95UB)
160A/200A per phase
* For complete specifications and description of Feeding Devices see page 12-13.
Altech Corp.(R) * t 908-806-9400 * f 908-806-9490 * www.altechcorp.com
Altech UL508
5
Altech UL1077
1 PHASE BUSBAR - standard spacing
18mm2 for 80A
3.5 mm (0.14 in.)
UL508 listed E205412
56 x 17.8 = 996.8 mm (39.24 in.) 17.8 mm (0.70 in.)
2 mm (0.79 in.) 15 mm (0.59 in.)
Altech UL1077
Type/ Cat. No.
Altech UL508
ACCESSORIES
1P18U1/2 1P18U1/3 1P18U1/4 1P18U1/5 1P18U1/6 1P18U1/7 1P18U1/8 1P18U1/9 1P18U1/10 1P18U1/11 1P18U1/12 1P18U1/13 1P18U1/14 1P18U1/15 1P18U1/16 1P18U1/17 1P18U1/18 1P18U1/19 1P18U1/20 1P18U1/21 1P18U1/22 1P18U1/23 1P18U1/24 1P18U1/25 1P18U1/26 1P18U1/27 1P18U1/28 1P18U1/29
No. of Pins 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29
18mm2 for 80A
1007 mm (39.65 in.)
No. of MMC to Jumper 2x1 pole 3x1 pole 4x1 pole 5x1 pole 6x1 pole 7x1 pole 8x1 pole 9x1 pole 10x1 pole 11x1 pole 12x1 pole 13x1 pole 14x1 pole 15x1 pole 16x1 pole 17x1 pole 18x1 pole 19x1 pole 20x1 pole 21x1 pole 22x1 pole 23x1 pole 24x1 pole 25x1 pole 26x1 pole 27x1 pole 28x1 pole 29x1 pole
Length [mm] 32.5 50.3 68.0 85.8 103.5 121.3 139.0 156.8 174.5 192.3 210.0 227.8 245.5 263.3 281.0 298.8 316.5 334.3 352.0 369.8 387.5 405.3 423.0 440.8 458.5 476.3 494.0 511.8
1P18U1/30 1P18U1/31 1P18U1/32 1P18U1/33 1P18U1/34 1P18U1/35 1P18U1/36 1P18U1/37 1P18U1/38 1P18U1/39 1P18U1/40 1P18U1/41 1P18U1/42 1P18U1/43 1P18U1/44 1P18U1/45 1P18U1/46 1P18U1/47 1P18U1/48 1P18U1/49 1P18U1/50 1P18U1/51 1P18U1/52 1P18U1/53 1P18U1/54 1P18U1/55 1P18U1/56 1P18U1/57
Type/ Cat. No.
No. of Pins 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57
18mm2 for 80A
30x1 31x1 32x1 33x1 34x1 35x1 36x1 37x1 38x1 39x1 40x1 41x1 42x1 43x1 44x1 45x1 46x1 47x1 48x1 49x1 50x1 51x1 52x1 53x1 54x1 55x1 56x1 57x1 pole pole pole pole pole pole pole pole pole pole pole pole pole pole pole pole pole pole pole pole pole pole pole pole pole pole pole pole
No. of MMC to Jumper
Type/Cat. No: Description:
P50UT Power Feed Lug
P50UB Modular Direct Power Feed
BRS5 Insulation Cap
6
Altech Corp.(R) * t 908-806-9400 * f 908-806-9490 * www.altechcorp.com
15 mm (0.59 in.)
Length [mm] 529.5 547.3 565.0 582.8 600.5 618.3 636.0 653.8 671.5 689.3 707.0 724.8 742.5 760.3 778.0 795.8 813.5 831.3 849.0 866.8 884.5 902.3 920.0 937.8 955.5 973.3 991.0 1008.8
1 PHASE BUSBAR - 1/2 pole spacing
18mm2 for 80A
4mm (0.16 in.)
UL508 listed E205412
27 mm (1.06 in.)
36 x 27 = 972 mm (38.27 in.)
2 mm (0.79 in.) 15 mm (0.59 in.)
Type/ Cat. No.
1P18U1H/2 1P18U1H/3 1P18U1H/4 1P18U1H/5 1P18U1H/6 1P18U1H/7 1P18U1H/8 1P18U1H/9 1P18U1H/10 1P18U1H/11 1P18U1H/12 1P18U1H/13 1P18U1H/14 1P18U1H/15 1P18U1H/16 1P18U1H/17 1P18U1H/18 1P18U1H/19
No. of Pins 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19
18mm2 for 80A
982 mm (38.66 in.)
No. of MMC to Jumper 2x1 pole 3x1 pole 4x1 pole 5x1 pole 6x1 pole 7x1 pole 8x1 pole 9x1 pole 10x1 pole 11x1 pole 12x1 pole 13x1 pole 14x1 pole 15x1 pole 16x1 pole 17x1 pole 18x1 pole 19x1 pole
Length [mm] 39.0 66.0 93.0 120.0 147.0 174.0 201.0 228.0 255.0 282.0 309.0 336.0 363.0 390.0 417.0 444.0 471.0 498.0
Type/ Cat. No.
1P18U1H/20 1P18U1H/21 1P18U1H/22 1P18U1H/23 1P18U1H/24 1P18U1H/25 1P18U1H/26 1P18U1H/27 1P18U1H/28 1P18U1H/29 1P18U1H/30 1P18U1H/31 1P18U1H/32 1P18U1H/33 1P18U1H/34 1P18U1H/35 1P18U1H/36
No. of Pins 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36
18mm2 for 80A
20x1 21x1 22x1 23x1 24x1 25x1 26x1 27x1 28x1 29x1 30x1 31x1 32x1 33x1 34x1 35x1 36x1
No. of MMC to Jumper pole pole pole pole pole pole pole pole pole pole pole pole pole pole pole pole pole
Length [mm] 525.0 552.0 579.0 606.0 633.0 660.0 687.0 714.0 741.0 768.0 795.0 822.0 849.0 876.0 903.0 930.0 957.0
ACCESSORIES
Type/Cat. No: Description:
P50UT Power Feed Lug
P50UB Modular Direct Power Feed
BRS5 Insulation Cap
Altech Corp.(R) * t 908-806-9400 * f 908-806-9490 * www.altechcorp.com
Altech UL508
7
Altech UL1077
15 mm (0.59 in.)
2 PHASE BUSBAR - standard spacing
13 mm (.51 in.)
18mm2 for 80A / 25mm2 for 100A
Altech UL1077
End Cap L2 L1
Copper strips Insulation Track 991 mm (39.02 in.)
End Cap
21 mm (0.83 in.)
Type/ Cat. No.
Altech UL508
ACCESSORIES
2P18U3/4 2P18U3/6 2P18U3/8 2P18U3/10 2P18U3/12 2P18U3/14 2P18U3/16 2P18U3/18 2P18U3/20 2P18U3/22 2P18U3/24 2P18U3/26 2P18U3/28 2P18U3/30 2P18U3/32 2P18U3/34 2P18U3/36 2P18U3/38 2P18U3/40 2P18U3/42 2P18U3/44 2P18U3/46 2P18U3/48 2P18U3/50 2P18U3/52 2P18U3/54 2P18U3/56
No. of Pins 4 6 8 10 12 14 16 18 20 22 24 26 28 30 32 34 36 38 40 42 44 46 48 50 52 54 56
18mm2 for 80A
No. of MMC to Jumper 2x2 pole 3x2 pole 4x2 pole 5x2 pole 6x2 pole 7x2 pole 8x2 pole 9x2 pole 10x2 pole 11x2 pole 12x2 pole 13x2 pole 14x2 pole 15x2 pole 16x2 pole 17x2 pole 18x2 pole 19x2 pole 20x2 pole 21x2 pole 22x2 pole 23x2 pole 24x2 pole 25x2 pole 26x2 pole 27x2 pole 28x2 pole
Length [mm] 66.3 101.8 137.3 172.8 208.3 243.8 279.3 314.8 350.3 385.8 421.3 456.8 492.3 527.8 563.3 598.8 634.3 669.8 705.3 740.8 776.3 811.8 847.3 882.8 918.3 953.8 989.3
Type/ Cat. No.
2P25U3/4 2P25U3/6 2P25U3/8 2P25U3/10 2P25U3/12 2P25U3/14 2P25U3/16 2P25U3/18 2P25U3/20 2P25U3/22 2P25U3/24 2P25U3/26 2P25U3/28 2P25U3/30 2P25U3/32 2P25U3/34 2P25U3/36 2P25U3/38 2P25U3/40 2P25U3/42 2P25U3/44 2P25U3/46 2P25U3/48 2P25U3/50 2P25U3/52 2P25U3/54 2P25U3/56
No. of Pins 4 6 8 10 12 14 16 18 20 22 24 26 28 30 32 34 36 38 40 42 44 46 48 50 52 54 56
25mm2 for 100A
2x2 pole 3x2 pole 4x2 pole 5x2 pole 6x2 pole 7x2 pole 8x2 pole 9x2 pole 10x2 pole 11x2 pole 12x2 pole 13x2 pole 14x2 pole 15x2 pole 16x2 pole 17x2 pole 18x2 pole 19x2 pole 20x2 pole 21x2 pole 22x2 pole 23x2 pole 24x2 pole 25x2 pole 26x2 pole 27x2 pole 28x2 pole
No. of MMC to Jumper
Type/Cat. No: Description: 8
P50UT Power Feed Lug
P50UB Modular Direct Power Feed
BRS5 Insulation Cap
18/25CAP3P End Cap
Altech Corp.(R) * t 908-806-9400 * f 908-806-9490 * www.altechcorp.com
37 mm (1.46 in.)
UL508 listed E205412
7 mm (0.28 in.)
L2 L1
55 x 17.75 = 976 mm (38.43 in.) 17.75 mm (0.70 in.)
2 mm (.079 in.)
Length [mm] 66.3 101.8 137.3 172.8 208.3 243.8 279.3 314.8 350.3 385.8 421.3 456.8 492.3 527.8 563.3 598.8 634.3 669.8 705.3 740.8 776.3 811.8 847.3 882.8 918.3 953.8 989.3
2 PHASE BUSBAR - 1/2 pole spacing
13 mm (.51 in.)
18mm2 for 80A / 25mm2 for 100A
21 mm (0.83 in.) 1009 mm (39.72 in.)
Type/ Cat. No.
ACCESSORIES
Type/Cat. No: Description:
P50UT Power Feed Lug
P50UB Modular Direct Power Feed
BRS5 Insulation Cap
18/25CAP3P End Cap 9
Altech Corp.(R) * t 908-806-9400 * f 908-806-9490 * www.altechcorp.com
Altech UL508
2P18U3H/4 2P18U3H/6 2P18U3H/8 2P18U3H/10 2P18U3H/12 2P18U3H/14 2P18U3H/16 2P18U3H/18 2P18U3H/20 2P18U3H/22 2P18U3H/24 2P18U3H/26 2P18U3H/28 2P18U3H/30 2P18U3H/32 2P18U3H/34 2P18U3H/36 2P18U3H/38 2P18U3H/40 2P18U3H/42 2P18U3H/44 2P18U3H/46 2P18U3H/48 2P18U3H/50 2P18U3H/52 2P18U3H/54 2P18U3H/56
No. of Pins 4 6 8 10 12 14 16 18 20 22 24 26 28 30 32 34 36 38 40 42 44 46 48 50 52 54 56
18mm2 for 80A
No. of MMC to Jumper 2x2 pole 3x2 pole 4x2 pole 5x2 poles 6x2 pole 7x2 pole 8x2 pole 9x2 pole 10x2 pole 11x2 pole 12x2 pole 13x2 pole 14x2 pole 15x2 pole 16x2 pole 17x2 pole 18x2 pole 19x2 pole 20x2 pole 21x2 pole 22x2 pole 23x2 pole 24x2 pole 25x2 pole 26x2 pole 27x2 pole 28x1 pole
Length [mm]
75.3 119.8 164.3 208.8 253.3 297.8 342.3 386.8 431.3 475.8 520.3 564.8 609.3 653.8 698.3 742.8 787.3 831.8 876.3 920.8 965.3 1009.8 1054.3 1098.8 1143.3 1187.8 1232.3
Type/ Cat. No.
2P25U3H/4 2P25U3H/6 2P25U3H/8 2P25U3H/10 2P25U3H/12 2P25U3H/14 2P25U3H/16 2P25U3H/18 2P25U3H/20 2P25U3H/22 2P25U3H/24 2P25U3H/26 2P25U3H/28 2P25U3H/30 2P25U3H/32 2P25U3H/34 2P25U3H/36 2P25U3H/38 2P25U3H/40 2P25U3H/42 2P25U3H/44 2P25U3H/46 2P25U3H/48 2P25U3H/50 2P25U3H/52 2P25U3H/54 2P25U3H/56
No. of Pins 4 6 8 10 12 14 16 18 20 22 24 26 28 30 32 34 36 38 40 42 44 46 48 50 52 54 56
25mm2 for 100A
No. of MMC to Jumper 2x2 pole 3x2 pole 4x2 pole 5x2 pole 6x2 pole 7x2 pole 8x2 pole 9x2 pole 10x2 pole 11x2 pole 12x2 pole 13x2 pole 14x2 pole 15x2 pole 16x2 pole 17x2 pole 18x2 pole 19x2 pole 20x2 pole 21x2 pole 22x2 pole 23x2 pole 24x2 pole 25x2 pole 26x2 pole 27x2 pole 28x2 pole
Length [mm] 75.3 119.8 164.3 208.8 253.3 297.8 342.3 386.8 431.3 475.8 520.3 564.8 609.3 653.8 698.3 742.8 787.3 831.8 876.3 920.8 965.3 1009.8 1054.3 1098.8 1143.3 1187.8 1232.3
37 mm (1.46 in.)
UL508 listed E205412
Altech UL1077
7 mm (0.28 in.)
22 x 44.5 = 979 mm (38.54 in.) 44.5 mm (1.75 in.) 17.8 mm (0.70 in.)
2 mm (.079 in.)
3 PHASE BUSBAR - standard spacing
18mm2 for 80A / 25mm2 for 100A
7 mm (0.28 in.) 56 x 17.75 = 994 mm (39.13 in.) 17.75 mm (0.70 in.) 13 mm (.51 in.) 2 mm (.079 in.) 37 mm (1.46 in.)
Altech UL1077
UL508 listed E205412
L3 L2 L1
End Cap L3 L2 L1
Copper strips Insulation Track 1009 mm (39.72 in.)
21 mm End Cap (0.83 in.)
Type/ Cat. No.
3P18U3/6 3P18U3/9 3P18U3/12 3P18U3/15 3P18U3/18 3P18U3/21 3P18U3/24 3P18U3/27 3P18U3/30 3P18U3/33 3P18U3/36 3P18U3/39 3P18U3/42 3P18U3/45 3P18U3/48 3P18U3/51 3P18U3/54 3P18U3/57
No. of Pins 6 9 12 15 18 21 24 27 30 33 36 39 42 45 48 51 54 57
18mm2 for 80A
No. of MMC to Jumper 2x3 pole 3x3 pole 4x3 pole 5x3 pole 6x3 pole 7x3 pole 8x3 pole 9x3 pole 10x3 pole 11x3 pole 12x3 pole 13x3 pole 14x3 pole 15x3 pole 16x3 pole 17x3 pole 18x3 pole 19x3 pole
Length [mm] 101.8 155.0 208.3 261.5 314.8 368.0 421.3 474.5 527.8 581.0 634.3 687.5 740.8 794.0 847.3 900.5 953.8 1007.0
Type/ Cat. No.
3P25U3/6 3P25U3/9 3P25U3/12 3P25U3/15 3P25U3/18 3P25U3/21 3P25U3/24 3P25U3/27 3P25U3/30 3P25U3/33 3P25U3/36 3P25U3/39 3P25U3/42 3P25U3/45 3P25U3/48 3P25U3/51 3P25U3/54 3P25U3/57
No. of Pins 6 9 12 15 18 21 24 27 30 33 36 39 42 45 48 51 54 57
25mm2 for 100A
No. of MMC to Jumper 2x3 pole 3x3 pole 4x3 pole 5x3 pole 6x3 pole 7x3 pole 8x3 pole 9x3 pole 10x3 pole 11x3 pole 12x3 pole 13x3 pole 14x3 pole 15x3 pole 16x3 pole 17x3 pole 18x3 pole 19x3 pole
Length [mm] 101.8 155.0 208.3 261.5 314.8 368.0 421.3 474.5 527.8 581.0 634.3 687.5 740.8 794.0 847.3 900.5 953.8 1007.0
Altech UL508
ACCESSORIES
Type/Cat. No: Description:
P50UT Power Feed Lug
P50UB Modular Direct Power Feed
P95UB Power Feed Block
Type/Cat. No: Description: 10
BRS5 Insulation Cap
18/25CAP3P End Cap
Altech Corp.(R) * t 908-806-9400 * f 908-806-9490 * www.altechcorp.com
3 PHASE BUSBAR - 1/2 pole spacing
18mm2 for 80A / 25mm2 for 100A
17.8 mm (0.70 in.) 62.3 mm (2.45 in.) 13 mm (.51 in.) 15 x 62.3 = 934.5 mm 2 mm (.079 in.)
UL508 listed E205412
21 mm (0.83 in.) 982 mm (38.66 in.)
Type/ Cat. No.
3P18U3H/6 3P18U3H/9 3P18U3H/12 3P18U3H/15 3P18U3H/18 3P18U3H/21 3P18U3H/24 3P18U3H/27 3P18U3H/30 3P18U3H/33 3P18U3H/36 3P18U3H/39 3P18U3H/42 3P18U3H/45 3P18U3H/48 3P18U3H/51 3P18U3H/54 3P18U3H/57
No. of Pins 6 9 12 15 18 21 24 27 30 33 36 39 42 45 48 51 54 57
18mm2 for 80A
No. of MMC to Jumper 2x3 pole 3x3 pole 4x3 pole 5x3 pole 6x3 pole 7x3 pole 8x3 pole 9x3 pole 10x3 pole 11x3 pole 12x3 pole 13x3 pole 14x3 pole 15x3 pole 16x3 pole 17x3 pole 18x3 pole 19x3 pole
Length [mm] 110.8 173.1 235.4 297.7 360.0 422.3 484.6 546.9 609.2 671.5 733.8 796.1 858.4 920.7 983.0 1045.3 1107.6 1169.9
Type/ Cat. No.
3P25U3H/6 3P25U3H/9 3P25U3H/12 3P25U3H/15 3P25U3H/18 3P25U3H/21 3P25U3H/24 3P25U3H/27 3P25U3H/30 3P25U3H/33 3P25U3H/36 3P25U3H/39 3P25U3H/42 3P25U3H/45 3P25U3H/48 3P25U3H/51 3P25U3H/54 3P25U3H/57
No. of Pins 6 9 12 15 18 21 24 27 30 33 36 39 42 45 48 51 54 57
25mm2 for 100A
No. of MMC to Jumper 2x3 pole 3x3 pole 4x3 pole 5x3 pole 6x3 pole 7x3 pole 8x3 pole 9x3 pole 10x3 pole 11x3 pole 12x3 pole 13x3 pole 14x3 pole 15x3 pole 16x3 pole 17x3 pole 18x3 pole 19x3 pole
Type/Cat. No: Description:
P50UT Power Feed Lug
P50UB Modular Direct Power Feed
Type/Cat. No: Description:
BRS5 Insulation Cap
18/25CAP3P End Cap 11
Altech Corp.(R) * t 908-806-9400 * f 908-806-9490 * www.altechcorp.com
Altech UL508
ACCESSORIES
37 mm (1.46 in.)
7 mm (0.28)
Length [mm] 110.8 173.1 235.4 297.7 360.0 422.3 484.6 546.9 609.2 671.5 733.8 796.1 858.4 920.7 983.0 1045.3 1107.6 1169.9
Altech UL1077
Power Feed Devices
Altech UL1077
Easy connection of power supply wires to the busbar/MCB. Power Feed Devices ensure permanent connection.
Power Feed Lug
UL508 listed E205412
Modular Direct Power Feed
UL508 listed E205412
Type/Cat. No. Electrical Ratings Terminal Site Acceptability Recommended/ Required Torque Material of Lug/ Terminal Insulation Material For use with
Dimensions
5.6Nm (50lb. in.) Brass Polyamid UL1077/508 18 and 25mm2 1-3 phase busbars
P50UT 115A/480VAC 10-1/0 AWG (1.5-50mm2)
4Nm (35.4 lb. in.) Brass Polyamid UL1077/508 18 and 25mm2 1-3 phase busbars
P50UB 115A/480VAC 14-1 AWG (1.5-50mm2)
16 mm (0.63 in.) 28.5 mm (1.12 in.) 21 mm (0.83 in.)
11 mm (0.43 in.) 59 mm (2.32 in.)
6.8 mm (0.27 in.)
3 mm (0.12 in.)
Altech UL508
Assembly Instructions
The power feed lugs (Cat. # P50UT) fit together with the lugs of the busbar in the terminals of the MCB/MA.
12
Altech Corp.(R) * t 908-806-9400 * f 908-806-9490 * www.altechcorp.com
Power Feed Block
Miscellaneous Accessories
UL508 listed E205412
Dimensions
Type/Cat. No. Electrical Ratings Terminal Site Acceptability Recommended/ Required Torque Material of Lug/ Terminal Insulation Material For use with
Brass Polyamid UL1077/508 18 and 25mm2 3 phase busbars (standard spacing only)
P95UB 200A/ 480VAC 1-4/0 AWG (50-120mm2) 19.5Nm (175lb. in.)
Type/Cat. No: For use with:
18/25CAP3P 18/25mm2 2&3 phase Busbar
Insulation Caps
DIN Rail Clip 43.5 mm (1.71 in.)
31.6 mm (1.24 in.) 35.6 mm (1.40 in.) A
31.6 mm (1.24 in.) 35.6 mm B (1.40 in.) 63 mm (2.48 in.) 63 mm (2.48 in.)
Type/Cat. No: For use with:
BRS5 (5 per strip) 18/25mm2 1-3 phase Busbar
1 1
2 2
3 3
1 4
2 5
3 6
Phase Pin
Phase 1
Phase 2 Phase 3
Altech Corp.(R) * t 908-806-9400 * f 908-806-9490 * www.altechcorp.com
Altech UL508
13
Assembly Instructions
88.5 mm (3.48 in.)
A
B
NOTE: The Power Feed Block uses the space of 5 Pins of the standard spacing Busbar (see drawing below). Phase 1 connects to Pin 1, Phase 2 to Pin 3 and Phase 3 to Pin 5. Pin 2 and 4 are not in use. Pin 6 should be covered with an insulation cap if phase sequence stays the same. Therefore, the Power Feed Block covers 6 pins to connect to the three phases.
Altech UL1077
End Caps


▲Up To Search▲   

 
Price & Availability of UL1077

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X